Part Number Hot Search : 
TA7673 F0140 63000 LLZ16B E914ID 2SD16 BD933 PT3935
Product Description
Full Text Search
 

To Download BYT62 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYT62
Vishay Telefunken
Silicon Mesa Rectifier
Features
D D D D
Glass passivated junction Hermetically sealed package Controlled avalanche characteristic Low reverse current
Applications
High voltage rectifier
94 9539
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage =Repetitive peak reverse voltage Peak forward surge current Average forward current Non repetitive reverse avalanche energy Junction temperature Storage temperature range Test Conditions Type Symbol VR =VRRM IFSM IFAV ER Tj Tstg Value 2400 10 350 60 175 -55...+190 Unit V A mA mJ
tp=10ms, half sinewave Tamb=25C, RthJA I(BR)R=1A, inductive load
x60K/W
C C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions l=10mm, TL=constant Symbol RthJA Value 60 Unit K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Test Conditions IF=200mA IF=1A IF=1A, Tj=175C IF=1A, Tj=-40C VR=VRRM VR=VRRM, Tj=175C VR=VRRM, Tj=-40C IR=100mA IF=0.5A, IR=1A, iR=0.25A Type Symbol VF VF VF VF IR IR IR V(BR)R trr Min Typ Max 3.0 3.6 2.9 4.0 5 250 400 5 Unit V V V V
Reverse current
mA mA
nA V
Reverse breakdown voltage Reverse recovery time
2500
ms
Document Number 86033 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (3)
BYT62
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
PR - Maximum Reverse Power Dissipation ( mW ) 600 I F - Forward Current ( A ) 500 400 300 RthJA=60K/W 200 100 0 0 40 80 120 VR = VR RM 160 200
95 9727
10 Tj = +175C 1
RthJA=30K/W
0.1
Tj = +25C
0.01
Tj = -40C
0.001 0 1 2 3 4 5 6 7 VF - Forward Voltage ( V )
95 9725
Tj - Junction Temperature ( C )
Figure 1. Max. Reverse Power Dissipation vs. Junction Temperature
1000 I R - Reverse Current ( mA ) VR = VR RM 100
Figure 3. Max. Forward Current vs. Forward Voltage
10
1
0.1 0
95 9726
40
80
120
160
200
Tj - Junction Temperature ( C )
Figure 2. Max. Reverse Current vs. Junction Temperature
Dimensions in mm
3.6 max. Sintered Glass Case SOD 57 Weight max. 0.5 g Cathode Identification
technical drawings according to DIN specifications 94 9538
0.82 max.
26 min.
4.2 max.
26 min.
www.vishay.de * FaxBack +1-408-970-5600 2 (3)
Document Number 86033 Rev. 2, 24-Jun-98
BYT62
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 86033 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (3)


▲Up To Search▲   

 
Price & Availability of BYT62

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X