Part Number Hot Search : 
C3500 ECXXXXX 15008 1608B C3500 BAV23S B60100 PS8103
Product Description
Full Text Search
 

To Download BY249-800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Rectifier diodes general purpose
FEATURES
* Low forward volt drop * High thermal cycling performance * Low thermal resistance
BY249 series
SYMBOL
QUICK REFERENCE DATA
VR = 300 V / 600 V / 800 V VF 1.05 V IF(AV) = 7 A IFSM 60 A
k 1
a 2
GENERAL DESCRIPTION
Glass-passivated double diffused rectifier diodes. The devices are intended for low frequency power rectifier applications. The BY249 series is supplied in the conventional leaded SOD59 (TO220AC) package.
PINNING
PIN 1 2 tab DESCRIPTION cathode anode cathode
SOD59 (TO220AC)
tab
1
2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER VRSM VRRM VRWM VR IF(AV) IF(RMS) IFRM IFSM Peak non-repetitive reverse voltage Peak repetitive reverse voltage Crest working reverse voltage Continuous reverse voltage Average forward current1 RMS forward current Peak repetitive forward current Peak non-repetitive forward current. I2t for fusing Storage temperature Operating junction temperature sinusoidal; a = 1.57; Tmb 131 C sinusoidal; a = 1.57; t = 10 ms t = 8.3 ms sinusoidal; Tj = 150 C prior to surge; with reapplied VRWM(max) t = 10 ms CONDITIONS BY249 -40 MIN. MAX.UNIT -300 300 300 200 200 -600 600 600 500 500 7 11 60 60 66 18 150 150 -800 800 800 700 700 UNIT V V V V A A A A A A2s C C
I2t Tstg Tj
1 Neglecting switching and reverse current losses. September 1998 1 Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes general purpose
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS MIN. in free air. -
BY249 series
TYP. 60
MAX. 2.0 -
UNIT K/W K/W
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL VF IR PARAMETER Forward voltage Reverse current CONDITIONS IF = 20 A IF = 5 A; Tj = 100 C VR = VRWM; Tj = 125 C MIN. TYP. 1.2 0.9 0.1 MAX. 1.6 1.05 0.4 UNIT V V mA
September 1998
2
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes general purpose
BY249 series
15
PF / W
Vo = 1.0120 V Rs = 0.0200 Ohms
BY249
Tmb(max) / C 120 D = 1.0
80 70
IFS(RMS) / A
BY229
IFSM
10 0.2 0.1 5
0.5
60
130
50 40
tp tp T t
I
D=
140
30 20 10
T
0
0
2
4
6 IF(AV) / A
8
10
150 12
0 1ms 10ms 0.1s tp / s 1s 10s
Fig.1. Maximum forward dissipation PF = f(IF(AV)); square wave where IF(AV) =IF(RMS) x D.
Fig.3. Maximum non-repetitive rms forward current. IF = f(tp); sinusoidal current waveform; Tj = 150C prior to surge with reapplied VRWM.
BY249 typ max
15
PF / W
Vo = 1.012 V Rs = 0.02 Ohms
BY249
Tmb(max) / C
120
30
IF / A Tj = 100 C Tj = 25 C
10 1.9 2.2 2.8 4 5
a = 1.57
130
20
140
10
0 0 2 4 IF(AV) / A 6
150 8
0 0 0.5 1 VF / V 1.5 2
Fig.2. Maximum forward dissipation PF = f(IF(AV)); sinusoidal current waveform where a = form factor = IF(RMS) / IF(AV).
Fig.4. Typical and maximum forward characteristic IF = f(VF); parameter Tj
10
Transient thermal impedance, Zth j-mb (K/W)
1
0.1
0.01
P D
tp
D=
tp T t
0.001 1us
T
10us
100us 1ms 10ms 100ms 1s pulse width, tp (s) BY229
10s
Fig.5. Transient thermal impedance Zth = f(tp)
September 1998
3
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes general purpose
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
BY249 series
4,5 max
10,3 max
1,3
3,7 2,8
5,9 min
3,0 max not tinned 3,0
15,8 max
13,5 min
1,3 max 1 (2x)
2
0,9 max (2x)
0,6
2,4
5,08
Fig.6. SOD59 (TO220AC). pin 1 connected to mounting base.
Notes 1. Refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1998
4
Rev 1.300
Philips Semiconductors
Product specification
Rectifier diodes general purpose
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BY249 series
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1998
5
Rev 1.300


▲Up To Search▲   

 
Price & Availability of BY249-800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X