Part Number Hot Search : 
2945M3 MM3Z3V3 002096 SI9529DY SABC503 220CA 24012 2SK2957S
Product Description
Full Text Search
 

To Download BY127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N 5391 ... 1N 5399, BY 127 Silicon Rectifiers Silizium Gleichrichter
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1.5 A 50...1000 V DO-15 DO-204AC 0.4 g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
see page 16 siehe Seite 16
Maximum ratings Type Typ 1N 5391 1N 5392 1N 5393 1N 5394 1N 5395 1N 5396 1N 5397 1N 5398 1N 5399 BY 127 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 300 400 500 600 800 1000 800
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 100 200 300 400 500 600 800 1000 1200 1250 1.5 A 1) 0.9 A 1) 10 A 1) 50 A 12.5 A2s
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms
1
TA = 50/C TA = 100/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFAV IFRM IFSM i2t
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 60 28.02.2002
1N 5391 ... 1N 5399, BY 127 Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+175/C - 50...+175/C
Characteristics Forward voltage - Durchlaspannung Leakage current Sperrstrom Tj = 25/C Tj = 25/C Tj = 100/C IF = 1.5 A VR = VRRM VR = VRRM VF IR IR RthA
Kennwerte < 1.3 V < 10 :A < 50 :A < 45 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 28.02.2002
61


▲Up To Search▲   

 
Price & Availability of BY127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X