|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HiRel Silicon PIN Diode Features HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals Very low capacitance Hermetically sealed microwave package qualified ESA/SCC Detail Spec. No.: 5513/017 Electrostatic discharge sensitive device, observe handling precautions! T BXY 42 ESD: T1 Type BXY 42-T (ql) BXY 42-T1 (ql) Marking - Ordering Code see below see below Pin Configuration Package T T1 (ql) Quality Level: P: Professional Quality, Ordering Code: Q62702X143 H: High Rel Quality, S: Space Quality, Ordering Code: on request Ordering Code: on request ES: ESA Space Quality, Ordering Code: Q62702X168 (see Chapter Order Instructions for ordering example) Semiconductor Group 1 Draft A03 1998-04-01 BXY 42 Table 1 Parameter Maximum Ratings Symbol 1) Limit Values 50 5 600 350 Unit V A mW Reverse voltage Peak forward current Power dissipation BXY 42-T BXY 42-T1 Operating temperature range Storage temperature range Soldering temperature Junction temperature Thermal resistance junction-case BXY 42-T BXY 42-T1 1) VR IFM Ptot Top Tstg Tsol Tj Rth(j-c) - 55 to + 150 - 65 to + 175 + 250 175 200 350 C C C C K/W At tp = 1.0 ms, duty cycle = 0.001%. Semiconductor Group 2 Draft A03 1998-04-01 BXY 42 Electrical Characteristics Table 2 Parameter Reverse current 1 VR1 = 50 V Reverse current 2 DC Characteristics at TA = 25 C unless otherwise specified Symbol min. Limit Values typ. 0.97 max. 10 5 1.1 mA nA V Unit IR1 IR2 VF VR2 = 40 V Forward voltage IF = 100 mA Table 3 Parameter Total capacitance VR = 50 V, f = 1 MHz Forward resistance f = 100 MHz, IF1 = 1 mA Forward resistance f = 100 MHz, IF2 = 10 mA Minority carrier lifetime IF = 10 mA, IR = 6 mA, IR = 3 mA AC Characteristics at TA = 25 C unless otherwise specified Symbol min. Limit Values typ. 0.20 2 1 50 max. 0.24 3.5 2.5 pF W W ns 35 Unit CT RF1 RF2 tL Semiconductor Group 3 Draft A03 1998-04-01 BXY 42 Order Instructions Full type variant including package variant and quality level must be specified by the orderer. For HiRel Discrete and Microwave Semiconductors the ordering code specifies device family and quality level only. Ordering Form: Ordering Code: QE BXY42- (x) (ql) (x): Package Variant (ql): Quality Level Ordering Example: Ordering Code: Q62702X168 BXY42-T1 ES For BXY42 in T1 Package; ESA Space Quality Level Further Information See our WWW-Pages: Discrete and RF-Semiconductors (Small Signal Semiconductors) www.siemens.de/semiconductor/products/35/35.htm HiRel Discrete and Microwave Semiconductors www.siemens.de/semiconductor/products/35/353.htm Please contact also our marketing division: Tel.: ++89 6362 4480 Fax.: ++89 6362 5568 e-mail: martin.wimmers@hl.siemens.de Semiconductor Group 4 Draft A03 1998-04-01 BXY 42 Figure 1 Symbol T Package Millimetre min. max. 1.45 1.35 0.40 1.30 1.15 - A B C Semiconductor Group 5 Draft A03 1998-04-01 BXY 42 Figure 2 Symbol T1 Package Millimetre min. max. 1.45 1.35 0.40 0.50 0.30 0.10 0.60 1.30 1.15 0.10 0.06 5.50 0.40 A B C D E F G H Semiconductor Group 6 Draft A03 1998-04-01 |
Price & Availability of BXY42-T1 |