Part Number Hot Search : 
LTC8143 MAX3212 A106M MAX452 41000 2SC5537 15041351 IC16F6
Product Description
Full Text Search
 

To Download BUZ908 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAGNA
TEC
25.0
+0.1 -0.15
BUZ907 BUZ908
MECHANICAL DATA Dimensions in mm
P-CHANNEL POWER MOSFET
8.7 Max. 1.50 Typ. 11.60 0.3
10.90 0.1
POWER MOSFETS FOR AUDIO APPLICATIONS
30.2 0.15
O 20 M ax.
39.0 1.1
16.9 0.15
1
2
O 1.0
FEATURES
* HIGH SPEED SWITCHING * SEMEFAB DESIGNED AND DIFFUSED * HIGH VOLTAGE (220V & 250V) * HIGH ENERGY RATING
R 4.0 0.1
R 4.4 0.2
* ENHANCEMENT MODE * INTEGRAL PROTECTION DIODES * COMPLIMENTARY N-CHANNEL BUZ902 & BUZ903 Case - Source
TO-3
Pin 1 - Gate Pin 2 - Drain
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25C unless otherwise stated) VDSX Drain - Source Voltage VGSS ID ID(PK) PD Tstg Tj RJC Gate - Source Voltage Continuous Drain Current Body Drain Diode Total Power Dissipation Storage Temperature Range Maximum Operating Junction Temperature Thermal Resistance Junction - Case @ Tcase = 25C BUZ907 -220V 14V -8A -8A 125W -55 to 150C 150C 1C/W BUZ908 -250V
Magnatec.
Telephone (01455) 554711. Fax (01455) 558843
Prelim. 01/97
MAGNA
TEC
Characteristic
BVDSX BVGSS VGS(OFF) VDS(SAT)* RDS(on)*
BUZ907 BUZ908
STATIC CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Test Conditions
BUZ907 BUZ908 IG = 100A ID = -100mA ID = -8A ID = -8A VDS = -220V IDSX Drain - Source Cut-Off Current VGS = 10V BUZ907 VDS = -250V BUZ908 yfs* Forward Transfer Admittance VDS = -10V ID = -3A 0.7 2 S -10 mA ID = -10mA Gate - Source Breakdown Voltage VDS = 0 Gate - Source Cut-Off Voltage Drain - Source Saturation Voltage Static - Source Resistance VDS = -10V VGD = 0 VGS = -10
Min.
-220 -250 14 -0.15
Typ.
Max.
Unit
V V V
Drain - Source Breakdown Voltage VGS = 10V
-1.5 -12 1.5 -10
V V mA
DYNAMIC CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Characteristic
Ciss Coss Crss ton toff Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Time Turn-off Time
Test Conditions
VDS = -10V f = 1MHz VDS = -20V ID = -5A
Min.
Typ.
TBA TBA TBA TBA TBA
Max.
Unit
pF
ns
* Pulse Test: Pulse Width = 300s , Duty Cycle 2%.
D
G
S
Magnatec.
Telephone (01455) 554711. Fax (01455) 558843
Prelim. 01/97


▲Up To Search▲   

 
Price & Availability of BUZ908

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X