Part Number Hot Search : 
TB0612A A2168 33AD1 6DN2550M SMB36A LP101 SMCJ51CA TDA8102B
Product Description
Full Text Search
 

To Download BUZ30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 30A
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 30A
200 V
21 A
0.13
TO-220 AB
C67078-S1303-A3
Maximum Ratings Parameter Symbol Values Unit
Continuous drain current
ID
21
A
TC = 26 C
Pulsed drain current
IDpuls
84
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
21 12 mJ
ID = 21 A, VDD = 50 V, RGS = 25 L = 1.53 mH, Tj = 25 C
Gate source voltage Power dissipation 450
VGS Ptot
20
125
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150
C
1
75 E 55 / 150 / 56
K/W
Data Sheet
1
06.99
BUZ 30A
Electrical Characteristics, at Tj = 25C, unless otherwise specified
Parameter
Symbol min.
Values typ. max.
Unit
Static Characteristics
Drain- source breakdown voltage
V(BR)DSS
200 -
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1 3 4 A 0.1 10 1 100 nA 10 100
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
VDS = 200 V, VGS = 0 V, Tj = 25 C VDS = 200 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
0.1 0.13
VGS = 10 V, ID = 13.5 A
Data Sheet
2
06.99
BUZ 30A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Values typ. max. Unit
Transconductance
gfs
6 15 -
S
VDS 2 * ID * RDS(on)max, ID = 13.5 A
Input capacitance
Ciss
1400 1900
pF
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
Coss
280 400
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
130 200 ns
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time 30 45
tr
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time 70 110
td(off)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time 250 320
tf
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
90 120
Data Sheet
3
06.99
BUZ 30A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Values typ. max. Unit
Inverse diode continuous forward current
IS
21
A
TC = 25 C
Inverse diode direct current,pulsed
ISM
84 V 1.2 1.6 ns 180 C 1.2 -
TC = 25 C
Inverse diode forward voltage
VSD
VGS = 0 V, IF = 42 A
Reverse recovery time
trr
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
Qrr
VR = 100 V, IF=lS, diF/dt = 100 A/s
Data Sheet
4
06.99
BUZ 30A
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
22 A
130 W 110
Ptot
100 90 80 70 60 50 40 30
ID
18 16 14 12 10 8 6 4
20 10 0 0 20 40 60 80 100 120 C 160 2 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1 K/W
A 10 0
ID
10 2
tp = 18.0s
ZthJC
10 -1
/ID
) on
=
V
DS
100 s
10 1
RD
S(
1 ms
10 -2 D = 0.50 0.20 10
-3
10 ms
0.10 0.05
10 0 DC 10 -4 single pulse
0.02 0.01
10 -1 0 10
10
1
10
2
V
10 -5 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Data Sheet
5
06.99
BUZ 30A
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
50 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.40
a b c d e
Ptot = 125W
l kj i h g f
VGS [V]
a 4.0 b 4.5
RDS (on)0.32
0.28 0.24 0.20 0.16 0.12
l f g h i jk
ID
40 35 30 25 20
c e
c 5.0 d 5.5 e 6.0 f 6.5
d g 7.0
h 7.5 i j 8.0 9.0
15 10 5 0 0
a b
k 10.0 l 20.0
0.08 0.04 0.00 0
VGS [V] =
a 4.0 b 4.5 c 5.0 d 5.5 e f 6.0 6.5 g 7.0 h i 7.5 8.0 j 9.0 k l 10.0 20.0
2
4
6
8
V
11
4
8
12
16
20
24
28
32
A
40
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s
parameter: tp = 80 s,
VDS2 x ID x RDS(on)max
45 A
ID
VDS2 x ID x RDS(on)max
20 S
gfs
35 30
16 14 12
25 10 20 8 15 6 10 5 0 0 4 2 0 0
1
2
3
4
5
6
7
8
V
VGS
10
5
10
15
20
25
30
A
ID
40
Data Sheet
6
06.99
BUZ 30A
Drain-source on-resistance RDS (on) = (Tj) parameter: ID = 13.5 A, VGS = 10 V
0.50
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0 VGS(th) 3.6 3.2 2.8 2.4 2.0 2% typ 98%
RDS (on)0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -60 -20 20 60 100 C 160 98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj, tp = 80 s
10 2
nF
C
A IF
10 0
Ciss
10 1
Coss
10 -1
Crss
10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V
VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
VSD
V
3.0
Data Sheet
7
06.99
BUZ 30A
Avalanche energy EAS = (Tj) parameter: ID = 21 A, VDD = 50 V RGS = 25 , L = 1.53 mH
500 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 32 A
16
V
EAS 400
350 300 250 200 150
VGS
12
10
0,2 VDS max
0,8 VDS max
8
6
4 100 50 0 20 2 0 0
40
60
80
100
120
C
160
10
20
30
40
50
60
70
80
nC 100
Tj
QGate
Drain-source breakdown voltage V(BR)DSS = (Tj)
240 V 230 V(BR)DSS 225 220 215 210 205 200 195 190 185 180 -60 -20 20 60 100 C 160
Tj
Data Sheet
8
06.99


▲Up To Search▲   

 
Price & Availability of BUZ30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X