Part Number Hot Search : 
6006A 6006A AC12DGM 6006A FFCR5AH2 9435GJ CKF2M3 SDA6281
Product Description
Full Text Search
 

To Download BUL64A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
6.40 (0.252) 6.78 (0.267) 5.21 (0.205) 5.46 (0.215)
SEME
BUL64A
2.18 (0.086) 2.44 (0.096)
0.84 (0.033) 0.94 (0.037)
ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
Designed for use in electronic ballast applications
1.09 (0.043) 1.30 (0.051)
5.97 (0.235) 6.22 (0.245)
1
2
3
0.76 (0.030) 1.14 (0.045)
0.64 (0.025) 0.89 (0.035)
8.89 (0.350) 9.78 (0.385)
* * * *
SEMEFAB DESIGNED AND DIFFUSED DIE HIGH VOLTAGE FAST SWITCHING HIGH ENERGY RATING
2.31 (0.091) Typ.
2.31 (0.091) Typ.
0.46 (0.018) 0.61 (0.024)
FEATURES
* Multi-base for efficient energy distribution across the chip resulting in significantly improved switching and energy ratings across full temperature range. * Ion implant and high accuracy masking for tight control of characteristics from batch to batch. * Triple Guard Rings for improved control of high voltages.
4.60 (0.181) Typ.
1.04 (0.041) 1.14 (0.045)
I-PAK (TO-251)
Pin 1 - Base Pin 2 - Collector Pin 3 - Emitter
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VCBO VCEO VEBO IC IC(PK) IB Ptot Tstg Semelab plc. Collector - Base Voltage Collector - Emitter Voltage (IB = 0) Emitter - Base Voltage (IC = 0) Continuous Collector Current Peak Collector Current Base Current Total Dissipation at Tcase = 25C Operating and Storage Temperature Range
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
1000V 500V 10V 4A 7A 2A 20W -55 to +150C
Prelim. 3/95
LAB
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Parameter
VCEO(sus) V(BR)CBO V(BR)EBO ICBO ICEO IEBO
SEME
BUL64A
Test Conditions
Min.
500 1000 10
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS Collector - Emitter Sustaining Voltage IC = 10mA Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Collector - Base Cut-Off Current Collector - Emitter Cut-Off Current Emitter Cut-Off Current IC = 1mA IE = 1mA VCB = 1000V TC = 125C IB = 0 VEB = 9V IC = 0 IC = 0.1A IC = 0.5A IC = 1A IC = 100mA TC = 125C VCE = 5V VCE = 5V VCE = 1V TC = 125C IB = 20mA IB = 0.1A IB = 0.2A IB = 0.1A IB = 0.2A VCE = 4V f = 1MHz VCE = 500V
V 10 100 100 10 100
A A A
20 12 5
30 15 8 0.05 0.15 0.3 0.8 0.9 20 20 0.1 0.2 0.5 1.0 1.1 V V --
hFE*
DC Current Gain
VCE(sat)*
Collector - Emitter Saturation Voltage IC = 0.5A IC = 1A IC = 0.5A IC = 1A IC = 0.2A VCB = 20V
VBE(sat)*
Base - Emitter Saturation Voltage DYNAMIC CHARACTERISTICS Transition Frequency Output Capacitance
ft Cob
MHz pF
* Pulse test tp = 300s , < 2%
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95


▲Up To Search▲   

 
Price & Availability of BUL64A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X