Part Number Hot Search : 
DAN222 PA050XS BDS12IG 1N4786A ES5CB MAA4868K 25006 3329H502
Product Description
Full Text Search
 

To Download BUK7610-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
GENERAL DESCRIPTION
N-channel enhancement mode standard level field-effect power transistor in a plastic envelope suitable for surface mounting using 'trench' technology. The device features very low on-state resistance and has integral zener diodes giving ESD protection up to 2kV. It is intended for use in automotive and general purpose switching applications.
BUK7610-30
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 10 V MAX. 30 75 142 175 10.5 UNIT V A W C m
PINNING - SOT404
PIN 1 2 3 mb gate drain source drain DESCRIPTION
PIN CONFIGURATION
mb
SYMBOL
d
g
2 1 3
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg, Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage & operating temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 30 30 20 75 53 240 142 175 UNIT V V V A A A W C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS minimum footprint, FR4 board TYP. 50 MAX. 1.05 UNIT K/W K/W
ESD LIMITING VALUE
SYMBOL VC PARAMETER Electrostatic discharge capacitor voltage, all pins CONDITIONS Human body model (100 pF, 1.5 k) MIN. MAX. 2 UNIT kV
December 1997
1
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
STATIC CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IGSS V(BR)GSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Gate source leakage current Gate-source breakdown voltage Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C VDS = 30 V; VGS = 0 V; VGS = 10 V; VDS = 0 V IG = 1 mA; VGS = 10 V; ID = 25 A Tj = 175C Tj = 175C Tj = 175C MIN. 30 27 2 1 16 TYP. 3.0 0.05 0.02 9 -
BUK7610-30
MAX. 4.0 4.4 10 500 1 20 10.5 19.5
UNIT V V V V V A A A A V m m
DYNAMIC CHARACTERISTICS
Tmb = 25C unless otherwise specified SYMBOL gfs Qg(tot) Qgs Qgd Ciss Coss Crss td on tr td off tf Ld Ld Ls PARAMETER Forward transconductance Total gate charge Gate-source charge Gate-drain (Miller) charge Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 25 A ID = 75 A; VDD = 24 V; VGS = 10 V MIN. 9 TYP. 18 51 9 20 2000 700 300 26 35 50 30 3.5 4.5 7.5 MAX. 30 85 60 45 UNIT S nC nC nC pF pF pF ns ns ns ns nH nH nH
VGS = 0 V; VDS = 25 V; f = 1 MHz
VDD = 25 V; ID = 25 A; VGS = 10 V; RG = 5 Resistive load Measured from tab to centre of die Measured from drain lead solder point to centre of die Measured from source lead solder point to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 75 A; VGS = 0 V IF = 75 A; -dIF/dt = 100 A/s; VGS = -10 V; VR = 25 V TYP. 0.95 1.0 95 0.15 MAX. 75 240 1.2 UNIT A A V V ns C
December 1997
2
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
AVALANCHE LIMITING VALUE
SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 45 A; VDD 15 V; VGS = 10 V; RGS = 50 ; Tmb = 25 C MIN. TYP. -
BUK7610-30
MAX. 200
UNIT mJ
December 1997
3
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
BUK7610-30
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
1E+01
Zth / (K/W)
BUKX514-55
1E+00 0.5 1E-01 0.2 0.1 0.05 0.02 1E-02 0 T t P D tp D=
tp T
0
20
40
60
80 100 Tmb / C
120
140
160
180
1E-03 1E-07
1E-05
1E-03 t/s
1E-01
1E+01
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
ID / A 100 12 10 80 6 60 VGS / V = 5.5 40 5 20 4.5 4 8
120 110 100 90 80 70 60 50 40 30 20 10 0
BUK7510-30 6.5
0
20
40
60
80 100 Tmb / C
120
140
160
180
0
0
2
4 VDS / V
6
8
10
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 10 V
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / mOhm 30 5.5 6 6.5
1000
ID / A
ID
7510-30
7510-30
100
RD
S(O
= N)
VD
S/
tp = 100 us 1 ms
20
10
DC
8
10 ms 100 ms
10 VGS / V = 10 12
1
1
10 VDS / V
100
0
0
20
40
ID / A
60
80
100
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
December 1997
4
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
BUK7610-30
100
ID / A
7510-30
5
VGS(TO) / V max.
BUK759-60
80 Tj / C = 25 60 175
4 typ. 3 min.
40
2
20
1
0
0
2
4 VGS / V
6
8
10
0 -100
-50
0
50 Tj / C
100
150
200
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
gfs / S 40
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Sub-Threshold Conduction
7510-30
1E-01
30 Tj / C = 25 175 20
1E-02 2% typ 98%
1E-03
1E-04
10
1E-05
0
0
20
40 ID / A
60
80
100
1E-06
0
1
2
3
4
5
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
a 2
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
C / pF
30V TrenchMOS
10000
7510-30
1.5
Ciss
1
1000 Coss
0.5
Crss
0 -100
-50
0
50 Tj / C
100
150
200
100 0.1
1 VDS / V
10
100
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 25 A; VGS = 10 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
December 1997
5
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
BUK7610-30
10
VGS / V
7510-30
120 110 100
WDSS%
8
VDS / V = 6
24
90 80 70 60 50 40 30 20 10 0
6
4
2
0
0
10
20
30 QG / nC
40
50
60
20
40
60
80
100 120 Tmb / C
140
160
180
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 75 A; parameter VDS
IF / A
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 45 A
100
7510-30
+
L VDS
VDD
80
60 Tj / C = 175 40 25
VGS 0 RGS T.U.T.
-ID/100
20
R 01 shunt
0
0
1 VSDS / V
2
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
+
RD VDS VGS 0 RG T.U.T.
VDD
-
Fig.17. Switching test circuit.
December 1997
6
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
MECHANICAL DATA
Dimensions in mm Net Mass: 1.4 g
10.3 max 4.5 max 1.4 max
BUK7610-30
11 max 15.4
2.5 0.85 max (x2) 2.54 (x2)
0.5
Fig.18. SOT404 : centre pin connected to mounting base.
MOUNTING INSTRUCTIONS
Dimensions in mm
11.5
9.0
17.5 2.0
3.8
5.08
Fig.19. SOT404 : soldering pattern for surface mounting.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Epoxy meets UL94 V0 at 1/8".
December 1997
7
Rev 1.100
Philips Semiconductors
Product specification
TrenchMOSTM transistor Standard level FET
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BUK7610-30
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
December 1997
8
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BUK7610-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X