Part Number Hot Search : 
32768 1029489 T090312 TEA1045 00035 HCS161K 4ADTR SR100
Product Description
Full Text Search
 

To Download BUK563-80B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS Transistor Logic level FET
GENERAL DESCRIPTION
N-channel enhancement mode logic level field-effect power transistor in a plastic envelope. The device is intended for use in Switched Mode Power Supplies (SMPS), motor control, welding, DC/DC and AC/DC converters, and in automotive and general purpose switching applications.
BUK563-80B
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 5 V MAX. 80 16 75 175 0.155 UNIT V A W C
PINNING - SOT404
PIN 1 2 3 mb gate drain source drain DESCRIPTION
PIN CONFIGURATION
mb
SYMBOL
d
g
2 1 3
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 80 80 15 16 11 64 75 175 175 UNIT V V V A A A W C C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS TYP. minimum footprint, FR4 board (see Fig. 18) 50 MAX. 1.2 UNIT K/W K/W
February 1996
1
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS Transistor Logic level FET
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 1 mA VDS = 80 V; VGS = 0 V; Tj = 25 C VDS = 80 V; VGS = 0 V; Tj =125 C VGS = 15 V; VDS = 0 V VGS = 5 V; ID = 8 A MIN. 80 1.0 -
BUK563-80B
TYP. 1.5 1 0.1 10 0.13
MAX. 2.0 10 1.0 100 0.155
UNIT V V A mA nA
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 8 A VGS = 0 V; VDS = 25 V; f = 1 MHz VDD = 30 V; ID = 3 A; VGS = 5 V; RGS = 50 ; Rgen = 50 Measured from upper edge of drain tab to centre of die Measured from source lead solder point to source bond pad MIN. 6.5 TYP. 9.0 700 240 130 20 95 80 65 2.5 7.5 MAX. 825 350 160 30 120 110 85 UNIT S pF pF pF ns ns ns ns nH nH
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 16 A ; VGS = 0 V IF = 16 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V MIN. TYP. 1.3 120 0.15 MAX. 16 64 1.7 UNIT A A V ns C
AVALANCHE LIMITING VALUE
SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 16 A ; VDD 40 V ; Tmb = 25 C; VGS = 5 V ; RGS = 50 MIN. TYP. MAX. 45 UNIT mJ
February 1996
2
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS Transistor Logic level FET
BUK563-80B
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
1E+01
Zth j-mb / (K/W)
ZTHX53
1E+00
0.5 0.2 0.1 0.05 0.02 0
P D tp D= tp T t
1E-01
T
0
20
40
60
80 100 Tmb / C
120
140
160
180
1E-02 1E-07
1E-05
1E-03 t/s
1E-01
1E+01
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
ID / A VGS / V = 40 5 30 20 10 0 4 10 7 BUK5y3-80B
120 110 100 90 80 70 60 50 40 30 20 10 0
50
3
0
20
40
60
80 100 Tmb / C
120
140
160
180
0
2
4 VDS / V
6
8
10
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 5 V
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / Ohm 2.5 3 3.5 4 4.5 5 VGS / V = 0.2 7 0.1 10 0 0 20 ID / A 40 BUK5y3-80B
100
ID / A
VD S /ID
BUK553-80B
0.5 0.4 0.3
RD
S(
) ON
=
tp = 10 us 100 us 1 ms 10 ms 100 ms
10
DC 1
0.1 1 10 VDS / V 100
1000
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
February 1996
3
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS Transistor Logic level FET
BUK563-80B
50 40
ID / A
BUK5y3-80B
2
VGS(TO) / V max.
Tj / C = 30 20 10 0
25
150
typ.
1
min.
0
0
2
4 VGS / V
6
8
10
-60
-20
20
60 Tj / C
100
140
180
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
gfs / S BUK5y3-80B
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
ID / A SUB-THRESHOLD CONDUCTION
12 10 8
1E-01
1E-02 2% 98 %
1E-03
typ
6
1E-04
4 2 0 0 20 ID / A 40
1E-05
1E-06 0 0.4 0.8 1.2 VGS / V 1.6 2 2.4
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
a Normalised RDS(ON) = f(Tj)
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
C / pF BUK5y3-100
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
10000
1000 Ciss
100
Coss Crss
-60
-20
20
60 Tj / C
100
140
180
10 0 20 VDS / V 40
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 8 A; VGS = 5 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
February 1996
4
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS Transistor Logic level FET
BUK563-80B
12 10 8 6 4 2 0
VGS / V
BUK5y3-80B
120 110 100 90 80 70 60 50 40 30 20 10 0
WDSS%
VDS / V = 16 64
0
2
4
6
8
10 12 QG / nC
14
16
18
20
20
40
60
80
100 120 Tmb / C
140
160
180
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 16 A; parameter VDS
IF / A BUK5y3-80B
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 16 A
50
+
40
VDD
L VDS
30
VGS
20
-ID/100 T.U.T. R 01 shunt
0
10 Tj / C = 150 0 0 1 VSDS / V 2 25
RGS
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
February 1996
5
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS Transistor Logic level FET
MECHANICAL DATA
Dimensions in mm Net Mass: 1.4 g
10.3 max 4.5 max 1.4 max
BUK563-80B
11 max 15.4
2.5 0.85 max (x2) 2.54 (x2)
0.5
Fig.17. SOT404 : centre pin connected to mounting base.
MOUNTING INSTRUCTIONS
Dimensions in mm
11.5
9.0
17.5 2.0
3.8
5.08
Fig.18. SOT404 : soldering pattern for surface mounting.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Epoxy meets UL94 V0 at 1/8".
February 1996
6
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS Transistor Logic level FET
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BUK563-80B
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
February 1996
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUK563-80B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X