Part Number Hot Search : 
411KFE0 D2C0205S RT8223A TZA3036U HC540TEL AO8801 UPD5201 166TQC
Product Description
Full Text Search
 

To Download BUK481-60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic envelope suitable for surface mount applications. The device is intended for use in automotive and general purpose switching applications.
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance; VGS = 10 V MAX. 60 1.6 1.5 150 0.35 UNIT V A W C
PINNING - SOT223
PIN 1 2 3 4 gate drain source drain (tab) DESCRIPTION
PIN CONFIGURATION
4
SYMBOL
d
g
1
2
3
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction temperature CONDITIONS RGS = 20 k Tamb = 25 C Tamb = 100 C Tamb = 25 C Tamb = 25 C MIN. -55 MAX. 60 60 30 1.6 1 6.4 1.5 150 150 UNIT V V V A A A W C C
THERMAL RESISTANCES
SYMBOL Rth j-sp Rth j-amb PARAMETER From junction to solder point From junction to ambient
1
CONDITIONS Mounted on any PCB . Mounted on PCB of Fig.18
MIN. -
TYP. 14 -
MAX. 17 85
UNIT K/W K/W
1 Temperature measured at solder joint on drain tab.
November 1995
1
Rev 1.100
Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 0.1 mA VDS = 60 V; VGS = 0 V; VDS = 60 V; VGS = 0 V; Tj = 125 C VGS = 30 V; VDS = 0 V VGS = 10 V; ID = 1.6 A MIN. 60 2.1 TYP. 3.0 1 0.1 10 0.22 MAX. 4.0 10 1.0 100 0.35 UNIT V V A mA nA
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time CONDITIONS VDS = 25 V; ID = 1.6 A VGS = 0 V; VDS = 25 V; f = 1 MHz VDD = 30 V; ID = 3 A; VGS = 10 V; RGS = 50 ; Rgen = 50 MIN. 1.0 TYP. 1.5 140 60 28 5 25 10 15 MAX. 240 100 50 10 35 20 25 UNIT S pF pF pF ns ns ns ns
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 1.6 A; VGS = 0 V IF = 1.6 A; -dIF/dt = 100 A/s; VGS = -10 V; VR = 30 V MIN. TYP. 0.85 30 60 MAX. 1.6 6.4 1.1 UNIT A A V ns nC
AVALANCHE LIMITING VALUE
SYMBOL WDSS PARAMETER Drain-source non repetitive unclamped inductive turn-off energy CONDITIONS ID = 1.6 A ; VDD < 25 V VGS = 10 V ; RGS = 50 Tamb = 25 C MIN. TYP. MAX. 10 UNIT mJ
November 1995
2
Rev 1.100
Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
120 110 90 80 70 60 50 40 30 20 10 0 100
PD%
Normalised Power Derating
10
ID / A
ID VD S/
BUK481-60A tp = 10 us 100 us 1 ms 10 ms DC 100 ms 1s 10 s
1
0.1
0
20
40
60
80 Tamb / C
100
120
140
0.01 0.1
RD
S(
O
N)
1
=
10 VDS / V
100
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tamb)
ID% Normalised Current Derating
Fig.4. Safe operating area Tamb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
ID / A 5 15 10 4 6.5
120 110 100 90 80 70 60 50 40 30 20 10 0
BUK481-60A 7
3 6 2 5.5 5 VGS / V = 4.5
0 20 40 60 80 Tamb / C 100 120 140
1
0 0 2 4 VDS / V 6 8 10
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tamb); conditions: VGS 10 V
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / Ohm 1 0.9 0.8 0.7 0.6 0.5 5 5.5 6 6.5 7 BUK481-60A
1E+02
Zth j-amb / (K/W) D= 0.5 0.2 0.1 0.05 0.02
BUKX81
1E+01
1E+00
P D tp D= tp T
0.4 0.3 10 VGS / V = 15 V
1E-01
T t
0.2 0.1 0
1E-05 1E-03 t/s 1E-01 1E+01 1E+03
1E-02 1E-07
0
1
2 ID / A
3
4
5
Fig.3. Transient thermal impedance. Zth j-amb = f(t); parameter D = tp/T
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
November 1995
3
Rev 1.100
Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
5
ID / A Tj/ C = 25
BUK481-60A 150
4
VGS(TO) / V max.
4
3 typ.
3
min. 2
2
1
1
0 0 2 4 VGS / V 6 8 10
0 -60 -40 -20 0 20 40 60 Tj / C 80 100 120 140
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
gfs / S BUK481-60A
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 0.1 mA; VDS = VGS
ID / A SUB-THRESHOLD CONDUCTION SIZE 1
2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0
1E-02
1E-03 2%
1E-04
typ
98 %
1E-05
1E-06
1E-07
0
1
2 ID / A
3
4
5
0
1
2 VGS / V
3
4
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
a
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
C / pF BUK481-60A
Normalised RDS(ON) = f(Tj)
1000
1.5
1.0
100
Ciss
Coss
0.5
Crss
0
-60 -40 -20
0
20
40 60 Tj / C
80
100 120 140
10 0 10 20 VDS / V 30 40
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 1.6 A; VGS = 10 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
November 1995
4
Rev 1.100
Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
VGS / V
BUK481-60A
120 110 100 90 80 70 60 50 40 30 20 10 0
WDSS%
Normalised Avalanche Energy
VDS / V =12
48
0
2
4 QG / nC
6
8
10
20
40
60
80 100 Tamb/ C
120
140
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 1.6 A; parameter VDS
IF / A BUK481-60A
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tamb); conditions: ID = 1.6 A
5
+
4 Tj / C = 150 3 25
VDD
L VDS VGS
-ID/100 T.U.T. R 01 shunt
2
0
1
RGS
0 0 0.5 VSDS / V 1 1.5
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
November 1995
5
Rev 1.100
Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
MOUNTING INSTRUCTIONS
Dimensions in mm.
3.8 min
PRINTED CIRCUIT BOARD
Dimensions in mm.
36
1.5 min
18
60 9
2.3 1.5 min (3x) 6.3
4.6
4.5
10
1.5 min
4.6
7 15 50
Fig.17. soldering pattern for surface mounting SOT223.
Fig.18. PCB for thermal resistance and power rating for SOT223. PCB: FR4 epoxy glass (1.6 mm thick), copper laminate (35 m thick).
November 1995
6
Rev 1.100
Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
MECHANICAL DATA
Dimensions in mm Net Mass: 0.11 g
0.32 0.24 6.7 6.3 3.1 2.9 B 0.2 M A
4
A
0.10 0.02
3.7 3.3 13
7.3 6.7
16 max
1
10 max 1.8 max 1.05 0.85 4.6 2.3
2
0.80 0.60
3
0.1 M (4x) B
Fig.19. SOT223 surface mounting package.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to surface mounting instructions for SOT223 envelope. 3. Epoxy meets UL94 V0 at 1/8".
November 1995
7
Rev 1.100
Philips Semiconductors
Product specification
PowerMOS transistor
BUK481-60A
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
November 1995
8
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BUK481-60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X