Part Number Hot Search : 
2SK27 A6259N BCY58A 477M00 AAT4612 NCP300 330M255 B3322BS1
Product Description
Full Text Search
 

To Download BU4S81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Single 2-input AND gate
BU4S81
The BU4S81 is an ultra-compact IC with one dual-input positive logic AND gate BU4081B circuit built into an SMP.
*Features dissipation. 1) Low current
2) Super-mini mold package designed for surface mounting.
3) Wide range of operating power supply voltages. 4) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.
*Block diagram
VDD 5 Y 4
1 A
2 B
3 VSS
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Input current Operating temperature Storage temperature Input voltage Symbol VDD Pd IIN Topr Tstg VIN Limits VSS - 0.3 ~ VSS + 18 170 10 - 40 ~ + 85 - 55 ~ + 150 VSS - 0.3 ~ VDD + 0.3 Unit V mW mA C C V
1 These values indicate the limits at which voltage can be applied to the terminal without
causing destruction, but operation is not guaranteed at these values.
2 Power dissipation is reduced by 1.7mW for each increase in Ta of 1C over 25C.
*Recommended operating conditions (Ta = 25C, VSS = 0V)
Parameter Power supply voltage Input voltage Symbol VDD VIN Min. 3 0 Typ. -- -- Max. 16 VDD Unit V V
1
Standard ICs
BU4S81
*Electrical characteristics otherwise noted, Ta = 25C, VSS = 0V) DC characteristics (unless
Parameter Symbol Min. 3.5 Input high level voltage VIH 7.0 11.0 -- Input low level voltage VIL -- -- Input high level current Input low level current IIH IIL -- -- 4.95 Output high level voltage VOH 9.95 14.95 -- Output low level voltage VOL -- -- - 0.51 Output high level current IOH - 2.1 - 1.3 - 3.4 0.51 Output low level current IOL 1.3 3.4 -- Static current dissipation IDD -- -- Typ. 2.75 5.5 8.25 2.25 4.5 6.75 -- -- 5.0 10.0 15.0 -- -- -- - 1.0 - 4.0 - 2.2 - 9.0 1.2 3.2 12.0 0.001 0.001 0.002 Max. -- -- -- 1.5 3.0 4.0 0.3 - 0.3 -- -- -- 0.05 0.05 0.05 -- -- -- -- -- -- -- 0.25 0.5 1.0 Unit V V V V V V A A V V V V V V mA mA mA mA mA mA mA A A A VDD (V) 5 10 15 5 10 15 18 18 5 10 15 5 10 15 5 5 10 15 5 10 15 5 10 15 VIN = VSS or VDD VOH = 4.6V VOH = 2.5V VOH = 9.5V VOH = 13.5V VOL = 0.4V VOL = 0.5V VOL = 1.5V | IOUT | < 1A VIN = VSS | IOUT | < 1A VIN = VSS or VDD Fig.1 VIH = 18V VIL = 0V | IOUT | < 1A | IOUT | < 1A Conditions Measurement circuit
2
Standard ICs
Switching characteristics (unless otherwise noted, Ta = 25C, VSS = 0V, CL = 50pF)
Parameter Symbol Min. -- Output rise time tTLH -- -- -- Output fall time tTHL -- -- -- tPLH Propagation delay time tPHL -- -- -- -- -- Typ. 70 35 30 70 35 30 90 45 30 90 45 30 Max. 200 100 80 200 100 80 200 100 80 200 100 80 Unit ns ns ns ns ns ns ns ns ns ns ns ns VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 -- -- -- -- Conditions
BU4S81
Measurement circuit
Fig.2
*Measurement circuits
VDD A V VSS
Fig.1 DC characteristics measurement circuit
VDD
20ns
90% 50% 10%
20ns VDD
Input waveform tPLH P.G. CL = 50pF VSS
VSS tPHL
90% 50% 10%
VOH VOL tTHL
Output waveform tTLH
Fig.2 Switching characteristics measurement circuit
3
Standard ICs
BU4S81
*External dimensions (Units: mm)
2.9 0.2 (5) (4) 2.8 0.3 1.6 0.2 0.5 (1) (2) (3) 0.4 0.1
0.1 0.1 + 0.05 -
0.95 1.1 0.2 0.05
SMP5
4


▲Up To Search▲   

 
Price & Availability of BU4S81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X