Part Number Hot Search : 
IP117SMD CA3165E KB815B 23226153 LTC1420 G4250 MC3307 T211000
Product Description
Full Text Search
 

To Download BU4042B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Quad D latch
BU4042B
The BU4042B is a four-circuit D latch with a common clock line and separate data input terminals. When the polarity input is set to "H", input (D) is presented to output (Q) as is, as long as the clock input is rising, and when the clock input falls, output (Q) holds input (D) at that point. While the clock input is falling, output (Q) does not change even if input (D) changes. Also, if the polarity input is set to "L", input (D) is presented to output (Q) as is, as long as the clock input is at "L" level, and when the clock input goes to "H" level, latching takes place.
*Features dissipation. 1) Low power
2) Wide range of operating power supply voltages. 3) High input impedance.
4) High fan-out. 5) Direct drive of 2 L-TTL inputs and 1LS-TTL input.
*Block diagram
Q4 1 16 VDD Q1 2 CL D QQ Q1 3 CL D D1 4 QQ 13 D3 14 D4 15 Q4
*Logic circuit diagram
D1 (4) LATCH 1 (2) (3) Q1 Q1
D2 (7)
LATCH 2
(10) Q2 (9) Q2
D3 (13)
LATCH 3
(11) Q3 (12) Q3
CLOCK
5
CL D QQ
12 Q3 D4 (14) CLOCK (5) POLARITY (6) LATCH 4
POLARITY
6 CL D
11 Q3
(1)
Q4
(15) Q4
D2
7
QQ
10 Q2
VSS
8
9
Q2
*Truth table
CLOCK L H H L POLARITY L L H H Q D LATCH D LATCH
1
Standard ICs
BU4042B
*Absolute maximum ratings (Ta = 25C, VSS = 0V)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Input voltage Symbol VDD Pd Topr Tstg VIN Limits - 0.3 ~ + 18 1000 (DIP) - 40 ~ + 85 - 55 ~ + 150 - 0.3 ~ VDD + 0.3 Unit V mW C C V
*Electrical characteristics otherwise noted, Ta = 25C, VSS = 0V) DC characteristics (unless
Parameter Symbol Min. 3.5 Input high level voltage (DATA) VIH 7.0 11.0 Input high level voltage 3.5 VIH 7.0 11.25 -- Input low level voltage (DATA) VIL -- -- Input low level voltage -- VIL -- -- IIH IIL -- -- 4.95 Output high level voltage VOH 9.95 14.95 -- Output low level voltage VOL -- -- - 0.16 Output high level current IOH - 0.4 - 1.2 0.44 Output low level current IOL 1.1 3.0 -- Static current dissipation IDD -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max. -- -- -- -- -- -- 1.5 3.0 4.0 1.5 3.0 3.75 0.3 - 0.3 -- -- -- 0.05 0.05 0.05 -- -- -- -- -- -- 4.0 8.0 16.0 A mA mA V V A A V V V V Unit VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 15 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 VI = VDD or GND VOH = 4.6V VOH = 9.5V VOH = 13.5V VOL = 0.4V VOL = 0.5V VOL = 1.5V IO = 0mA IO = 0mA VIH = 15V VIL = 0V -- -- -- -- Conditions
( CLOCK ) POLARITY
( CLOCK ) POLARITY
Input high level current Input low level current
2
Standard ICs
Switching characteristics (unless otherwise noted, Ta = 25C, CL = 50pF, VSS = 0V)
Parameter Symbol Min. -- Output rise time tTLH -- -- -- Output fall time tTHL -- -- -- Propagation delay time DQ, Q tPLH tPHL -- -- -- Propagation delay time CLOCKQ, Q tPLH tPHL -- -- -- Minimum clock pulse width tWH tWL -- -- -- Hold time tH -- -- -- Setup time tSU -- -- Input capacitance CIN -- Typ. 180 90 65 100 50 40 220 90 70 220 90 70 150 50 40 50 25 20 50 20 5 5 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- pF ns ns ns ns ns ns ns Unit VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 -- -- -- -- -- -- -- -- -- Conditions
BU4042B
Measurement circuit
Fig.1
Fig.1
Fig.1
Fig.2
Fig.2
Fig.2
Fig.2
--
*Measurement circuits
16 5 6 4 7 13 14 P.G. VDD CK POL D1 D2 D3 D4 VSS 8
VDD
Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4
2 3 10 9 11 12 1 5 Q D
20ns
20ns
tPLH
tPHL
tTLH tPHL Q
tTHL
VSS Note: Connect CL = 50pF to each of the output pins. tTHL tTLH
Fig. 1 (a) Switching characteristics measurement circuit!
Fig. 1 (b) Switching time measurement waveform!
3
Standard ICs
VDD 16 5 6 4 7 13 14 P.G.1 P.G.2 8
BU4042B
CK POL D1 D2 D3 D4 VSS HL VSS
Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4
2 3 10 9 11 12 1 15 D tPHL
10%
20ns CK
10% 90% 50%
20ns
20ns
90% 50%
tWH
tWL
50%
tSU th tPLH
Q
Note : Connect CL = 50pF to each of the output pins.
Fig. 2 (a) Switching characteristics measurement circuit@
Fig. 2 (b) Switching time measurement waveform@
*Electrical characteristic curve
1200 POWER DISSIPATION : Pd (mW) 1000 800
600
400
200 0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta (C)
Fig.3 Power dissipation vs. Ta
*External dimensions (Units: mm)
19.4 0.3 16 9 6.5 0.3 1 0.51Min. 3.2 0.2 4.25 0.3 8 7.62
0.3 0.1
2.54
0.5 0.1
0 ~ 15
DIP16
4


▲Up To Search▲   

 
Price & Availability of BU4042B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X