Part Number Hot Search : 
AOP610L 40006 ASA2812S 74HCT27D MA568 A6393 A6393 LM358
Product Description
Full Text Search
 

To Download BTP2907A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose PNP Epitaxial Planar Transistor
Spec. No. : C317A3-H Issued Date : 2002.06.11 Revised Date : 2005.06.29 Page No. : 1/5
BTP2907A3
Description
* The BTP2907A3 is designed for general purpose amplifier and high-speed switching, medium power applications. * Low collector saturation voltage * High speed switching. * Complementary to BTN2222A3 * Pb-free package
Symbol
BTP2907A3
Outline
TO-92
BBase CCollector EEmitter
EBC
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd Tj Tstg Limits -60 -60 -5 -600 625 150 -55~+150 Unit V V V mA mW C C
BTP2907A3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEX *VCE(sat) *VCE(sat) *VBE(sat) *VBE(sat) *hFE 1 *hFE 2 *hFE 3 *hFE 4 *hFE 5 fT Cob Min. -60 -60 -5 75 100 100 100 50 200 Typ. -0.2 -0.5 Max. -10 -50 -0.4 -1.6 -1.3 -2.6 300 8 Unit V V V nA nA V V V V MHz pF
Spec. No. : C317A3-H Issued Date : 2002.06.11 Revised Date : 2005.06.29 Page No. : 2/5
Test Conditions IC=-10A IC=-10mA IE=-10A VCB=-50V VCE=-30V, VBE(OFF)=-0.5V IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA VCE=-10V, IC=-100A VCE=-10V, IC=-1mA VCE=-10V, IC=-10mA VCE=-10V, IC=-150mA VCE=-10V, IC=-500mA VCE=-20V, IC=-50mA, f=100MHz VCB=-30V, IE=0A,f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification Of hFE4
Rank Range A 100~180 N 120~270 B 180~300
Ordering Information
Device BTP2907A3 Package TO-92 (Pb-free) Shipping 2000 pcs / Tape & Box
BTP2907A3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000 VCE=10V
Saturation Voltage---(mV) 10
Spec. No. : C317A3-H Issued Date : 2002.06.11 Revised Date : 2005.06.29 Page No. : 3/5
Saturation Voltage vs Collector Current
VCE(sat)@IC=10IB 1
Current Gain---HFE
100
0.1
10 0.1 1 10 100 Collector Current---IC(mA) 1000
0.01 0.1 1 10 100 Collector Current---IC(mA) 1000
Saturation Voltage vs Collector Current
10 10
Saturation Voltage vs Collector Current
VCE(sat)@IC=20IB
Saturation Voltage---(mV) Saturation Voltage---(mV) VBE(sat)@IC=10IB
1
1
0.1
0.01 0.1 1 10 100 Collector Current---IC(mA) 1000
0.1 0.1 1 10 100 1000 Collector Current---IC(mA)
On Voltage vs Collector Current
1.2 VBE(on)@VCE=1V 1 On Voltage (V)
Power Disspation---PD (mW) 700 600 500 400 300 200 100
Power Derating Curve
0.8
0.6
0.4 0.1 1 10 100 Collector Current---IC(mA) 1000
0 0 50 100 150 Ambient Tempurature---Ta ( )
BTP2907A3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Taping Outline
H2 H2 H2A H2A A D2
Spec. No. : C317A3-H Issued Date : 2002.06.11 Revised Date : 2005.06.29 Page No. : 4/5
H3
L
H4 H L1 H1 F1F2 D1
D
W1 W
T2 T T1
P1
P
P2
DIM A D D1 D2 F1,F2 F1,F2 H H1 H2 H2A H3 H4 L L1 P P1 P2 T T1 T2 W W1 -
Item Component body height Tape Feed Diameter Lead Diameter Component Body Diameter Component Lead Pitch F1-F2 Height Of Seating Plane Feed Hole Location Front To Rear Deflection Deflection Left Or Right Component Height Feed Hole To Bottom Of Component Lead Length After Component Removal Lead Wire Enclosure Feed Hole Pitch Center Of Seating Plane Location 4 Feed Hole Pitch Over All Tape Thickness Total Taped Package Thickness Carrier Tape Thickness Tape Width Adhesive Tape Width 20 pcs Pitch
Millimeters Min. 4.33 3.80 0.36 4.33 2.40 15.50 8.50 2.50 12.50 5.95 50.30 0.36 17.50 5.00 253 Max. 4.83 4.20 0.53 4.83 2.90 0.3 16.50 9.50 1 1 27 21 11 12.90 6.75 51.30 0.55 1.42 0.68 19.00 7.00 255
BTP2907A3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Dimension
2
Spec. No. : C317A3-H Issued Date : 2002.06.11 Revised Date : 2005.06.29 Page No. : 5/5
A B
1 2 3
Marking:
3
2907
C
D
H I E F
G
1
Style: Pin 1.Emitter 2.Base 3.Collector 3-Lead TO-92 Plastic Package CYStek Package Code: A3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTP2907A3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTP2907A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X