Part Number Hot Search : 
00410 1213198 M40Z300 SNXXX 48F4400P F4010 CF50603 HUN2230
Product Description
Full Text Search
 

To Download BTNA42N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose NPN Epitaxial Planar Transistor
Spec. No. : C209N3-H Issued Date : 2003.06.12
Revised Date : Page No. : 1/4
BTNA42N3
Description
* High breakdown voltage. (BVCEO=300V) * Low collector output capacitance. (Typ. 3pF at VCB =30V) * Ideal for chroma circuit.
Symbol
BTNA42N3
Outline
SOT-23
BBase CCollector EEmitter
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd RJA Tj Tstg Limits 300 300 6 500 225 (Note) 556 150 -55~+150 Unit V V V mA mW /W C C
Note : When mounted on a FR-5 board with area measuring 1.0x0.75x0.062 in.
BTNA42N3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat) *hFE1 *hFE2 *hFE3 fT Cob Min. 300 300 6 25 52 40 50 Typ. 0.1 2 Max. 100 100 0.5 2. 0.9 270 3.0 Unit V V V nA nA V V V MHz pF
Spec. No. : C209N3-H Issued Date : 2003.06.12
Revised Date : Page No. : 2/4
Test Conditions IC=50A IC=1mA IE=50A VCB=200V VEB=6V IC=20mA, IB=2mA IC=30mA, IB=1.5mA IC=20mA, IB=2mA VCE=10V, IC=1mA VCE=10V, IC=10mA VCE=10V, IC=30mA VCE=20V, IC=10mA, f=100MHz VCB=20V, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification Of hFE2
Rank Range K 52~120 P 82~180 Q 120~270
Characteristic Curves
Current Gain vs Collector Current 1000 Saturation Voltage---(mV) HFE@VCE=10V Current Gain---HFE 10000
Saturation Voltage vs Collector Current
VCE(SAT)@IC=10IB 1000
100
100
10 0.1 1 10 100 Collector Current ---IC(mA)
10 0.1 1 10 100 Collector Current--- IC(mA)
BTNA42N3
CYStek Product Specification
CYStech Electronics Corp.
Saturation Voltage vs Collector Current 1000 Cutoff Frequency---FT(GHZ) Saturation Voltage---(mV) 1
Spec. No. : C209N3-H Issued Date : 2003.06.12
Revised Date : Page No. : 3/4
Cutoff Frequency vs Collector Current
VBE(SAT)@IC=10IB
FT@VCE=30V
100 0.1 1 10 100 Collector Current ---IC(mA)
0.1 1 10 Collector Current---IC(mA) 100
Power Derating Curve
250 Power Dissipation---PD(mW) 200 150 100 50 0 0 50 100 150 200
Ambient Temperature --- Ta( )
BTNA42N3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Spec. No. : C209N3-H Issued Date : 2003.06.12
Revised Date : Page No. : 4/4
A L 3 B 1 2 S
Marking:
1D TE
V
G 3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Style: Pin 1.Base 2.Emitter 3.Collector J *: Typical
C D K
H
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTNA42N3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTNA42N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X