Part Number Hot Search : 
TDA9952 LNE150ND KAQY412A 7S11BMT 4008P 1433445 KAQY412A 7S11BMT
Product Description
Full Text Search
 

To Download BTNA13A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Gentral Purpose NPN Epitaxial Planar Transistor
Spec. No. : C215A3 Issued Date : 2003.03.27
Revised Date : Page No. : 1/4
BTNA13A3
Description
* The BTNA14A3 is a darlington amplifier transistor * Complementary to BTPA63A3.
Equivalent Circuit
BTNA13A3 TO-92
BBase CCollector EEmitter
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCES VEBO IC Pd Tj Tstg Limits 30 30 10 0.5 625 150 -55~+150 Unit V V V A mW C C
BTNA13A3
CYStek Product Specification
CYStech Electronics Corp.
Spec. No. : C215A3 Issued Date : 2003.03.27
Revised Date : Page No. : 2/4
Characteristics (Ta=25C)
Symbol BVCES ICBO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. 30 5K 10K 125 Typ. Max. 100 100 1.5 2.0 Unit V nA nA V V Test Conditions IC=100uA VCE=30V VEB=10V IC=100mA, IB=0.1mA VCE=5V, IC=100mA VCE=5V, IC=10mA VCE=5V, IC=100mA VCE=5V, IC=10mA, f=100MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz
Characteristic Curves
Current Gain vs Collector Current 100000 Saturation Voltage---(mV) HFE@VCE=5V Current Gain---HFE 10000 VCE(SAT)@IC=1000IB Saturation Voltage vs Collector Current
10000
1000
1000 1 10 100 1000 Collector Current---IC(mA)
100 1 10 100 1000 Collector Current ---IC(mA)
BTNA13A3
CYStek Product Specification
CYStech Electronics Corp.
Saturation Voltage vs Collector Current
Spec. No. : C215A3 Issued Date : 2003.03.27
Revised Date : Page No. : 3/4
ON Voltage vs Collector Current 10000 10000 Saturation Voltage---(mV) ON Voltage --- (mV) VBE(SAT)@IC=1000IB VBE(ON)@VCE=5V
1000
1000 1 10 100 1000 Collector Current ---IC(mA)
100 0.1 1 10 100 1000 Collector Current ---IC(mA)
Cutoff Frequency vs Collector Current 1 Cutoff Frequency---FT(GHZ)
Power Dissipation--- PD(mW) 700 600 500 400 300 200 100 0
Power Derating Curve
FT@VCE=5V
0.1 1 10 Collector Current---IC(mA) 100
0
50
100
150
Ambient Temperature---Ta( )
BTNA13A3
CYStek Product Specification
cystek
TO-92 Dimension
A B
1 2 3
CYStech Electronics Corp.
Spec. No. : C214A3 Issued Date : 2003.03.27 Revised Date : Page No. : 4/4
2
Marking:
3
A13
C
D
H I E F
G
1
Style: Pin 1.Emitter 2.Base 3.Collector 3-Lead TO-92 Plastic Package CYStek Package Code: A3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTNA14A3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTNA13A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X