Part Number Hot Search : 
S6416 XXXGX TS5204CY R1007 E008063 10N12 STRS5708 M5244B
Product Description
Full Text Search
 

To Download BTN8050SA3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose NPN Epitaxial Planar Transistor
Spec. No. : C222A3 Issued Date : 2003.10.07
Revised Date : Page No. : 1/4
BTN8050SA3
Description
The BTN8050SA3 is designed for use in output amplifier of portable radios in class B push pull operation. * High collector current , IC = 700mA * Low VCE(sat) * Complementary to BTP8550SA3.
Features
Symbol
BTN8050SA3
Outline
TO-92
BBase CCollector EEmitter
ECB
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC IB Pd Tj Tstg Limits 25 20 5 700 100 625 150 -55~+150 Unit V V V mA mA mW C C
BTN8050SA3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(on) *hFE 1 *hFE 2 fT Cob Min. 25 20 6 100 150 Typ. 100 Max. 1 100 0.5 1 500 10 Unit V V V A nA V V MHz pF
Spec. No. : C222A3 Issued Date : 2003.10.07
Revised Date : Page No. : 2/4
Test Conditions IC=10A IC=1mA IE=10A VCB=20V VEB=5V IC=500mA, IB=50mA VCE=1V, IC=150mA VCE=1V, IC=150mA VCE=1V, IC=500mA VCE=10V, IC=20mA, f=100MHz VCB=10V, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification Of hFE 1
Rank Range C 100~180 D 160~300 E 250~500
BTN8050SA3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000 Saturation Voltage---(mV)
VCE = 5V
Spec. No. : C222A3 Issued Date : 2003.10.07
Revised Date : Page No. : 3/4
Saturation Voltage vs Collector Current
1000
Current Gain---HFE
100
VCE(SAT) @ IC=20IB
100
VCE = 2V VCE = 1V
10
VCE(SAT) @ IC=10IB
10 1 10 100 Collector Current---IC(mA) 1000
1 1 10 100 1000 Collector Current---IC(mA)
Saturation Voltage vs Collector Current
10000 Saturation Voltage---(mV)
VBE(SAT) @ IC=10IB
On Voltage vs Collector Current
1000
On Voltage---(mV)
VBE(ON) @ VCE=1V
1000
100 1 10 100 Collector Current---IC(mA) 1000
100 1 10 100 Collector Current---IC(mA) 1000
Power Derating Curve
700 Power Dissipation---PD(mW) 600 500 400 300 200 100 0 0 50 100 150 200 Ambient Temperature---TA()
BTN8050SA3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Dimension
2
Spec. No. : C222A3 Issued Date : 2003.10.07
Revised Date : Page No. : 4/4
A B
1 2 3
Marking:
3
N8050S
C
D
H I E F
G
1
Style: Pin 1.Emitter 2.Collector 3.Base 3-Lead TO-92 Plastic Package CYStek Package Code: A3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTN8050SA3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTN8050SA3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X