Part Number Hot Search : 
HFM104W LM290 12T50 2N6714 C18F25 25V10 GAL16 T04XO
Product Description
Full Text Search
 

To Download BTN2222AS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose NPN Epitaxial Planar Transistor
Spec. No. : C227S3 Issued Date : 2003.04.11
Revised Date : Page No. : 1/4
BTN2222AS3
Description
* The BTN2222AS3 is designed for general purpose amplifier applications. It is housed in the SOT-323/SC-70 package which is designed for low power surface mount applications. * Low VCE(sat) * Low leakage current * High cutoff frequency * Complementary to BTP2907AS3
Symbol
BTN2222AS3
Outline
SOT-323
BBase CCollector EEmitter
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation @Ta=25 Derate above 25 Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd Tj Tstg Limits 75 40 6 600 150
(Note 1)
Unit V V V mA mW C C
150 -55~+150
Note 1: when mounted on a FR-5 board with area measuring 1.0x 0.75x 0.062 in.
BTN2222AS3 CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEX IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 hFE1 hFE2 hFE3 *hFE4 *hFE5 fT Cob Min. 75 40 6 35 50 75 100 40 300 Typ. Max. 10 10 100 0.3 1.0 1.2 2.0 300 8 Unit V V V nA nA nA V V V V MHz pF
Spec. No. : C227S3 Issued Date : 2003.04.11
Revised Date : Page No. : 2/4
Test Conditions IC=10A IC=1mA IE=10A VCB=60V VCE=60V,VEB(off)=3V VEB=3V IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VCE=10V, IC=0.1mA VCE=10V, IC=1mA VCE=10V, IC=10mA VCE=10V, IC=150mA VCE=10V, IC=500mA VCE=20V, IC=20mA, f=100MHz VCB=10V, IE=0A,f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
BTN2222AS3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current 1000
VCE=10V
Spec. No. : C227S3 Issued Date : 2003.04.11
Revised Date : Page No. : 3/4
Saturation Voltage vs Collector Current 1000 VCE(SAT)@IC=10IB Saturation Voltage-(mV)
H Current Gain--- FE
100 VCE=1V
100
10 0.1 1 10 100 1000 Collector Current---IC(mA)
10 0.1 1 10 100 1000 Collector Current---IC(mA)
Saturation Voltage vs Collector Current 1000 VCE(SAT)@IC=38IB Saturation Voltage-(mV) Saturation Voltage-(mV) 10000
Saturation Voltage vs Collector Current
VBE(SAT)@IC=10IB
100
1000
10 1 10 100 1000 Collector Current---IC(mA)
100 0.1 1 10 100 1000 Collector Current---IC(mA)
Cutoff Frequency vs Collector Current 1000
Power Derating Curve 160 Power Dissipation---PD(mW)
100
VCE=20V Cutoff Frequency(MHz)
140 120 100 80 60 40 20 0 0 50 100 150 200
100 1 10 Collector Current---IC(mA)
Ambient T emperature --- T a()
BTN2222AS3
CYStek Product Specification
CYStech Electronics Corp.
SOT-323 Dimension
Spec. No. : C227S3 Issued Date : 2003.04.11 Revised Date : Page No. : 4/4
3
A
Marking:
A1 Q Lp
detail Z W B
C
1 e1 e D bp
2
TE P1
E
A
Z
He
0 1 scale 2 mm
3-Lead SOT-323 Plastic Surface Mounted Package CYStek Package Code: S3
v A
Style: Pin 1.Base 2.Emitter 3.Collector
*: Typical
DIM A A1 bp C D E e
Inches Min. Max. 0.0315 0.0433 0.0000 0.0039 0.0118 0.0157 0.0039 0.0098 0.0709 0.0866 0.0453 0.0531 0.0512 -
Millimeters Min. Max. 0.80 1.10 0.00 0.10 0.30 0.40 0.10 0.25 1.80 2.20 1.15 1.35 1.3 -
Inches DIM Min. Max. e1 0.0256 He 0.0787 0.0886 Lp 0.0059 0.0177 Q 0.0051 0.0091 v 0.0079 w 0.0079
Millimeters Min. Max. 0.65 2.00 2.25 0.15 0.45 0.13 0.23 0.2 0.2 10 0
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTN2222AS3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTN2222AS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X