Part Number Hot Search : 
5KP120C BFP420 AME5286 GS880F18 TTINY TTINY 5KP120C FRX130D2
Product Description
Full Text Search
 

To Download BTN2222AL3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose NPN Epitaxial Planar Transistor
Spec. No. : C227L3 Issued Date : 2004.03.17
Revised Date : Page No. : 1/4
BTN2222AL3
Description
* Low collector output capacitance. * High current capability * Low leakage current * High cutoff frequency * Complementary to BTP2907AL3
Symbol
BTN2222AL3
BBase CCollector EEmitter
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation @TC=25 Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd Tj Tstg Limits 75 40 6 600 5 150 -55~+150 Unit V V V mA W C C
BTN2222AL3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEX IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 hFE1 hFE2 hFE3 *hFE4 *hFE5 *hFE6 fT Cob Min. 75 40 6 35 50 75 100 50 40 300 Typ. Max. 10 10 100 0.3 1.0 1.2 2.0 300 8 Unit V V V nA nA nA V V V V MHz pF
Spec. No. : C227L3 Issued Date : 2004.03.17
Revised Date : Page No. : 2/4
Test Conditions IC=10A IC=10mA IE=10A VCB=60V VCE=60V,VEB(off)=3V VEB=3V IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VCE=10V, IC=0.1mA VCE=10V, IC=1mA VCE=10V, IC=10mA VCE=10V, IC=150mA VCE=1V, IC=150mA VCE=10V, IC=500mA VCE=20V, IC=20mA, f=100MHz VCB=10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
BTN2222AL3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000
VCE=10V
Spec. No. : C227L3 Issued Date : 2004.03.17
Revised Date : Page No. : 3/4
Saturation Voltage vs Collector Current
1000 Saturation Voltage---(mV)
VCE(SAT)@IC=10IB
Current Gain---HFE
100
VCE=1V
100
10 0.1 1 10 100 1000 Collector Current---IC(mA)
10 0.1 1 10 100 Collector Current---IC(mA) 1000
Saturation Voltage vs Collector Current
1000 Saturation Voltage---(mV) Saturation Voltage---(mV)
VCE(SAT)@IC=38IB
Saturation Voltage vs Collector Current
10000
VBE(SAT)@IC=10IB
100
1000
10 1 10 100 Collector Current---IC(mA) 1000
100 0.1 1 10 100 1000 Collector Current---IC(mA)
Cutoff Frequency vs Collector Current
1000
VCE=20V
Power Derating Curve
6 Power Dissipation---PD(W) 5 4 3 2 1 0
Cutoff Frequency---fT(MHz) 100 1 10 Collector Current---IC(mA) 100
0
50
100
150
200
Ambient Temperature---TC()
BTN2222AL3
CYStek Product Specification
CYStech Electronics Corp.
SOT-223 Dimension
A
Spec. No. : C227L3 Issued Date : 2004.03.17
Revised Date : Page No. : 4/4
Marking:
B 1 2 3
C
2222A
D E F G H a1 I a2
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead SOT-223 Plastic Surface Mounted Package CYStek Package Code: L3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1142 0.1220 0.2638 0.2874 0.1299 0.1457 0.0236 0.0315 *0.0906 0.2480 0.2638
Millimeters Min. Max. 2.90 3.10 6.70 7.30 3.30 3.70 0.60 0.80 *2.30 6.30 6.70
DIM G H I a1 a2
Inches Min. Max. 0.0551 0.0709 0.0098 0.0138 0.0008 0.0039 o *13 0o 10 o
Millimeters Min. Max. 1.40 1.80 0.25 0.35 0.02 0.10 o *13 0o 10 o
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTN2222AL3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTN2222AL3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X