Part Number Hot Search : 
LV59001M T52C18 8HC08 1N968B 12Q221 KK160F80 05C10AD 645TS
Product Description
Full Text Search
 

To Download BTD2012FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Low Vcesat NPN Epitaxial Planar Transistor
Spec. No. : C822FP Issued Date : 2005.07.29 Revised Date : Page No. : 1/ 5
BTD2012FP
Features
* Low collector-to-emitter saturation voltage, typically VCE(SAT)=0.25V at IC / IB=2A / 0.2A * Excellent DC current gain characteristics * High allowable power dissipation, PD=25W(TC=25) * Large current capability * Pb-free package
Applications
* DC-DC converter, relay drivers, lamp drivers, motor drivers, strobes.
Symbol
BTD2012FP
Outline
TO-220FP
BBase CCollector EEmitter
BC E
BTD2012FP
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Power Dissipation @ TA=25 Power Dissipation @ TC=25 Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Insulation Withstand Voltage (RMS) from All Three Leads to External Heatsink Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB PD PD RJA RJC Visol Tj Tstg
Spec. No. : C822FP Issued Date : 2005.07.29 Revised Date : Page No. : 2/ 5
Limits 80 60 6 3 6 (Note 1) 0.5 2 25 62.5 5 1000 150 -55~+150
Unit V V V A A W C/W C/W V C C
Note : 1. Single Pulse , Pw380s,Duty2%.
Characteristics (Ta=25C)
Symbol BVCBO *BVCEO BVEBO ICBO IEBO *VCE(sat) 1 *VCE(sat) 2 *VBE(sat) *VBE(on) *hFE 1 *hFE 2 fT Cob Min. 80 60 6 120 60 Typ. 150 250 1 100 15 Max. 1 1 220 350 1.2 1 560 Unit V V V A A mV mV V V MHz pF Test Conditions IC=10A, IE=0 IC=1mA, IB=0 IC=10A, IC=0 VCB=80V, IE=0 VEB=4V, IC=0 IC=1A, IB=50mA IC=2A, IB=200mA IC=2A, IB=100mA VCE=2V, IC=500mA VCE=5V, IC=500mA VCE=5V, IC=3A VCE=5V, IC=500mA,f=5MHz VCB=10V, f=1MHz
*Pulse Test : Pulse Width 380s, Duty Cycle2%
Classification of hFE 1
Rank Range Q 120~270 R 180~390 S 270~560
BTD2012FP
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000 Saturation Voltage---(mV) 1000
Spec. No. : C822FP Issued Date : 2005.07.29 Revised Date : Page No. : 3/ 5
Saturation Voltage vs Collector Current
Current Gain---HFE
100
VCE=5V
100
VCESAT@IC=20IB
VCE=2V
VCESAT@IC=10IB
10 1 10 100 1000 10000 Collector Current---IC(mA)
10 1 10 100 1000 10000 Collector Current---IC(mA)
Saturation Voltage vs Collector Current
10000 Saturation Voltage---(mV)
VBESAT@IC=10IB
Output Characteristics
6
100mA
Collector Current---IC(A)
5 4 3 2 1 0
50mA 30mA 20mA 10mA IB=5mA
1000
IB=0mA
100 1 10 100 1000 10000 Collector Current---IC(mA)
0
1
2
3
4
5
6
Collector-to-Emitter Voltage---VCE(V)
On Voltage vs Collector Current
10000
Power Dissipation---PD(W)
Power Derating Curve
2.5 2 1.5 1 0.5 0
VBEON@VCE=2V
On Voltage---(mV)
1000
100 1 10 100 1000 10000 Collector Current---IC(mA)
0
50
100
150
200
Ambient Temperature---TA()
BTD2012FP
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves(Cont.)
Power Derating Curve
30 Power Dissipation---PD(W) 25 20 15 10 5 0 0 50 100 150 200 Case Temeprature---TC()
Spec. No. : C822FP Issued Date : 2005.07.29 Revised Date : Page No. : 4/ 5
BTD2012FP
CYStek Product Specification
CYStech Electronics Corp.
TO-220FP Dimension
Marking:
Spec. No. : C822FP Issued Date : 2005.07.29 Revised Date : Page No. : 5/ 5
D2012
Style: Pin 1.Base 2.Collector 3.Emitter 4.Collector 3-Lead TO-220FP Plastic Package CYStek Package Code: FP
*: Typical
DIM A A1 A2 A3 b b1 b2 c
Inches Min. Max. 0.169 0.185 0.051 REF 0.110 0.126 0.098 0.114 0.020 0.030 0.043 0.053 0.069 0.059 0.020 0.030
Millimeters Min. Max. 4.300 4.700 1.300 REF 2.800 3.200 2.500 2.900 0.500 0.750 1.100 1.350 1.750 1.500 0.500 0.750
DIM D E e F L L1 L2
Inches Min. Max. 0.408 0.392 0.583 0.598 0.100 TYP 0.106 REF 0.138 REF 1.102 1.118 0.067 0.075 0.075 0.083
Millimeters Min. Max. 10.360 9.960 14.800 15.200 2.540 TYP 2.700 REF 3.500 REF 28.000 28.400 1.700 1.900 1.900 2.100
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTD2012FP
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTD2012FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X