Part Number Hot Search : 
2SB822R LTC1658 3BGXC LC66566A 1N4420 TN7279 2664AJ 2102C
Product Description
Full Text Search
 

To Download BTB1424L3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Low VCE(sat) PNP Epitaxial Planar Transistor
Spec. No. : C817L3 Issued Date : 2003.07.31 Revised Date :2004.12.15 Page No. : 1/3
BTB1424L3
Features
* Excellent DC current gain characteristics * Low Saturation Voltage VCE(sat)=-0.4V(typ) (IC=-2A, IB=-100mA). *Complementary to BTD2150L3
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current(DC) Collector Current(Pulsed) (Note 1) Power Dissipation @ TC=25 Junction Temperature Storage Temperature
Note : Single pulse, Pw10ms, Duty Cycle30%.
Symbol VCBO VCEO VEBO IC ICP Pd Tj Tstg
Limits -50 -50 -6 -3 -5 (Note) 5 150 -55~+150
Unit V V V A W C C
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *hFE fT Cob Min. -50 -50 -6 82 Typ. 240 35 Max. -0.1 -0.1 -0.5 560 Unit V V V A A V MHz pF Test Conditions IC=-50A IC=-1mA IE=-50A VCB=-40V VEB=-5V IC=-2A, IB=-100mA VCE=-2V, IC=-100mA VCE=-2V, IC=-500mA, f=100MHz VCB=-10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification Of hFE
Rank HFE range P 82~180 Q 120~270 R 180~390 S 270~560
BTB1424L3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000
Spec. No. : C817L3 Issued Date : 2003.07.31 Revised Date :2004.12.15 Page No. : 2/3
Saturation Voltage vs Collector Current 10000 Saturation Voltage---(mV)
VCE=5V
Current Gain---HFE
1000 100 10
VCESAT=10IB VCESAT@IC=40IB
100
VCE=2V
VCE=1V
VCESAT=20IB
10 1 10 100 1000 10000 Collector Current---IC(mA)
1 1 10 100 1000 10000
Collector Current---IC(mA)
Saturation Voltage vs Collector Current
10000 Saturation Voltage---(mV) Power Dissipation---PD(W) 6 5 4 3 2 1 0 1 10 100 1000 Collector Current---IC(mA) 10000 0
Power Derating Curve
VBESAT@IC=20IB
1000
100
50
100
150
200
Case Temperature---TC()
BTB1424L3
CYStek Product Specification
CYStech Electronics Corp.
SOT-223 Dimension
A
Spec. No. : C817L3 Issued Date : 2003.07.31 Revised Date :2004.12.15 Page No. : 3/3
Marking:
B 1 2 3
C
B1424
D E F G H a1 I a2
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead SOT-223 Plastic Surface Mounted Package CYStek Package Code: L3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1142 0.1220 0.2638 0.2874 0.1299 0.1457 0.0236 0.0315 *0.0906 0.2480 0.2638
Millimeters Min. Max. 2.90 3.10 6.70 7.30 3.30 3.70 0.60 0.80 *2.30 6.30 6.70
DIM G H I a1 a2
Inches Min. Max. 0.0551 0.0709 0.0098 0.0138 0.0008 0.0039 *13o 0o 10 o
Millimeters Min. Max. 1.40 1.80 0.25 0.35 0.02 0.10 *13o 0o 10 o
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTB1424L3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTB1424L3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X