Part Number Hot Search : 
5248B NESW064 10TQI 12T50 LTM4601A SMLP3 245SC TS2012FC
Product Description
Full Text Search
 

To Download BTB1236AM3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Silicon PNP Epitaxial Planar Transistor
Spec. No. : C854M3 Issued Date : 2004.08.20
Revised Date : Page No. : 1/4
BTB1236AM3
Description
* High BVCEO * High current capability
Symbol
BTB1236AM3
Outline
SOT-89
BBase CCollector EEmitter
BCE
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Power Dissipation Symbol VCBO VCEO VEBO IC ICP PD Limits -180 -160 -5 -1.5 -3 0.6 1 2 Unit V V V A A W W W C/W C/W C/W C C
(Note 1) (Note 2) (Note 3)
Thermal Resistance, Junction to Ambient
RJA
208 125 (Note 2) 62.5 (Note 3)
Junction Temperature Storage Temperature
Note : 1. Single Pulse Pw350s, Duty2%.
Tj Tstg
150 -55~+150
2. When mounted on FR-4 PCB with area measuring 10x10x1 mm. 3. When mounted on ceramic with area measuring 40x40x1 mm
BTB1236AM3 CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(on) hFE1 hFE2 fT Cob Min. -180 -160 -5 60 30 Typ. 140 27 Max. -1 -1 -0.6 -1.5 200 Unit V V V A A V V MHz pF
Spec. No. : C854M3 Issued Date : 2004.08.20
Revised Date : Page No. : 2/4
Test Conditions IC=-50A, IE=0 IC=-1mA, IB=0 IE=-50A, IC=0 VCB=-160V, IE=0 VEB=-4V, IC=0 IC=-1A, IB=-100mA VCE=-5V, IC=-150mA VCE=-5V, IC=-100mA VCE=-5V, IC=-500mA VCE=-5V, IC=-150mA VCB=-10V, IE=0, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification of hFE 1
Rank Range K 60~120 P 82~190 Q 120~200
BTB1236AM3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000
VCE=5V
Spec. No. : C854M3 Issued Date : 2004.08.20
Revised Date : Page No. : 3/4
Saturation Voltage vs Collector Current
1000
VCE(SAT)@IC=10IB
100
Saturation Voltage-(mV) 1 10 100 1000 10000
Current Gain---HFE
100
10
1 Collector Current---IC(mA)
10 1 10 100 1000 Collector Current---IC(mA) 10000
On Voltage vs Collector Current
10000
Power Derating Curve
2.5 Power Dissipation---PD(W)
VBE(ON)@VCE=5V
2 1.5 1 0.5 0
See Note 3 on page 1 See Note 2 on page 1
On Voltage---(mV)
1000
100 1 10 100 1000 10000 Collector Current---IC(mA)
0
50
100
150
200
Ambient Temperature---TA()
BTB1236AM3
CYStek Product Specification
CYStech Electronics Corp.
SOT-89 Dimension
A
Spec. No. : C854M3 Issued Date : 2004.08.20
Revised Date : Page No. : 4/4
Marking:
1
2
C
3
H
AV2
B
D
Style: Pin 1. Base 2. Collector 3. Emitter
E F G
I
3-Lead SOT-89 Plastic Surface Mounted Package CYStek Package Code: M3
*: Typical
DIM A B C D E
Inches Min. Max. 0.1732 0.1811 0.1594 0.1673 0.0591 0.0663 0.0945 0.1024 0.01417 0.0201
Millimeters Min. Max. 4.40 4.60 4.05 4.25 1.50 1.70 2.40 2.60 0.36 0.51
DIM F G H I
Inches Min. Max. 0.0583 0.0598 0.1165 0.1197 0.0551 0.0630 0.0138 0.0161
Millimeters Min. Max. 1.48 1.527 2.96 3.04 1.40 1.60 0.35 0.41
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTB1236AM3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTB1236AM3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X