Part Number Hot Search : 
BT301 2N491 AN414 AZ393MTR 07910 VCH1622 A12216 LL07W
Product Description
Full Text Search
 

To Download BTB1236AL3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Silicon PNP Epitaxial Planar Transistor
Spec. No. : C854L3 Issued Date : 2004.07.28
Revised Date : Page No. : 1/4
BTB1236AL3
Description
* High BVCEO * High current capability
Symbol
BTB1236AL3
BBase CCollector EEmitter
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Power Dissipation @TC=25 Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP Pd Tj Tstg Limits -180 -160 -5 -1.5 -3 5 150 -55~+150 Unit V V V A A W C C
BTB1236AL3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(on) hFE1 hFE2 fT Cob Min. -180 -160 -5 60 30 Typ. 140 27 Max. -1 -1 -0.6 -1.5 200 Unit V V V A A V V MHz pF
Spec. No. : C854L3 Issued Date : 2004.07.28
Revised Date : Page No. : 2/4
Test Conditions IC=-50A, IE=0 IC=-1mA, IB=0 IE=-50A, IC=0 VCB=-160V, IE=0 VEB=-4V, IC=0 IC=-1A, IB=-100mA VCE=-5V, IC=-150mA VCE=-5V, IC=-100mA VCE=-5V, IC=-500mA VCE=-5V, IC=-150mA VCB=-10V, IE=0, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification of hFE 1
Rank Range K 60~120 P 82~190 Q 120~200
BTB1236AL3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000
VCE=5V
Spec. No. : C854L3 Issued Date : 2004.07.28
Revised Date : Page No. : 3/4
Saturation Voltage vs Collector Current
1000
VCE(SAT)@IC=10IB
100
Saturation Voltage-(mV) 1 10 100 1000 10000
Current Gain---HFE
100
10
1 Collector Current---IC(mA)
10 1 10 100 1000 Collector Current---IC(mA) 10000
On Voltage vs Collector Current
10000 Power Dissipation---PD(W)
VBE(ON)@VCE=5V
Power Derating Curve
6 5 4 3 2 1 0
On Voltage---(mV)
1000
100 1 10 100 1000 10000 Collector Current---IC(mA)
0
50
100
150
200
Case Temperature---TC()
BTB1236AL3
CYStek Product Specification
CYStech Electronics Corp.
SOT-223 Dimension
A
Spec. No. : C854L3 Issued Date : 2004.07.28
Revised Date : Page No. : 4/4
Marking:
B 1 2 3
C
AV2
D E F G H a1 I a2
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead SOT-223 Plastic Surface Mounted Package CYStek Package Code: L3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1142 0.1220 0.2638 0.2874 0.1299 0.1457 0.0236 0.0315 *0.0906 0.2480 0.2638
Millimeters Min. Max. 2.90 3.10 6.70 7.30 3.30 3.70 0.60 0.80 *2.30 6.30 6.70
DIM G H I a1 a2
Inches Min. Max. 0.0551 0.0709 0.0098 0.0138 0.0008 0.0039 o *13 0o 10 o
Millimeters Min. Max. 1.40 1.80 0.25 0.35 0.02 0.10 o *13 0o 10 o
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTB1236AL3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTB1236AL3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X