Part Number Hot Search : 
TC9271FS 253FF AP300 W503YDT IN74HC1 C4104A CP592 H16S7
Product Description
Full Text Search
 

To Download BTB1236A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Silicon PNP Epitaxial Planar Transistor
Spec. No. : C854A3 Issued Date : 2004.07.28
Revised Date : Page No. : 1/4
BTB1236A3
Description
* High BVCEO * High current capability
Symbol
BTB1236A3
Outline
TO-92
BBase CCollector EEmitter
ECB
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Power Dissipation (Note) Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB Pd Tj Tstg Limits -180 -160 -5 -1.5 -3 0.5 900 150 -55~+150 Unit V V V A A A mW C C
Note : Transistor mounted on a printed-circuit board.
BTB1236A3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(on) hFE1 hFE2 fT Cob Min. -180 -160 -5 60 30 Typ. 140 27 Max. -1 -1 -0.6 -1.5 200 Unit V V V A A V V MHz pF
Spec. No. : C854A3 Issued Date : 2004.07.28
Revised Date : Page No. : 2/4
Test Conditions IC=-50A, IE=0 IC=-1mA, IB=0 IE=-50A, IC=0 VCB=-160V, IE=0 VEB=-4V, IC=0 IC=-1A, IB=-100mA VCE=-5V, IC=-150mA VCE=-5V, IC=-100mA VCE=-5V, IC=-500mA VCE=-5V, IC=-150mA VCB=-10V, IE=0, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Classification of hFE 1
Rank Range K 60~120 P 82~190 Q 120~200
BTB1236A3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000
VCE=5V
Spec. No. : C854A3 Issued Date : 2004.07.28
Revised Date : Page No. : 3/4
Saturation Voltage vs Collector Current
1000
VCE(SAT)@IC=10IB
100
Saturation Voltage-(mV) 1 10 100 1000 10000
Current Gain---HFE
100
10
1 Collector Current---IC(mA)
10 1 10 100 1000 Collector Current---IC(mA) 10000
On Voltage vs Collector Current
10000 Power Dissipation---PD(mW)
VBE(ON)@VCE=5V 1000 900 800 700 600 500 400 300 200 100 0
Power Derating Curve
On Voltage---(mV)
1000
100 1 10 100 1000 10000 Collector Current---IC(mA)
0
50
100
150
200
Ambient Temperature---TA()
BTB1236A3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Dimension
Spec. No. : C854A3 Issued Date : 2004.07.28
Revised Date : Page No. : 4/4
A B
1 2 3
2
Marking:
B1236
3
C
D
H I E F
G
Style: Pin 1.Emitter 2.Collector 3.Base 3-Lead TO-92 Plastic Package CYStek Package Code: A3
1
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTB1236A3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTB1236A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X