Part Number Hot Search : 
PM4380 WDW3T CPC1908J S822T08 10431 AM27X040 CXA700 NTE6164
Product Description
Full Text Search
 

To Download BTB1184J3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Low Vcesat PNP Epitaxial Planar Transistor
Spec. No. : C817J3 Issued Date : 2003.04.18 Revised Date : 2005.10.04 Page No. : 1/5
BTB1184J3
Features
* Low VCE(sat) * Excellent current gain characteristics * Complementary to BTD1760J3 * Pb-free package
Symbol
BTB1184J3
Outline
TO-252
BBase CCollector EEmitter
BCE
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current(DC) Collector Current(Pulse) Power Dissipation (TA=25) Power Dissipation (TC=25) Junction Temperature Storage Temperature
Note : *1. Single Pulse Pw=10ms *2 . Printed circuit board, 1.7mm thick, collector copper plating 10mm*10mm or larger.
BTB1184J3 CYStek Product Specification
Symbol VCBO VCEO VEBO IC ICP Pd(TA=25) Pd(TC=25) Tj Tstg
Limits -50 -50 -6 -3 -7 1 15 150 -55~+150
Unit V V V *1 *2 A W C C
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 *hFE3 fT Cob Min. -50 -50 -6 52 82 52 Typ. -1 80 35 Max. -1 -1 -1 -1.5 560 Unit V V V A A V V MHz pF
Spec. No. : C817J3 Issued Date : 2003.04.18 Revised Date : 2005.10.04 Page No. : 2/5
Test Conditions IC=-50A, IE=0 IC=-1mA, IB=0 IE=-50A, IC=0 VCB=-30V, IE=0 VEB=-4V, IC=0 IC=-2A, IB=-0.1A IC=-2A, IB=-0.2A VCE=-2V, IC=-20mA VCE=-3V, IC=-500mA VCE=-2V, IC=-1A VCE=-5V, IC=-0.1A, f=100MHz VCB=-10V, f=1MHz
*Pulse Test : Pulse Width 380s, Duty Cycle2%
Classification Of hFE2
Rank Range P 82~180 Q 120~270 R 180~390 S 270~560
Ordering Information
Device BTD1184J3 Package TO-252 (Pb-free) Shipping 2500 pcs / Tape & Reel Marking B1184
BTB1184J3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000 Saturation Voltage---(mV)
VCE=2V
Spec. No. : C817J3 Issued Date : 2003.04.18 Revised Date : 2005.10.04 Page No. : 3/5
Saturation Voltage vs Collector Current
1000
VCE(SAT)@IC=10IB
Current Gain---HFE
100
10
100 0.1 1 10 100 1000 10000 Collector Current---IC(mA)
1 0.1 1 10 100 1000 10000
Collector Current---IC(mA)
Saturation Voltage & Collector Current
10000 Saturation Voltage---(mV)
VBESAT@IC=10IB
Power Dissipation---PD(W) 16 14 12 10 8 6 4 2
Power Derating Curve
1000
100 0.1 1 10 100 1000 10000 Collector Current---IC(mA)
0 0 50 100 150 200
Case Temperature---TC()
Power Derating Curve
1.2 Power Dissipation---PD(W) 1 0.8 0.6 0.4 0.2 0 0 50 100 150 200 Ambient Temperature---TA()
BTB1184J3
CYStek Product Specification
CYStech Electronics Corp.
Reel Dimension
Spec. No. : C817J3 Issued Date : 2003.04.18 Revised Date : 2005.10.04 Page No. : 4/5
Carrier Tape Dimension
BTB1184J3
CYStek Product Specification
CYStech Electronics Corp.
TO-252 Dimension
A C
Spec. No. : C817J3 Issued Date : 2003.04.18 Revised Date : 2005.10.04 Page No. : 5/5
Marking:
B L F G
D
B1184
3 H E K 2 I 1 J
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead TO-252 Plastic Surface Mount Package CYStek Package Code: J3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTB1184J3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTB1184J3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X