![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CYStech Electronics Corp. General Purpose PNP Epitaxial Planar Transistor Spec. No. : C306C3 Issued Date : 2004.03.03 Revised Date : Page No. : 1/4 BTA1774C3 Description * The BTA1774C3 is designed for use in driver stage of AF amplifier and general purpose amplification. * High HFE and excellent linearity * Complementary to BTC4617C3. Symbol BTA1774C3 Outline SOT-523 C BBase CCollector EEmitter B E Absolute Maximum Ratings (Ta=25C) Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd RJA Tj Tstg Limits -60 -50 -6 -150 150 833.3 150 -55~+150 Unit V V V mA mW C/W C C BTA1774C3 CYStek Product Specification CYStech Electronics Corp. Characteristics (Ta=25C) Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) hFE fT Cob Min. -60 -50 -6 120 Typ. 140 4 Max. -0.1 -0.1 -0.5 560 5 Unit V V V A A V MHz pF Spec. No. : C306C3 Issued Date : 2004.03.03 Revised Date : Page No. : 2/4 Test Conditions IC=-50A IC=-1mA IE=-50A VCB=-60V VEB=-6V IC=-50mA, IB=-5mA VCE=-6V, IC=-1mA VCE=-12V, IC=-2mA, f=30MHz VCB=-12V, IE=0, f=1MHz *Pulse Test: Pulse Width 380s, Duty Cycle2% Marking Code and Classification Of hFE Rank hFE Range Marking Q 120~270 FQ R 180~390 FR S 270~560 FS BTA1774C3 CYStek Product Specification CYStech Electronics Corp. Characteristic Curves Current Gain vs Collector Current 1000 HFE@VCE=6V Spec. No. : C306C3 Issued Date : 2004.03.03 Revised Date : Page No. : 3/4 Saturation Voltage vs Collector Current 1000 Saturation Voltage---(mV) Current Gain---HFE VCE(SAT)@IC=10IB 100 100 10 0.1 1 10 100 1000 Collector Current---IC(mA) 10 0.1 1 10 100 1000 Collector Current---IC(mA) Saturation Voltage vs Collector Current 10000 VBE(SAT)@IC=10IB Cutoff Frequency vs Collector Current 1 Cutoff Frequency---FT(GHZ) Saturation Voltage---(mV) 1000 FT@VCE=12V 100 0.1 1 10 100 Collector Current---IC(mA) 1000 0.1 1 10 Collector Current---IC(mA) 100 Power Derating Curve 160 Power Dissipation---PD(mW) 140 120 100 80 60 40 20 0 0 50 100 150 Ambient Temperature --- Ta( ) 200 BTA1774C3 CYStek Product Specification CYStech Electronics Corp. SOT-523 Dimension Spec. No. : C306C3 Issued Date : 2004.03.03 Revised Date : Page No. : 4/4 Marking: A 3 C F_ 3E_ D 1 2 B _ : hFE Rank Code F H J G I E 3-Lead SOT-523 Plastic Surface Mounted Package CYStek Package Code: C3 K M L N O Style: Pin 1.Base 2.Emitter 3.Collector *: Typical DIM A B C D E F G H Inches Min. Max. 0.0079 0.0157 0.0591 0.0669 0.0118 0.0197 0.0295 0.0335 0.0118 0.0197 0.0039 0.0118 0.0039 0.0118 *0.0197 - Millimeters Min. Max. 0.20 0.40 1.50 1.70 0.30 0.50 0.75 0.85 0.30 0.50 0.10 0.30 0.10 0.30 *0.50 - DIM I J K L M N O Inches Min. Max. *0.0197 0.0610 0.0650 0.0276 0.0315 0.0224 0.0248 0.0020 0.0059 0.0039 0.0118 0 0.0031 Millimeters Min. Max. *0.50 1.55 1.65 0.70 0.80 0.57 0.63 0.05 0.15 0.10 0.30 0 0.08 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: * Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. BTA1774C3 CYStek Product Specification |
Price & Availability of BTA1774C3
![]() |