Part Number Hot Search : 
TDA72940 MSC80278 MMSZ5221 SA552 6KE16CA D50NH02 SC1815 SK1501
Product Description
Full Text Search
 

To Download BSS44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BSS44
SILICON PNP TRANSISTOR
s
s
STMicroelectronics PREFERRED SALESTYPE PNP TRANSISTOR
DESCRIPTION The BSS44 is a silicon epitaxial planar PNP transistor in Jedec TO-39 metal case. It is used for high-current switching and power applications up to 5 A.
TO-39
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Total Dissipation at T case 25 o C T amb 25 o C Storage Temperature Max. Operating Junction Temperature Value - 65 - 60 -6 -5 5 0.87 -65 to 200 200 Unit V V V A W W
o o
C C 1/4
November 1998
BSS44
THERMAL DATA
R thj-case R thj-amb Thermal Resistance Junction-case Thermal Resistance Junction-amb Max Max 35 200
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CES Parameter Collector Cut-off Current (V BE =0) Test Conditions V CE = -60 V I C = -1 mA -65 Min. Typ. Max. -0.5 Unit A V
V (BR)CBO Collector-base Breakdown Voltage (I E = 0) V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V EBO
I C = -50 mA
-60
V
Emitter-base Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
I E =.- 1 mA I C = -0.5 A IC = - 5 A I C = -0.5 A IC = - 5 A I C = -0.5 A I C = -2 A I C = -5 A I C = -0.5 A IE = 0 f = 1 MHz I B = -50 mA I B = -0.5 A I B = -50 mA I B = -0.5 A V CE = -2 V V CE = -2 V V CE = -2 V V CE = -5 V V CB = 10 V
-6 -0.1 -0.4 -0.8 -1.1 30 40 70 45 80 100 0.065 0.45
V V V V V
V CE(sat) V BE(sat) h FE
-1 -1.6
f T C CBO t on t off
Transition Frequency Collector-base Capacitance Turn-on Time Turn-off Time
MHz pF s s
IC = -0.5 A V CC = -20 V I B1 = -IB2 = -50 mA
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
2/4
BSS44
TO-39 MECHANICAL DATA
mm DIM. MIN. A B D E F G H I L 5.08 1.2 0.9 45o (typ.) 12.7 0.49 6.6 8.5 9.4 0.200 0.047 0.035 TYP. MAX. MIN. 0.500 0.019 0.260 0.334 0.370 TYP. MAX. inch
G I H
D
A
L
F
E
B
P008B
3/4
BSS44
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
4/4


▲Up To Search▲   

 
Price & Availability of BSS44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X