Part Number Hot Search : 
UP0411M MGCT02 0D181 74LVC1G0 BCM5705M ZSM380 CS3VD 7101P6
Product Description
Full Text Search
 

To Download BSP318S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
BSP318S
SIPMOS (R) Small-Signal-Transistor
Features * N-Channel
*
Product Summary Drain source voltage Continuous drain current
VDS ID
4
60 0.09 2.6
V A
Enhancement mode
Drain-Source on-state resistance RDS(on)
* Avalanche rated * Logic Level * dv/dt rated
3 2 1
VPS05163
Type BSP318S
Package SOT-223
Ordering Code Q67000-S4002
Pin 1 G
Pin 2, 4 D
PIN 3 S
Maximum Ratings,at T j = 25 C, unless otherwise specified Parameter Symbol Continuous drain current Pulsed drain current
Value 2.6 10.4 60 2.6 0.18 6
Unit A
ID ID puls EAS IAR EAR
dv/dt
T A = 25 C
Avalanche energy, single pulse mJ A mJ kV/s
I D = 2.6 A, V DD = 25 V, R GS = 25
Avalanche current,periodic limited by T jmax Avalanche energy, periodic limited by Tjmax Reverse diode dv/dt
I S = 2.6 A, V DS = 20 V, di/dt = 200 A/s, T jmax = 150 C
Gate source voltage Power dissipation
VGS Ptot Tj , Tstg
20 1.8 -55... +150 55/150/56
V W C
T A = 25 C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
1999-10-28
Final data
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point (Pin 4) SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 1) Symbol min. Values typ. 17
BSP318S
Unit max. K/W
RthJS RthJA
-
-
100 -
70
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Static Characteristics Drain- source breakdown voltage Symbol min. Values typ. 1.6 max. 2 A 0.1 10 0.12 0.07 1 100 100 0.15 0.09 nA V Unit
V(BR)DSS VGS(th) IDSS
60 1.2
VGS = 0 V, I D = 0.25 mA
Gate threshold voltage, VGS = VDS I D = 20 A Zero gate voltage drain current
VDS = 60 V, V GS = 0 V, Tj = 25 C VDS = 60 V, V GS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS RDS(on) RDS(on)
-
VGS = 20 V, VDS = 0 V
Drain-Source on-state resistance
VGS = 4.5 V, I D = 2.6 A
Drain-Source on-state resistance
VGS = 10 V, I D = 2.6 A
1Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
1999-10-28
Final data
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Symbol Values min. Dynamic Characteristics Transconductance typ.
BSP318S
Unit max.
gfs Ciss Coss Crss td(on)
2.4 -
5.5 300 90 50 12
380 120 65 20
S pF
VDS2*I D*RDS(on)max , ID = 2.6 A
Input capacitance
VGS = 0 V, V DS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, V DS = 25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, V DS = 25 V, f = 1 MHz
Turn-on delay time ns
VDD = 30 V, VGS = 4.5 V, I D = 2.6 A, RG = 16
Rise time
tr
-
15
25
VDD = 30 V, VGS = 4.5 V, I D = 2.6 A, RG = 16
Turn-off delay time
td(off)
-
20
30
VDD = 30 V, VGS = 4.5 V, I D = 2.6 A, RG = 16
Fall time
tf
-
15
25
VDD = 30 V, VGS = 4.5 V, I D = 2.6 A, RG = 16
Page 3
1999-10-28
Final data
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Symbol Values min. Dynamic Characteristics Gate charge at threshold typ.
BSP318S
Unit max.
QG(th) Qg(5) Qg V(plateau)
-
0.4 7 14 3.6
0.6 10 20 -
nC
VDD = 40 V, ID = 0.1 A, V = 1 V
Gate charge at V GS = 5 V VDD = 40 V, ID = 2.6 A, VGS = 0 to 5 V Gate charge total
VDD = 40 V, ID = 2.6 A, VGS = 0 to 10 V
Gate plateau voltage V
VDD = 40 V , I D = 2.6 A
Parameter Reverse Diode Inverse diode continuous forward current
Symbol min.
Values typ. 0.95 50 0.1 max. 2.6 10.4 1.2 75 0.15
Unit
IS ISM VSD trr Qrr
-
A
T A = 25 C
Inverse diode direct current,pulsed
T A = 25 C
Inverse diode forward voltage V ns C
VGS = 0 V, I F = 5.2 A
Reverse recovery time
VR = 30 V, IF=I S , di F/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=l S , diF/dt = 100 A/s
Page 4
1999-10-28
Final data
Power Dissipation Drain current
BSP318S
Ptot = f (TA)
BSP318S
ID = f (TA )
BSP318S
1.9
2.8
W
1.6 1.4
A
2.4 2.2 2.0
Ptot
ID
C
1.2 1.0 0.8 0.6
1.8 1.6 1.4 1.2 1.0 0.8
0.4 0.2
0.6 0.4 0.2
0.0 0
20
40
60
80
100
120
160
0.0 0
20
40
60
80
100
120
C
160
TA
TA
Safe operating area
Transient thermal impedance
I D = f ( VDS )
parameter : D = 0 , T A = 25 C
10
2
ZthJA = f(tp )
parameter : D = tp /T
10 2
BSP318S
BSP318S
A
/I D =
tp = 140.0s
K/W
10 1
( DS on )
V
DS
10 1
ID
R
10 0
1 ms
Z thJA
10 0
10 ms
D = 0.50 0.20 0.10
10 -1
10 -1 single pulse DC
0.05 0.02 0.01
10 -2 -1 10
10
0
10
1
V
10
2
10 -2 -5 -4 -3 -2 -1 0 1 2 10 10 10 10 10 10 10 10
s 10 4
VDS
Page 5
tp
1999-10-28
Final data
Typ. output characteristic
BSP318S
Typ. transfer characteristics ID = f ( VGS )
I D = f (VDS); T j=25C parameter: tp = 80 s
BSP318S
VDS 2 x ID x RDS(on)max parameter: tp = 80 s
15
A
VGS [V] a 2.0
b c 2.5 3.0 3.5
6.5
Ptot = 1.80W
g jf ihe ld k
A
5.5 5.0 4.5
c
12 11 10
d e f g h
ID
ID
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
a b
4.0 4.5 5.0 5.5 6.0 7.0 8.0 10.0
9 8 7 6 5 4 3 2 1
i j k l
0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 V
5.0
0 0
1
2
3
4
5
6
7
8
V
10
VDS
VGS
Drain-source on-resistance
Gate threshold voltage
RDS(on) = f (Tj)
parameter : I D = 2.6 A, V GS = 4.5 V
BSP318S
VGS(th) = f (Tj)
parameter: VGS = VDS , ID = 20 A
3.0
V
0.36
0.28
2.4
RDS(on)
0.24 0.20
V GS(th)
98% typ
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8
max
0.16 0.12 0.08 0.04 0.00 -60
0.6 0.4 0.2 -20 20 60 100
C
typ
min
180
0.0 -60
-20
20
60
100
140 C
200
Tj
Page 6
Tj
1999-10-28
Final data
Typ. capacitances C = f(V DS) parameter: VGS=0 V, f=1 MHz
10 3
BSP318S
Forward characteristics of reverse diode
IF = f (VSD )
parameter: Tj , tp = 80 s
10 2
BSP318S
A
pF
Ciss
10 1
C
10 2
Coss Crss
10 0
IF
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 1 0
V
5
10
15
20
25
30
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4 V
3.0
VDS
VSD
Avalanche Energy
E AS = f (T j)
Typ. gate charge
parameter: ID = 2.6 A, VDD = 25 V RGS = 25
65
VGS = f (QGate )
parameter: ID = 2.6 A pulsed
BSP318S
16
mJ V
55 50 12
VGS
45
EAS
40 35
10
8 30 25 20 15 10 5 0 20 40 60 80 100 120
C
0,2 VDS max 6
0,8 VDS max
4
2
160
0 0
4
8
12
16
nC
24
Tj
Page 7
QGate
1999-10-28
Final data
Drain-source breakdown voltage
BSP318S
V(BR)DSS = f (Tj)
BSP318S
72
V
68 66 64 62 60 58 56 54 -60
V(BR)DSS
-20
20
60
100
C
180
Tj
Page 8
1999-10-28
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer.
BSP318S
Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 9
1999-10-28


▲Up To Search▲   

 
Price & Availability of BSP318S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X