Part Number Hot Search : 
01210 10400 4AA08 AN4233 IRFP153R DH0165D HT82323 KA78L24A
Product Description
Full Text Search
 

To Download BSP15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 3 FEBRUARY 1996 FEATURES * High VCEO * Low saturation voltage C
BSP15
COMPLEMENTARY TYPE: PARTMARKING DETAIL:
BSP20 BSP15 B
E C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at Tamb =25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg VALUE -200 -200 -5 -1 -0.5 2 -55 to +150 UNIT V V V A A W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO MIN. -200 -200 -5 -1 -20 - 2.0 -0.5 30 15 15 150 MHz pF MAX. UNIT V V V
A A
CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-175V VEB=-4V IC=-50mA, IB=-5mA* IC=-30mA, IB=-3mA* IC=-50mA, VCE=-10V* IC=-10mA, VCE=-20V* f = 20MHz VCB=-10V, f=1MHz
Collector-Emitter Saturation VCE(sat) Voltage Static Forward Current Transfer Ratio Transition Frequency Output Capacitance hFE fT Cobo
V V
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% For typical characteristics graphs see FMMTA92 datasheet. 3 - 58


▲Up To Search▲   

 
Price & Availability of BSP15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X