Part Number Hot Search : 
MM5Z10V 5KE40 LM7824T MP3501G BF547 00BGC EBS24A PAC7302
Product Description
Full Text Search
 

To Download BR508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR5005
DC COMPONENTS CO., LTD.
R
THRU BR5010
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 50 Amperes
FEATURES
* Plastic case with heatsink for Maximum Heat Dissipation * Surge overload ratings-400 Amperes * Low forward voltage drop
BR-25
TYP
METAL HEAT SINK
MECHANICAL DATA
* Case: Molded plastic with heatsink * Epoxy: UL 94V-0 rate flame retardant * Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: As marked * Mounting position: Any * Weight: 30 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 25A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Case per leg.
2
BR5005 50 35 50
BR501 100 70 100
BR502 200 140 200
BR504 400 280 400 50 400 1.1 10 500 664 300 2.0 -55 to + 175
BR506 600 420 600
BR508 800 560 800
BR5010 UNITS 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
VRRM VRMS VDC IO IFSM VF IR It CJ RJ C TJ,TSTG
2
@TA = 25 oC @TA = 100 oC
C/W
0
C
256
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES ( BR5005 THRU BR5010 )
DC COMPONENTS CO., LTD.
R
257
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of BR508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X