Part Number Hot Search : 
MAX5066 NDT01N60 I74F138D LT348 AAO20 0DX103J9 U21008 SN744
Product Description
Full Text Search
 

To Download BR358 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BR3505 THRU BR3510
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
FEATURES
* * * * Superior thermal desing 400 amperes surge rating // 1/4 universal faston terminal Hole thru for # 8 screw
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
BR-35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
BR-35W
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating and Storage Temperature Range TJ,TSTG -55 to + 175
0 o
SYMBOL VRRM VRMS VDC IO IFSM
BR3505 50 35 50
BR351 100 70 100
BR352 200 140 200
BR354 400 280 400 35.0 400
BR356 600 420 600
BR358 800 560 800
BR3510 1000 700 1000
UNITS Volts Volts Volts Amps Amps C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 17.5A DC Maximum Reverse Current at Rated DC Blocking Voltage per element NOTE: Suffix "W" for wire type @TA = 25 oC @TC = 100 oC SYMBOL VF IR 0.5 mAmps 2001-6 BR3505 BR351 BR352 BR354 1.1 10 BR356 BR358 BR3510 UNITS Volts uAmps
RATING AND CHARACTERISTIC CURVES ( BR3505 THRU BR3510 )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT, (A)
500
8.3ms Single Half Sine-Wave (JEDEC Method)
50 40
400
300
30
200
20
Single Phase Half Wave 60Hz Indutive or Resistive Load
100
10 0 0
0 1 2 4 6 8 10 20 40 60 80100 NUMBER OF CYCLES AT 60Hz
50 100 CASE TEMPERATURE, (
150 )
175
INSTANTANEOUS FORWARD CURRENT, (A)
CHARACTERISTICS 100
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10
10
1.0
TJ = 25
1.0
TJ = 25 Pulse Width = 300us 1% Duty Cycle
.1
.1
.01 1.2 1.3 .6 .7 .8 .9 1.0 1.1 INSTANTANEOUS FORWARD VOLTAGE, (V)
.452 MAX. (11.5) .480 (12.2) .425 (10.8)
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.452 MAX. (11.5) .042 (1.1) DIA. .080 (2.0) TYP.
.591 MAX. (15.0)
1.181 (30.0) 1.102 (28.0) .673 (17.1) .633 (16.1)
HOLE FOR NO. 8 SCREW
1.181 (30.0) 1.102 (28.0)
HOLE FOR NO. 8 SCREW 1.181 (30.0) 1.102 (28.0) .468 (11.9) .429 (10.9)
AC .732 (18.6) .692 (17.6) AC
1.181 (30.0) 1.102 (28.0) .673 (17.1) .633 (16.1)
AC .732 (18.6) .692 (17.6) AC
.582 (14.8) .543 (13.8)
.033 x .250 (0.8 x 6.4)
.732 (18.6) .692 (17.6)
BR-35
BR-35W
RECTRON


▲Up To Search▲   

 
Price & Availability of BR358

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X