Part Number Hot Search : 
CXP86608 TDA854 ACVX1222 62717 P6KE39 IS42S16 D70F3 R8CL36B
Product Description
Full Text Search
 

To Download BR2510M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR2500M - BR2510M
PRV : 50 - 1000 Volts Io : 25 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
SILICON BRIDGE RECTIFIERS
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70) 1.130(28.70) 0.618(15.70) 1.120(28.40)
MECHANICAL DATA :
Case : Metal Case Epoxy : UL94V-O rate flame retardant Terminals : plated .25" (6.35 mm). Faston Polarity : Polarity symbols marked on case Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams * * * * *
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
0.310(7.87) 0.280(7.11)
Metal Heatsink
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 12.5 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Notes : Ta = 25 C Ta = 100 C
SYMBOL
BR2500 BR2501 BR2502 BR2504 BR2506 BR2508 BR2510 M M M M M M M 50 35 50 100 70 100 200 140 200 400 280 400 25 300 375 1.1 10 200 1.45 - 40 to + 150 - 40 to + 150 600 420 600 800 560 800 1000 700 1000
UNIT V V V A A A2S V
VRRM VRMS
VDC
IF(AV) IFSM I2 t VF IR IR(H) RJC TJ TSTG
A A C/W C C
1. Thermal Resistance from junction to case with units mounted on a 5" x 6" x 4.9" (12.8cm.x 15.2cm.x 12.4cm.) Al.-Finned Plate
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( BR2500 - BR2510M )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
30
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
25
250
20
200
TJ = 50 C
15
150
10 HEAT-SINK MOUNTING, Tc 5" x 6" x 4.9" THK. (12.8cm x 15.2cm x 12.4cm) Al.-Finned plate
100 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
5
50
0
0 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MICROAMPERES PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
Pulse Width = 300 s 1 % Duty Cycle 1.0
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of BR2510M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X