Part Number Hot Search : 
RA523 101MM TDA74 M368L 2SK2651 ML7805 KBU8B 30402
Product Description
Full Text Search
 

To Download BPS200C-1412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BIAS Power Technology, Inc.
BIAS Standby Supply Module BPS200 Series
The BPS200 Standby Power Supply Module is an ideal replacement for current standby power applications in appliances and consumer electronics. This low-cost supply provides up to two watt of output power, nominal output of 6, 12 or 14 VDC (Vo), and an additional regulated output of 3.3, 5.0 or 12.0 VDC (Vr) to maintain standby functions such as powering an LED, microprocessor or remote control sensor. Incorporating a custom integrated circuit into a small package, the BIAS Standby Module provides an immediate "drop-in" solution, requiring no additional external components.
Features
Low Cost Single Component Solution Quick Time-To-Market Universal Input (85 to 265 VAC) Small Size
Operating Specifications
(@120VAC / 60 Hz / 25C / 12VDC Vo unless otherwise specified)
Option A: Constant Power
Lowest cost solution, best applied in constant load applications.
Electrical Input Voltage Range Output Power Efficiency Output (Vo) Regulation Vo Ripple Vo (@120 Hz) Regulated Output (Vr) Regulation Vr Ripple Vr (@120 Hz) No-load Consumption Isolation Thermal Operating Temperature Operating Relative Humidity Storage Temperature Mechanical Package Size (L x W x H) Safety 1 Safety Compliance 1 EMI Emissions 1 EFT/B Compliance
1 2
85 to 265 VAC (50/60Hz) 2.0 W max 70% nom. 6, 12, 14 VDC nom. +/- 5% (options B, C) 1V 3.3, 5.0, 12.0 VDC (option C) +/- 0.1% (option C) 30 mV (option C) 20 mW typical 3000 VAC -10 to 85 C 20 - 90% RH -40 to 105 C TBD UL1950 / EN60950 (VDE) EN 55011 / FCC Part 15-B 2 IEC 1000-4-4 Level 4
Specifications subject to change
Option B: Demand Power
Designed for variable or intermittent load applications. Power is available upon demand and adjustable up to two watts.
Option C: Demand Power with Voltage Regulation
Provides dual isolated outputs for applications requiring a regulated output (Vr 0.1%) in addition to the standard unregulated output.
Certification pending Utilizing external TVS device
Rev. 7/18/02, Page 1 of 2
BIAS Power Technology, Inc., 414 South Vermont Street, Palatine, Illinois 60067 USA Phone: 888-772-7658 USA, 847-991-8516; Fax: 847-991-8526, www.biaspower.com
BIAS Power Technology, Inc.
Part Number Designation
Model BPS: Standby Power Module Series 200: 2 Watt Power Configuration A: Constant Power B: Demand Power C: Demand Power with Regulation Vo Output 06: 6 VDC 12: 12 VDC 14: 14 VDC Vr Reg. Output 00: 33: 50: 12: N/A 3.3 VDC 5.0 VDC 12.0 VDC Option
Ex: BPS200C-1250: standby module, 2W series with demand power adjustable up to 2W, Vo = 12V, Vr = 5.0V regulated Part Number BPS200A-0600 BPS200A-1200 BPS200A-1400 BPS200B-0600 BPS200B-1200 BPS200B-1400 BPS200C-0633 BPS200C-0650 BPS200C-1250 BPS200C-1412 Demand Power with Regulation Demand Power Power Configuration Constant Power Vo 6 VDC 12 VDC 14 VDC 6 VDC 12 VDC 14 VDC 6 VDC 6 VDC 12 VDC 14 VDC 3.3 VDC 5.0 VDC 5.0 VDC 12 VDC N/A Vr N/A Option
Custom configurations available; contact BIAS Power Technology for specific applications
Efficiency Characteristics of Regulation
75 70 Efficiency (%) 65 60 55 50 45 0 50 100 150 200 250 Regulated Current (mA) 300 350
12Vo / 5.0Vr BPS200C-1250 6Vo / 5.0Vr BPS200C-0650 14Vo / 12.0 Vr BPS200C-1412
Package Dimensions
6Vo / 3.3Vr BPS200C-0633
Regulation Operating Range
400 350
Output Current (mA)
300 250 200 150 100 50 0 0 50
6Vo / 3.3Vr BPS200C-0633
12Vo / 5.0Vr BPS200C-1250 6Vo / 5.0Vr BPS200C-0650 14Vo / 12.0Vr BPS200C-1412
100
150
200
250
300
350
Regulated Current (mA)
Rev. 7/18/02, Page 2 of 2
BIAS Power Technology, Inc., 414 South Vermont Street, Palatine, Illinois 60067 USA Phone: 888-772-7658 USA, 847-991-8516; Fax: 847-991-8526, www.biaspower.com


▲Up To Search▲   

 
Price & Availability of BPS200C-1412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X