Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download BPC-6671 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BPC-6671
4.11 38.7 4.11 9.6
Panel PC
17" Industrial Panel PC supports Pentium 4 CPU, OSD, Wireless LAN & ARM
Ordering Guide
HS-6671
* Standard: 17" TFT Panel
2.2 9.6 0.5
2.2
47.0 47.0
Industrial ATX Motherboard BS-669 VGA to Panel Transfer Card 2W Audio Amplifier Wireless LAN Module 180W Power Supply
0.5
* Optional: 17" Touch Screen Processor System Memory Module 3.5" HDD Slim CD-ROM ARM
32.6
37.1
32.6
Specifications
0.5 2.7 47.0
4.1
4.1
38.7
Features
Aluminum chassis 17" high brightness TFT color panel display Provides Pentium 4 CPU, OSD function Built-in industrial ATX motherboard, BS-669, 180W power supply VIA VT8751A display controller VIA VT6103 10/100 Based LAN Provides one wireless LAN module AC97 3D audio controller with 2W power amplifier One COM, one parallel, two USB connectors One 3.5" HDD and one slim CD-ROM spaces Two 4cm ball bearing cooling fans Supports 17" touch screen (optional)
* System Board: Industrial ATX motherboard * CPU: PGA 478 for Intel Pentium 4 up to 2.8GHz CPU with Hyper-Threading Technology * Memory: Two DDR sockets supporting up to 2GB (optional) * OSD: BS-669 VGA to Panel transfer card, supporting OSD function * Touch Screen: 17" resistive touch screen (optional) * VGA: VIA VT8751A display controller with 8MB/16MB/32MB (default) memory * LAN: VIA VT6103 10/100 Based LAN * Wireless LAN: Provides one wireless LAN module * Audio: AC97 3D audio controller with 2W power amplifier * HDD/FDD/CD-ROM: One 3.5" HDD and one slim CD-ROM spaces * Serial Port: One serial port * Parallel: One enhanced bi-directional parallel port supporting SPP/ECP/EPP * USB: Two USB connectors * Keyboard/Mouse: PS/2 6-pin Mini DIN * BIOS: Award PnP Flash BIOS * Watchdog Timer: Once a problem is detected the system will reset the configurations and reboot the system after five sec. * Thermal System: Two 4cm ball bearing cooling fans * Power Supply: 180W power supply * Temperature: 0~50oC (operating); -20~+60oC (storage) * Dimensions: 47.0 x 37.1 x 9.68 cm
9.6 32.6
Panel Specifications
* Screen Size: 17 inches * Display Format: 1280 x 1024 pixels * Pixel Pitch: 0.264(H) x 0.264(V) m/m * Color: 262K * Brightness: 260 cd/m2 * Contrast Ratio: 450:1 * Response Timer: 16ms
R


▲Up To Search▲   

 
Price & Availability of BPC-6671

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X