Part Number Hot Search : 
B0515 80C196KC MX25L163 XMXXX APE34024 AAT8107 HY5401 1LT1G
Product Description
Full Text Search
 

To Download BP51L12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Regulator ICs
DC / DC converter unit
BP51L05 / BP51L12
The BP51L05 and BP51L12 are DC / DC converter units that use a pulse width modulation (PWM) system. They contain built-in control circuits, switching devices, rectifiers, and coils, and operate if only an I / O smoothing capacitor is connected. With a wide range of input voltage, the ICs are best suited for obtaining a stable local power source from a main power supply with a large voltage variation. FApplications Power supplies for copiers, personal computers, word processors, industrial equipment, and maintenance tools FFeatures 1) Wide range of input voltage. 2) High power conversion efficiency. FAbsolute maximum ratings
3) Heat sink unnecessary. 4) Compact SIP 9-pin package.
321
Regulator ICs
FElectrical characteristics S BP51L05 (unless otherwise noted, VI = 15V, IO = 50mA, and Ta = 25_C)
BP51L05 / BP51L12
S BP51L12 (unless otherwise noted, VI = 15V, IO = 50mA, and Ta = 25_C)
FBlock diagram and measurement circuit
322
Regulator ICs
FPin descriptions
BP51L05 / BP51L12
FOperation notes (1) Reduce output current according to an increase in ambient temperature. Use the IC within the derating curve range. (2) Sudden power increase at the input pin (pin 9) results in increased rush current, and may cause damage to the hybrid IC and overshooting of output voltage. Check for this problem, which is dependent on the rise time of input power supply and load conditions, in the actual application. As a guide, input power supply of 10ms or greater is required against rush current, and 100ms or greater against overshooting. Suppress the peak value of rush current to 2A or less.
(3) Pins 2 to 7 are ground pins that are connected to each other internally. Not all pins have to be used. (4) The IC contains no circuit to protect the output current. If short circuit is feared, use the ICP or other protection measures.
FElectrical characteristic curves SBP51L05
323
Regulator ICs
SBP51L12
BP51L05 / BP51L12
FExternal dimensions (Units: mm)
324


▲Up To Search▲   

 
Price & Availability of BP51L12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X