Part Number Hot Search : 
0444048 2SK1192 ADA4800 AN8746 MHW9267 IL3842N NJU3714 UFS160G
Product Description
Full Text Search
 

To Download BP5065C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC/DC converter
AC100V input, -12V/90mA output C100V 12V/90mA
BP5065C
Absolute Maximum Ratings
Parameter Input voltage Output current ESD endurance Operating temperature range Storage temperature range Symbol Vi Io Vsurge Topr Tstg Limits -170 90 2 -20 +85 -25 +105 Unit V mApk kV C C
Dimension(Unit : mm)
26.1MAX. 7.2MAX. Mark Side 1 2 4 6 0.50.1 1.30.2 3.0MAX P=2.540.2 2.54x8=20.32 3.2MAX. 9 0 . 2 5 0 . 0 5 4.0MAX.
Electrical Characteristics
Symbol Min. Parameter Input voltage range -113 Vi Output voltage Vo -11 Output current Io 0 - Line regulation Vr - Load regulation Vl Output ripple voltage Vp - Power conversion effciency 60 Typ. -141 -12 - 0.05 0.07 0.05 68 Max. -170 -13 90 0.15 0.20 0.15 - Unit V V mA V V Vp-p % Conditions DC(80120VAC) Vi=-141V, Io=50mA Vi=-141V 1 Vi=-113 -170V, Io=50mA Vi=-141V, Io=050mA 2 Vi=-141V, Io=50mA Vi=-141V, Io=90mA 2
Derating Curve
Derating Curve 100 90 80 70 60 50 Operation Range 40 30 20 10 0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 Ambient Temperature Ta(C) Output Current Io(mA)
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve. 2 Please refer to Load regulation, Conversion effciency.
Switching Frequency
Switching Frequency fsw(kHz) 100 90 80 70 60 50 40 30 20 10 0 0 Switching Frequency (Ta=25C, Vi=-141V)
Application circuit
BP5065C
Please note that pin No.9 side is input.
Pin No. 1 2 3 4 5 6 7 8 9 Function Output terminal Vo(-12V) Coil connect Not used Coil connect Not used COMMON Not used Not used Input terminal Vi(-141V)
41.0
15.2MAX.
10 20 30 40 50 60 70 80 90 Output Current Io(mA)
Conversion Efficiency
Conversion Efficiency (%) 80 70 60 50 40 30 20 10 0 0 Conversion Efficiency (Ta=25C, Vi=-141V)
9
D1 R1 1SR35-400A 101/4W Input AC100V 50Hz/60Hz ZNR
-
6
4
21
FUSE 0.5A C2 0.1F L1
- +
Output -12V C3 100F/50V
220V +
C1 10F/250V
60% Min-Line
Be sure to use fuse for safety.
For acutual usage, Please kindly evaluate and confirm our part mounted in your product, Especially, Please make sure to confirm whether the load current exceed Max. rated current by using the current probe. External components setting C1: Capacitor for input voltage smoothing C2: For noise terminal voltage reduction C3: Capacitor for Output voltage smooting D1: Rectifier diode Capacitance : 4.7F22F Rated voltage : 200V or higher Ripple current is 0.13Arms above. Capacitance : 0.1F0.22F Rated voltage : 200V or higher Film capacitor or ceramic capacitor. Reduce the noise terminal voltage. The constant value should be evaluated in the set. Capacitance : 100F470F Rated voltage : 25V or higher, ESR is 0.39 max. Ripple current is 0.1Arms above. Output noise voltage is influenced.Please evaluate it in the actual set. In the absolute maximum ratings, the reverse peak voltage should be 400V or higher, the average rectifying current should be 0.5A or higher, and the peak surge current should be 20A or higher. (Full-wave rectufier can be used in out part.) Coil for switching regulator. The inductance should be 1mH, the rated direct current should be 0.18A above. Otherwise heating or abnormal oscilation occurs. 1022 1/4W Reduce the noise terminal voltage.The constant value should be evaluated in set. Varistor must be used. It protects this part from lightning surge and static electricity.
10 20 30 40 50 60 70 80 90 Output Current Io(mA)
Load Regulation
Output Voltage -Vo(V)
FUSE: Fuse
Please make sure to use quick acting fuse 0.5A
13.0 12.8 12.6 12.4 12.2 12.0 11.8 11.6 11.4 11.2 11.0 0
Load Regulation (Ta=25C, Vi=-141V)
10 20 30 40 50 60 70 80 90 Output Current Io(mA)
Surface Temperature Rising
Temperature Rising T(C)
40 30 20 10 0
0
Surface Temperature Rising (Ta=25C, Vi=-141V)
L1: Choke coil
R1: For noise terminal voltage reduction ZNR: Varistor
10 20 30 40 50 60 70 80 90 Output Current Io(mA)
1/2
Precautions on Use of ROHM Power Module
Safety Precautions
1) The products are designed and produced for application in ordinary electronic equipment (AV equipment, OA equipment, telecommunication equipment, home appliances, amusement equipment etc.). If the products are to be used in devices requiring extremely high reliability (medical equipment, transport equipment, aircraft/spacecraft, nuclear power controllers, fuel controllers, car equipment including car accessories, safety devices, etc.) and whose malfunction or operational error may endanger human life and sufficient fail-safe measures, please consult with the Company's sales staff in advance. If product malfunctions may result in serious damage, including that to human life, sufficient fail-safe measures must be taken, including the following: [a] Installation of protection circuits or other protective devices to improve system safety [b] Installation of redundant circuits in the case of single-circuit failure 2) The products are designed for use in a standard environment and not in any special environments. Application of the products in a special environment can deteriorate product performance. Accordingly, verification and confirmation of product performance, prior to use, is recommended if used under the following conditions: [a] Use in various types of liquid, including water, oils, chemicals, and organic solvents [b] Use outdoors where the products are exposed to direct sunlight, or in dusty places [c] Use in places where the products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2, and NO2 [d] Use in places where the products are exposed to static electricity or electromagnetic waves [e] Use in proximity to heat-producing components, plastic cords, or othe flammable items [f] Use involving sealing or coating the products with resin or other coating materials [g] Use involving unclean solder or use of water or water-soluble cleaning agents for cleaning after soldering [h] Use of the products in places subject to dew condensation 3) The products are not radiation resistant. 4) The Company is not responsible for any problems resulting from use of the products under conditions not recommended herein. 5) The Company should be notified of any product safety issues. Moreover, product safety issues should be periodically monitored by the customer.
Precautions Regarding Application Example and External Circuits
1) If change is made to the constant of an external circuit, allow a sufficient margin due to variations of the characteristics of the products and external components, including transient characteristics, as well as static characteristics. Please be informed that the Company has not conducted investigations on whether or not particular changes in the application examples or external circuits would result in the infringement of patent rights of a third party. 2) The application examples, their constants, and other types of information contained herein are applicable only when the products are used in accordance with standard methods. Therefore, if mass production is intended, sufficient consideration to external conditions must be made.
Prohibitions Regarding Industrial Property
1) These Specifications contain information related to the Company's industrial property. Any use of them other than pertaining to the usage of appropriate products is not permitted. Duplication of these Specifications and its disclosure to a third party without the Company's permission is prohibited. 2) Information and data on products, including application examples, contained in these specifications are simply for reference; the Company does not guarantee any industrial property rights, intellectual property rights, or any other rights of a third party regarding this information or data. Accordingly, the Company does not bear any responsibility for: [a] infringement of the intellectual property rights of a third party [b] any problems incurred by the use of the products listed herein. 3) The Company prohibits the purchaser of its products to exercise or use the intellectual property rights, industrial property rights, or any other rights that either belong to or are controlled by the Company, other than the right to use, sell, or dispose of the products.
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of BP5065C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X