Part Number Hot Search : 
V20X40 TDA725 TC114T DM74AS74 BAV19 AN238 0ETTTS XC4000E
Product Description
Full Text Search
 

To Download BNC75OHM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BNC
GENERAL
50 75
DC - 4 GHz DC - 1.5 GHz (Commercial) DC - 1 GHz -
GENERAL
Standardised worlwide coaxial connectors Bayonet coupling Proven strength and reliability Good RF performance 2 ranges : BNC 50 BNC 75 D Commercial BNC D Safety BNC (please consult RADIALL) D D D D D
APPLICABLE STANDARDS
D D D D D MIL-C-39012 / MIL STD 348-A/301 IEC 169-8 CECC 22120 NF-C-93564 KBN series UTE-C-93564
APPLICATIONS
D Civil and military radio--telecommunication equipment D Test and measurement D Videocommunication D Computer network D Industrial network D General electronics
BNC 50
INTERFACE
JACK
PLUG
BNC 50
TEST/CHARACTERISTICS ELECTRICAL CHARACTERISTICS Impedance Frequency range Typical V.S.W.R. Straight models cable group : Right angle models Insertion loss RF Leakage Insulation resistance Contact resistance Working voltage in VRMS center contact outer contact at sea level (at 21 000m) MIL 2/50, 2.6/50, 5/50, 10 + 11/50, .141" 2/50, 2.6/50, 5/50, straight connector right- angle connector STANDARD REFERENCE
CHARACTERISTICS
VALUES/REMARKS
50 DC- GHz -4 1 GHz 1.12 1.13 0.05 0.08 - 55 dB min from 2 to 3 GHz 5000 M min 1.5 m 0.2 m 500 125 1500 375 1000 5000 M min 5000 M min 2.5 GHz 1.18 1.30 max 1.20 0.07 0.16 4 GHz 1.22 1.22 0.13 0.20
Dielectric withstanding voltage in VRMS at sea level (at 21 000m) RF testing voltage in VRMS sea level (5 MHz)
MECHANICAL CHARACTERISTICS Durability Force to engage and disengage axial torque Coupling nut retention force Cable retention force cable 2/50, 2.6/50 cable 5/50, 10 + 11/50 cable .141" MIL 500 matings 13.6 N max 28.6 Ncm 445 N 227 N 27.2 N
Center contact retention force ENVIRONMENTAL CHARACTERISTICS Temperature range Thermo cycling test Thermal shock Hight temperature endurance Corrosion salt spray Vibration Shock Moisture resistance Hermetic test Barometric pressure flexible cables semi- rigid cables MIL
- 65_C + 165_C - 65_C + 105_C MIL STD 202, method 107, condition B MIL STD 202, method 107, condition B MIL STD 202, method 108 MIL STD 202, method 101, condition B MIL STD 202, method 204, condition B MIL STD 202, method 213, condition G MIL STD 202, method 106 MIL STD 202, method 112, condition C vacuum 10--6 Hgmm (Torr) leakage rate <10--6 atm/cm3/s Pressure test : 3.5 bars; duration : 2 mn; temperature : 15_ C to 25 _C
BNC 50
MATERIALS Bodies Center contact Nut Insulator Gasket PLATINGS Bodies Center contacts male female
CHARACTERISTICS
Brass Brass Bronze or heat treated beryllium following QQ- -530 -CBrass PTFE Silicon rubber
Nickel Gold
POWER RATING
Standard packaging : unit
All dimensions are given in mm.


▲Up To Search▲   

 
Price & Availability of BNC75OHM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X