Part Number Hot Search : 
70430 D4235G HD6433 TC510COG ON1410 75SERIES Z86C33 B2012
Product Description
Full Text Search
 

To Download BLFA054SYCK-6V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm FLANGE BASED LED LAMP
BLFA054SYCK-6V SUPER BRIGHT YELLOW
lBUILT-IN
Features
lLONG lLOW
CURRENT.
DIRECT APPLICATION OF DIFFERENT ACROSS LIFE.
CURRENT LIMITING RESISTOR FOR
Description
The Super Bright Yellow source color devices Light Emitting Diode.
are made with DH InGaAlP on GaAs substrate
lDIFFERENT lSOLID
MAINTENANCE.
l6V INTERNAL RESISTOR.
STATE, HIGH VIBRATION RESISTANT.
COLOR AVAILABLE.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1591 APPROVED: J.LU
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/08/2003 DRAWN: Z.Y.YANG
PAGE: 1 OF 3
Selection Guide
P ar t N o . BLFA054SYC K-6V Dic e SUPER BRIGHT YELLOW ( InGaAlP ) L en s Ty p e WATER C LEAR
Mi n . 36
Iv (m c d ) V=6V
Ty p . 130
V i ew i n g An g le 21/2 110
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l p e a k 1/2 C IF IR D P ar am et er Peak Wavelength D omi nate Wavelength D ev i c e Super Bri ght Yellow Super Bri ght Yellow Ty p . 590 590 20 20 20 Max . 10 Un its nm nm nm pF mA uA Tes t C o n d i t i o n s VF=6V VF=6V VF=6V VF=0V;f=1MHz VF=6V VR =5V
Spectral Li ne Halfwi dth Super Bri ght Yellow C apaci tance ForwardC urrent Reverse C urrent Super Bri ght Yellow Super Bri ght Yellow Super Bri ght Yellow
Absolute Maximum Ratings at TA=25C
P ar am et er Power di ssi pati on Forward Voltage Reverse Voltage Operati ng Temperature Storage Temperature Su p er B r i g h t Yel l o w 140 7 5 -40 C To +70 C Un its mW V V
-40 C To + 85 C
SPEC NO: DSAD1591 APPROVED: J.LU
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/08/2003 DRAWN: Z.Y.YANG
PAGE: 2 OF 3
Super Bright Yellow
BLFA054SYCK-6V
SPEC NO: DSAD1591 APPROVED: J.LU
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/08/2003 DRAWN: Z.Y.YANG
PAGE: 3 OF 3


▲Up To Search▲   

 
Price & Availability of BLFA054SYCK-6V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X