Part Number Hot Search : 
28F016C3 BAT54AWT 20060 LA7912 10V10X1 10900 TM50D D5NK4
Product Description
Full Text Search
 

To Download BLFA054SECK-6V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm FLANGE BASED LED LAMP
BLFA054SECK-6V SUPER BRIGHT ORANGE
lBUILT-IN
Features
lLONG lLOW
CURRENT.
DIRECT APPLICATION OF DIFFERENT ACROSS LIFE.
CURRENT LIMITING RESISTOR FOR
Description
Emitting Diode.
The Super Bright Orange source color devices are made with DH InGaAlP on GaAs substrate Light
lDIFFERENT lSOLID
MAINTENANCE.
l6V INTERNAL RESISTOR.
STATE, HIGH VIBRATION RESISTANT.
COLOR AVAILABLE.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1588 APPROVED: J.LU
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/08/2003 DRAWN: Z.Y.YANG
PAGE: 1 OF 3
Selection Guide
P ar t N o . BLFA054SEC K-6V Dic e SUPER BRIGHT ORANGE(INGaAIP) L en s Ty p e WATER C LEAR Mi n . 380
Iv (m c d ) V=6V
Ty p . 760
V i ew i n g An g le 21/2 110
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l p e a k D 1/2 C IF IR P ar am et er Peak Wavelength D omi nate Wavelength
D ev i c e
Ty p . 610 601 29 15 20 -
Max . 10
Un its nm nm nm pF mA uA
Tes t C o n d i t i o n s V F =6V V F =6V V F =6V VF=0V;f=1MHz V F =6V VR =5V
Super Bri ght Orange Super Bri ght Orange
Spectral Li ne Halfwi dth Super Bri ght Orange C apaci tance Forward C urrent Reverse C urrent Super Bri ght Orange Super Bri ght Orange Super Bri ght Orange
Absolute Maximum Ratings at TA=25C
P ar am et er Power di ssi pati on Su p er B r i g h t Or an g e 140 7 5 Un its mW V V
Forward Voltage
Operati ng Temperature Storage Temperature
Reverse Voltage
-40 C To + 85 C
-40 C To +70 C
SPEC NO: DSAD1588 APPROVED: J.LU
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/08/2003 DRAWN: Z.Y.YANG
PAGE: 2 OF 3
Super Bright Orange
BLFA054SECK-6V
SPEC NO: DSAD1588 APPROVED: J.LU
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/08/2003 DRAWN: Z.Y.YANG
PAGE: 3 OF 3


▲Up To Search▲   

 
Price & Availability of BLFA054SECK-6V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X