Part Number Hot Search : 
74HC7 MC74ACT NJM2172 EH5Z1 AL5DA024 DS323 C1608 T520AE
Product Description
Full Text Search
 

To Download BLF052SYC-28V-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm FLANGE BASED LED LAMP
BLF052SYC-28V-P SUPER BRIGHT YELLOW
Features
!BUILT-IN CURRENT LIMITING RESISTOR FOR DIRECT
Description
The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
APPLICATION OF DIFFERENT ACROSS CURRENT.
!LONG LIFE. !LOW CURRENT, POWER SAVINGS. !LOW MAINTENANCE. !DIFFERENT COLOR AVAILABLE. !SOLID STATE, HIGH VIBRATION RESISTANT. !28V INTERNAL RESISTOR.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO:DSAB3310 APPROVED: J.LU
REV NO: V.2 CHECKED:Allen Liu
DATE:APR/13/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 3
Selection Guide
P ar t N o . Dic e L en s Ty p e Min . BLF052SYC-28V-P SUPER BRIGHT YELLOW(InGaAlP) WATER CLEAR 110 Iv (m c d ) V=28V Ty p . 250 V i ew i n g An g l e 2 1 / 2 45
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 IF IR P ar am et er Peak Wavelength Dominate Wavelength D ev i c e Super Bright Yellow Super Bright Yellow Ty p . 590 588 28 9.6 10 Max . Un its nm nm nm mA uA Tes t Co n d it io n s VF=12V VF=12V VF=12V VF=12V VR =5V
Spectral Line Half-width Super Bright Yellow Forward Current Reverse Current Super Bright Yellow Super Bright Yellow
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation Forward Voltage Reverse Voltage Operating Temperature Storage Temperature Su p er B r ig h t Yello w 400 30 5 -40 C To + 70 C -40 C To + 85 C Un its mW V V
SPEC NO:DSAB3310 APPROVED: J.LU
REV NO: V.2 CHECKED:Allen Liu
DATE:APR/13/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 3
Super Bright Yellow
BLF052SYC-28V-P
SPEC NO:DSAB3310 APPROVED: J.LU
REV NO: V.2 CHECKED:Allen Liu
DATE:APR/13/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 3


▲Up To Search▲   

 
Price & Availability of BLF052SYC-28V-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X