Part Number Hot Search : 
1MA15 LA5614M 001591 Z12D5 90M6T 90M6T CPDB1 CM5008CW
Product Description
Full Text Search
 

To Download BL-RX1139B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Package Part No. Material/ Emitted Color GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaP/GaP/ Hi-Eff Green GaAsP/GaP/ Yellow GaAsP/GaP/ Orange GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaP/GaP/ Hi-Eff Green GaAsP/GaP / Yellow GaAsP/GaP / Orange GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaP/GaP/ Hi-Eff Green GaAsP/GaP / Yellow GaAsP/GaP / Orange GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaP/GaP/ Hi-Eff Green GaAsP/GaP / Yellow GaAsP/GaP / Orange GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaP/GaP/ Hi-Eff Green GaAsP/GaP / Yellow GaAsP/GaP / Orange GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaP/GaP/ Hi-Eff Green GaAsP/GaP / Yellow GaAsP/GaP / Orange GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP / Yellow GaAsP/GaP / Orange GaAsP/GaAs/Red GaP/GaP/ Bright Red GaAsP/GaP/ Hi-Eff Red GaP/GaP/ Green GaAsP/GaP/ Yellow Peak Wave Length p (nm) 655 700 635 568 568 585 635 655 700 635 568 568 585 635 655 700 635 568 568 585 635 655 700 635 568 568 585 635 655 700 635 568 568 585 635 655 700 635 568 568 585 635 655 700 635 568 585 635 655 700 635 568 585 Lens Appearance
Electro-optical Data(At 20mA) Viewing Vf Iv Angle Drawing (V) (mcd) Pd If Peak 2 1/2 No. (deg) (nm) (mw) (mA) (mA) Typ Max Typ. 40 90 45 30 30 35 45 40 90 45 30 30 35 45 40 90 45 30 30 35 45 40 90 45 30 30 35 45 40 90 45 30 30 35 45 40 90 45 30 30 35 45 40 90 45 30 35 25 40 90 45 30 35 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 80 40 80 80 80 80 80 40 80 80 80 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 30 40 15 30 30 30 30 40 15 30 30 30 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 150 200 50 150 150 150 150 200 50 150 150 150 1.7 2.2 2.0 2.2 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.1 2.0 1.7 2.2 2.0 2.2 2.1 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 2.6 2.0 2.6 2.6 2.6 2.6 0.5 0.8 6.0 6.0 8.0 5.0 6.0 0.6 0.9 6.5 6.5 8.5 5.5 6.5 0.6 0.9 6.5 6.5 8.5 5.5 6.5 3.0 5.0 12.0 12.0 15.0 13.0 12.0 1.2 2.0 7.0 7.0 10.0 6.0 10.0 0.4 0.6 7.0 7.0 10.0 6.0 7.0 0.6 1.0 7.0 7.0 6.0 7.0 0.6 1.0 7.0 7.0 6.0
Absolute Maximum Ratings
1.8x5.0x 5.2mm 1.0" Lead Rectangular
1.9x5.4x 9.0mm 1.0" Lead Rectangular
1.9x5.3x 8.0mm 1.0" Lead Rectangular
2.5x7.0x 7.8mm 1.0" Lead Rectangular
2.3x7.0x 7.0mm 1.0" Lead Rectangular
4.0x7.0x 9.5mm 1.0" Lead Rectangular
5.0x5.0x 7.1mm 1.0" Lead Rectangular 5.0x5.0 9.5mm 1.0" Lead Rectangular Remark
BL-R1138A BL-R5138A BL-R4538A BL-R2138A BL-RX1138A BL-R3138A BL-R4138A BL-R1138B BL-R5138B BL-R4538B BL-R2138B BL-RX1138B BL-R3138B BL-R4138B BL-R1138C BL-R5138C BL-R4538C BL-R2138C BL-RX1138C BL-R3138C BL-R4138C BL-R1139-T BL-R5139-T BL-R4539-T BL-R2139-T BL-RX1139-T BL-R3139-T BL-R4139-T BL-R1139A BL-R5139A BL-R4539A BL-R2139A BL-RX1139A BL-R3139A BL-R4139A BL-R1139B BL-R5139B BL-R4539B BL-R2139B BL-RX1139B BL-R3139B BL-R4139B BL-R1130 BL-R5130 BL-R4530 BL-R2130 BL-R3130 BL-R4130 BL-R1130A-T BL-R5130A-T BL-R4530A-T BL-R2130A-T BL-R3130A-T
Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused Orange Diffused Red Diffused Green Diffused Yellow Diffused
125
L-097
125
L-098
125
L-099
130
L-100
130
L-101
120
L-102
150
L-103
150
L-104
1.Hi-Eff Red / High-Efficiency Red. 2.Trans / Transparent. 3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
886-2-28221522 FAX:886-2-28202309
YELLOW STONE CORP. Specifications subject to change without notice.
www.ystone.com.tw
L-097
BL-Rxx38A Series
L-098
BL-Rxx38B Series
L-099
BL-Rxx38C Series
L-100
BL-Rxx39-T Series
L-101
BL-Rxx39A Series
L-102
BL-Rxx39B Series
L-103
BL-Rxx30 Series
L-104
BL-Rxx30A-T Series
Notes
1.All Dimensions are in millimeters (inches). 2.Tolerance is A0.25mm (.010 ).
Yellow Stone corp.
886-2-28221522 FAX:886-2-28202309
YELLOW STONE CORP. Specifications subject to change without notice.
www.ystone.com.tw


▲Up To Search▲   

 
Price & Availability of BL-RX1139B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X