Part Number Hot Search : 
MP161 SCL5458 SMCJ11 SMCJ11 MC163 SB190S 402ML SN54LS15
Product Description
Full Text Search
 

To Download BH7272KV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Video ICs
Two-channel VCR PRE / REC amplifier for Digital VCRs
BH7272KV
The BH7272KV is a head amplifier developed for use in digital video cassette recorders. Both PB and REC have excellent frequency characteristics making this IC an ideal choice for digital recording and playback. The small VQFP48 package facilitates compact design of portable equipment such as video cameras.
*Applications recorders Digital video cassette *Features amplifier is a differential amplifier with 1) The playback
an overall gain of 54dB (Typ.), and has low-noise transistors as the first stage. The feedback circuit is not included, so provide negative feedback for head peak damping, and positive feedback to cancel the input capacitance using external components. 2) The playback AGC amplifier has 10dB of control range. 3) The recording current amplifier is a BLT current amplifier. Use external components to construct the head peak damping circuit. 4) Recording limit amplifier is included. Recording AGC amplifier not included. 5) The signal system VCC is 4.9V, and the control system VCC is 3.0V.
*Absolute maximum ratings (Ta = 25C)
Parameter Applied voltage Power dissipation Operating temperature Storage temperature Symbol VCC Pd Topr Tstg Limits 7.0
900
Unit V mW C C
- 20 ~ + 65 - 55 ~ + 125
When mounted on a 70mm x 70mm x 1.6mm glass epoxy board. Reduced by 9.0mW for each increase in Ta of 1C over 25 .
*Recommended operating conditions (Ta = 25C)
Parameter Signal system Control system Symbol VCC 5V VCC 3V Min. 4.6 2.8 Typ. 4.9 3.0 Max. 5.2 3.2 Unit V V Conditions 14, 19, 38, 47pin 16pin
Not designed for radiation resistance.
1
Video ICs
BH7272KV
*Block diagram
PB AGC LEVEL ADJ PB AGC FILTER AGC DET GATE PB AGC DET IN PB SW B OUT PB SW A OUT PB AGC OUT PB AGC IN PB MUTE REC IN 25 GND 26 N.C. 34
36
35
33
32
31
30
29
28
27
GND
37
DET LIMIT
24
LIMIT LEVEL adj
Vcc 4.9V
38
3rd AGC
23
LIMIT Vth adj
PB 2nd OUT A
39
22
REC LIMIT - OUT
PB 2nd OUT B
40
2nd VAMP
21
REC LIMIT + OUT
PB 2nd IN A
41
20
GND
PB 2nd IN B
42
BH7272KV
Balance Balance
19
Vcc 4.9V
PB SW - OUT
43
18
REC GATE
PB SW + OUT
44 Bias
BF
17
REC "H"
HEAD SW CTRL
45
16
Vcc 3.0V
PB "H"
46 IAMP IAMP PRE 1k 1k 10k 10k IAMP PRE IAMP
15
BIAS FILTER
Vcc 4.9V
47
14
Vcc 4.9V
REC BTL A I0adj
48
13
REC BTL B I0adj
1 REC FB + B
2 HEAD + B
3 HEAD - B
4 REC FB - B
5 GND
6 PB SW + OUT
7 PB SW - OUT
8 GND
9 REC FB - A
10 HEAD - A
11 HEAD + A
12 REC FB + A
*VCC / GND pins
Pin No. 14 8 19 20 26 38 37 47 5 16 Pin name VCC 4.9V GND VCC 4.9V GND GND VCC 4.9V GND VCC 4.9V GND VCC 3.0V REC current amplifier As above Bias, REC limiter amplifier Bias, control logic REC limiter amplifier PB amplifier, PB AGC, peak amplifier As above PB first-stage amplifier PB first-stage amplifier, REC current amplifier Control logic Function
Make sure that the voltages at VCC and GND pins does not sway. Be especially careful of the VCC and GND for the first-stage amplifier. The playback system has high gain, so take care to ensure that the output does not find its way back to the input. 2
Video ICs
BH7272KV
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = 4.9V, 3.0V and f = 4.0MHz)
Parameter Playback system Sleep-mode circuit current Circuit current Voltage gain ch-1 Voltage gain ch-2 Voltage gain differential Frequency characteristics Crosstalk PB mute attenuation AGC output level AGC control sensitivity AGC frequency characteristics Recording system Circuit current Recording current level 1 Recording current level 2 REC frequency characteristics REC mute attenuation Logic system PB holding voltage PB holding voltage REC holding voltage REC holding voltage HSW holding voltage HSW holding voltage RECGATE holding voltage RECGATE holding voltage VTH46H VTH46L VTH17H VTH17L VTH45H VTH45L VTH18H VTH18L 2.0 0.0 2.0 0.0 2.0 0.0 2.0 0.0 -- -- -- -- -- -- -- -- 3.0 1.0 3.0 1.0 3.0 1.0 3.0 1.0 V V V V V V V V Pins 46 voltage to hold PB Pin 46 voltage to hold PB Pin 17 voltage to hold REC Pin 17 voltage to hold REC Pin 45 voltage to hold HSW Pin 45 voltage to hold HSW Pin 18 voltage to hold RECGATE Pin 18 voltage to hold RECGATE Iq (R) IOR1 IOR2 IOF MUR -- 14 14 - 3.0 -- 54 20 20 0.0 - 60 80 26 26 -- - 35 mA mAP-P mAP-P dB dBc No signal Pin 11 output measurement when pin 25 input is 0.3VP-P Pin 2 output measurement when pin 25 input is 0.3VP-P f = 8.0 / 1.0MHz, pin 25 input = 0.3VP-P Pins 2, 11 output level differential Iq (S) Iq (P) GVP1 GVP2 GVP GVf CTP MUP VAGC VAGC GVAF -- -- 50 50 - 1.5 - 3.0 -- -- 230 -- - 3.0 14 34 54 54 -- 0.0 - 46 - 57 280 0.2 0.0 30 56 58 58 + 1.5 -- - 35 - 35 330 2.0 -- mA mA dB dB dB dB dBc dBc mVP-P dB dB No signal No signal Pin 35 output measurement when pin 11 input is 0.3mVP-P Pin 35 output measurement when pin 2 input is 0.3mVP-P GVP = GVP1 - GVP2 Pin 35 output level differential when f = 8.0 / 1.0MHz and VIN = 0.3mVP-P Pin 35 output level differential when for pin 45: H / L Pin 35 output level differential when pin 33 goes from L to H and pin 2 input is 0.3mVP-P Pin 27 output measurement when pin 31 input is VIN = 300mVP-P Pin 27 output level differential when pin 31 input VIN = 150 to 600mVP-P Pin 27 output level differential when f = 8.0 / 1.0MHz and pin 31 input is VIN = 300mVP-P Symbol Min. Typ. Max. Unit Conditions
Note: dBc: dB below carrier (used to express relative level from carrier reference for convenience sake)
3
Video ICs
BH7272KV
*Measurement circuit (playback system)
AGC DET GATE 0.1 PB AGC OUT PB RF OUT PB RF OUT PB AGC IN MUTE 1000p 50k 5.1k 27 26 25 REC IN
36
35
34
33
32
0.1 31
30
29
28
37
DET LIMIT
24
LIMIT LEVEL adj
Vcc 4.9V
38
3rd AGC
23
LIMIT Vth adj
39
22
40
2nd VAMP
21
41 0.1 0.1 42
20
BH7272KV
Balance Balance
19
Vcc 4.9V
43
18
REC GATE
44 Bias HEAD SW CTRL 45
BF
17
REC "H"
16
Vcc 3.0V 0.1
PB "H"
46 IAMP IAMP PRE 1k 1k 10k 10k IAMP PRE IAMP
15
Vcc 4.9V
47
14
Vcc 4.9V
I0adj
48
13
I0adj
1 0.1 1000p
2
3 0.1
4 1000p
5
6
7
8 1000p
9 0.1
10
11 0.1 10 10 PRE IN A2
12 1000p 1k
10 10
1k
1k
PRE IN B1
PRE IN B2
Fig. 1
4
PRE IN A1
1k
Video ICs
BH7272KV
*Measurement circuit (recording system)
AGC DET GATE PB AGC OUT PB RF OUT PB RF OUT PB AGC IN MUTE 0.1 REC IN 26 5.1k 27 25 1000p 30 29 50k
36
35
34
33
32
0.1 31
28
37
DET LIMIT
24
LIMIT LEVEL adj
Vcc 4.9V
38
3rd AGC
23
LIMIT Vth adj
39
22
40
2nd VAMP
21
41 0.1 0.1 42
20
BH7272KV
Balance Balance
19
Vcc 4.9V
43
18
REC GATE
44 BF Bias HEAD SW CTRL 45
17
REC "H"
16
Vcc 3V 0.1
PB "H"
46 IAMP IAMP PRE 1k 1k 10k 10k IAMP PRE IAMP
15
Vcc 4.9V
47
14
Vcc 4.9V
I0adj
48
13
I0adj
1 1000p
2 10
3
4 1000p
5
6
7
8 1000p
9
10 10
11
12 1000p
REC OUT B
REC OUT A
Fig. 2
5
Video ICs
BH7272KV
*Circuit operation (1) Control logic table
Mode PB-H 46pin REC PAUSE L L REC L L L PB H H H After recording H H H Notes Control signals REC-H 17pin L H H H H L L H H H H HSW 45pin x L L H H L H L L H H REC GATE 18pin x L H L H x x L H L H REC x 1 1 1 1 x x 1 1 1 1 REC-A x x x x 1 x x x x x 1 Circuit operation REC-B x x 1 x x x x x 1 x x PB x x x x x 1 1 1 1 1 1 PB-A x x x x x x 1 x x 1 x PB-B x x x x x 1 x 1 x x x
Low: 1V or less High: 2V or more x: Irrelevant
1: Operating x: Power save state
(2) Mute circuit
33pin MUTE 33pin Notes L H Low: 1V or less High: 2V or more Operation MUTE OFF MUTE ON --
(3) AGC DET GATE circuit
32pin AGC DET GATE 32pin Notes L H Low: 1V or less High: 2V or more Operation AGC detection on AGC detection off --
6
Video ICs
BH7272KV
*I / O circuits
Pin No. Pin name Pin voltage Equivalent internal circuit
20
Function
1 2
REC FB + B HEAD + B
2.5 (2.5) 2.5 (2.5)
5k
REC DC feedback HEAD B
2
1
20
20
3 4
HEAD - B REC FB - B
2.5 (2.5) 2.5 (2.5)
5k
HEAD B REC DC feedback
3
4
20
5
GND
--
--
GND for PB 1st stage amplifier and REC current amplifier
1k
6
PB SW + OUT
0.2 (-)
10k
6
1st stage amplifier positive phase output PB feedback
1k
1k
7
PB SW - OUT
0.2 (-)
10k
7
1st stage amplifier reverse phase output PB feedback
1k
8
GND
--
--
GND for REC current amplifier
The pin voltages in brackets are for REC mode, all others are for PB mode.
7
Video ICs
BH7272KV
Pin No.
Pin name
Pin voltage
Equivalent internal circuit
20
Function
9 10
REC FB - A HEAD - A
2.5 (2.5) 2.5 (2.5)
5k
REC DC feedback HEAD A
10
9
20
20
11 12
HEAD + A REC FB + A
2.5 (2.5) 2.5 (2.5)
5k
HEAD A REC DC feedback
11
12
20
12.8k
13
12.8k
13
REC BTL A I0adj
2.5 (3.4)
2.5k 400
HEAD A recording current adjustment
14
VCC 5V
--
--
VCC for REC current amplifier
25k
15
BIAS FILTER
2.5 (2.5)
15
Bias filter for head connection pins (pins 2, 3, 10, and 11)
25k
16
VCC 3V
--
--
VCC for logic circuits
The pin voltages in brackets are for REC mode, all others are for PB mode.
8
Video ICs
BH7272KV
Pin No.
Pin name
Pin voltage
Equivalent internal circuit
Function
15k
17
17
REC "H"
0.0 (0.0)
100k
Mode control
15k
18
18
REC GATE
0.0 (0.0)
100k
Mode control
19
VCC 5V
--
--
VCC for bias and REC limiter amplifier
20
GND
--
--
GND for bias and control logic
400 500
21
21
REC LIMIT + OUT
2.5 (2.5)
REC limiter amplifier positive phase output
400
400 500
22
22
REC LIMIT - OUT
2.5 (2.5)
REC limiter amplifier reverse phase output
400
35k
23
LIMIT Vth adj
-- (1.5)
23
15k
REC limiter amplifier input threshold level adjustment
The pin voltages in brackets are for REC mode, all others are for PB mode.
9
Video ICs
BH7272KV
Pin No.
Pin name
Pin voltage
Equivalent internal circuit
Function
70k
70k 5k
24
REC LEVEL adj
1.5 (1.5)
24
1k 30k 800
30k
REC limiter amplifier output level adjustment
500
25
REC IN
-- (1.5)
25
REC input
500
26
GND
--
--
GND for REC limiter amplifier
27
PB AGC OUT
2.4 (-)
27
Playback system AGC output
28 29
PB AGC DET IN PB AGC LEVEL adj
2.5 (-) 3.6 (3.6)
9k
7k
29
16k
28
18k
Playback system AGC detector input Playback system AGC level adjustment
30
PB AGC FILTER
-- (-)
30
Playback system AGC filter
200
31
PB AGC IN
2.5 (-)
31
2k
Playback system AGC input
The pin voltages in brackets are for REC mode, all others are for PB mode.
10
Video ICs
BH7272KV
Pin No.
Pin name
Pin voltage
Equivalent internal circuit
Function
15k
32
PB AGC GATE
0.0 (0.0)
32
PB AGC detection control
100k
15k
33
MUTE
0.0 (0.0)
33
Playback system mute control
100k
34
N.C.
--
--
--
35 36
PB SW A OUT PB SW B OUT
3.2 (-) 3.2 (-)
35
36
Playback system amplifier output
37
GND
--
--
GND for PB amplifier, AGC, and peak amplifier
38
VCC 5V
--
--
VCC for PB amplifier, AGC, and peak amplifier
39 40
PB2nd OUT B PB2nd OUT A
2.5 (-) 2.5 (-)
380
39 40
Playback system 2nd amplifier output Playback system 2nd amplifier output
The pin voltages in brackets are for REC mode, all others are for PB mode.
11
Video ICs
BH7272KV
Pin No.
Pin name
Pin voltage
Equivalent internal circuit
Function
41 42
PB2nd IN A PB2nd IN B
2.5 (-) 2.5 (-)
41
42
80 1k 1k
Playback system 2nd amplifier input Playback system 2nd amplifier input
1k
43
PB SW + OUT
2.0 (-)
43
1st stage amplifier positive phase output
1k
44
PB SW - OUT
2.0 (-)
44
1st stage amplifier reverse phase output
15k
45
45
HSW
0.0 (0.0)
100k
Mode control
15k
46
46
PB "H"
0.0 (0.0)
100k
Mode control
--
47
VCC 5V
--
--
VCC for PB 1st stage amplifier
12.8k
48
12.8k
48
REC BTL B I0adj
2.5 (3.4)
2.6k 400
HEAD B recording current adjustment
The pin voltages in brackets are for REC mode, all others are for PB mode.
12
Video ICs
BH7272KV
*Application example
AGC DET GATE PB RF OUT 50k 0.1 0.1 PB AGC OUT 1000p MUTE REC IN 26 5.1k 27 25
36
35
34
33
32
31
30
29
28
37
DET LIMIT
24
LIMIT LEVEL adj
Vcc 4.9V
38
3rd AGC
23
LIMIT Vth adj
39
22
40
2nd VAMP
21
41
20
0.1
0.1
42
BH7272KV
Balance Balance
19
Vcc 4.9V
43
18
REC GATE
44 Bias HEAD SW CTRL 45
BF
17
REC "H"
16
Vcc 3.0V 0.1
PB "H"
46 IAMP IAMP PRE 1k 1k 10k 10k IAMP PRE IAMP
15
Vcc 4.9V
47
14
Vcc 4.9V
I0adj
48
13
I0adj
1
2
3
4
5
6
7
8
9
10
11
12
1000p
1000p
1000p
1000p
HEAD A
HEAD B
Requires adjustment
Fig. 3
13
Video ICs
BH7272KV
*External dimensions (Units: mm)
9.0 0.3 7.0 0.2 36 9.0 0.3 7.0 0.2 37 48 1 1.425 0.1 0.10 25 24 13 12 0.5 0.125 0.1 0.10
0.5
0.2 0.1
VQFP48
14


▲Up To Search▲   

 
Price & Availability of BH7272KV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X