Part Number Hot Search : 
P9430 DC718B 0000F 01CA3AKR 54104 APPLE KTY82210 00101
Product Description
Full Text Search
 

To Download BGX881 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BGX881 CATV amplifier module
Product specification File under Discrete Semiconductors, SC16 February 1995
Philips Semiconductors
Philips Semiconductors
Product specification
CATV amplifier module
FEATURES * Excellent linearity * Extremely low noise * Silicon nitride passivation * Rugged construction * Gold metallization ensures excellent reliability. DESCRIPTION Hybrid amplifier module for CATV/MATV systems operating over a frequency range of 40 to 860 MHz at a voltage supply of 24 V (DC). QUICK REFERENCE DATA SYMBOL Gp Itot PARAMETER power gain total current consumption (DC) CONDITIONS f = 50 MHz VB = 24 V 12 - MIN. 13 240 MAX. PINNING - SOT115D PIN 1 2 3 4 5 6 7 8 9 Note 1. Pins 1 and 9 carry DC voltages. DESCRIPTION input; note1 common common 12 V, 60 mA supply terminal common common common +VB output; note1
page
BGX881
1 234 56 7 89
Side view
MSB041 - 2
Fig.1 Simplified outline.
UNIT dB mA
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VB Vi Tstg Tmb DC supply voltage RF input voltage storage temperature operating mounting base temperature PARAMETER - - -40 -20 MIN. 26 65 +100 +100 MAX. V dBmV C C UNIT
February 1995
2
Philips Semiconductors
Product specification
CATV amplifier module
CHARACTERISTICS Bandwidth 40 to 860 MHz; VB = 24 V; Tmb = 30 C; ZS = ZL = 75 . SYMBOL Gp SL FL S11 S22 d2 Vo F Itot Notes 1. Decreases 1.5 dB per octave. 2. fp = 349.25 MHz; Vp = 59 dBmV; fq = 403.25 MHz; Vq = 59 dBmV; measured at fp + fq = 752.5 MHz. 3. Measured according to DIN45004B: fp = 341.25 MHz; Vp = Vo; fq = 348.25 MHz; Vq = Vo -6 dB; fr = 350.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 339.25 MHz. 4. Measured according to DIN45004B: fp = 851.25 MHz; Vp = Vo; fq = 858.25 MHz; Vq = Vo -6 dB; fr = 860.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 849.25 MHz. 5. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V. power gain slope cable equivalent flatness of frequency response input return losses output return losses second order distortion output voltage noise figure total current consumption (DC) PARAMETER CONDITIONS f = 50 MHz f = 40 to 860 MHz f = 40 to 860 MHz f = 40 MHz; note 1 f = 800 to 860 MHz f = 40 MHz; note 1 f = 640 to 860 MHz note 2 dim = -60 dB; note 3 dim = -60 dB; note 4 f = 350 MHz f = 860 MHz note 5 MIN. 12 0.2 - 20 10 20 15 - 60.5 59.5 - - -
BGX881
MAX. 13 1.2 0.3 - - - - -53 - - 8.5 9 240
UNIT dB dB dB dB dB dB dB dB dBmV dBmV dB dB mA
February 1995
3
Philips Semiconductors
Product specification
CATV amplifier module
List of components (see Fig.2) COMPONENT C1, C3, C4 C2 R DESCRIPTION ceramic multilayer capacitor ceramic multilayer capacitor resistor 1 nF 1 nF (max.) 200 , 1 W
BGX881
VALUE
BGX881 1 C1 input 2 3 12 V R C2 C3 VB = 24 V
MBA998
4
5
6
7
8
9 C4 output
Pins 1 and 9 carry DC voltages.
Fig.2 Test circuit.
February 1995
4
Philips Semiconductors
Product specification
CATV amplifier module
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
BGX881
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
February 1995
5


▲Up To Search▲   

 
Price & Availability of BGX881

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X