Part Number Hot Search : 
MBR1540 H1302 SMBJ17 FDLL333 TDA72 DTA115T DTA115T BC848BW
Product Description
Full Text Search
 

To Download BFS380L6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFS380L6
NPN Silicon RF Transistor Preliminary data High current capability and low figure for wide dynamic range application Low voltage operation Ideal for low phase noise oscillators up to 3.5 GHz Low noise figure: 1.1 dB at 1.8 GHz Built in 2 transistors ( TR1, TR2: die as BFR380L3)
6 TR1 5 TR2 4
4 5 6 1 2 3
Junction temperature Ambient temperature Storage temperature Thermal Resistance Parameter Junction - soldering point2)
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA
1

P-TSLP-6-1
1 2 3
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type BFS380L6
Maximum Ratings Parameter
Marking Pin Configuration Package FC 1=C1 2=E1 3=C2 4=B2 5=E2 6=B1 TSLP-6-1
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg Symbol RthJS Value 6 15 15 2 80 14 380 150 -65 ... 150 -65 ... 150 Value 140 Unit K/W mW C mA Unit V
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation1) TS 96C
Jun-11-2003
BFS380L6
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-emitter cutoff current VCE = 15 V, VBE = 0 Collector-base cutoff current VCB = 5 V, IE = 0 Emitter-base cutoff current VEB = 1 V, IC = 0 DC current gainIC = 40 mA, VCE = 3 V hFE 60 130 200 IEBO 1 A ICBO 100 nA ICES 10 A V(BR)CEO 6 9 V Symbol min. Values typ. max. Unit
2
Jun-11-2003
BFS380L6
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. AC Characteristics (verified by random sampling) Transition frequency fT I C = 40 mA, VCE = 3 V, f = 1 GHz Collector-base capacitance VCB = 5 V, f = 1 MHz, emitter grounded Collector emitter capacitance VCE = 5 V, f = 1 MHz, base grounded Emitter-base capacitance VEB = 0.5 V, f = 1 MHz, collector grounded Noise figure I C = 8 mA, V CE = 3 V, ZS = Z Sopt, f = 1.8 GHz I C = 8 mA, V CE = 3 V, ZS = Z Sopt, f = 3 GHz Power gain, maximum available 1) I C = 40 mA, VCE = 3 V, Z S = Z Sopt , Z L = ZLopt , f = 1.8 GHz I C = 40 mA, VCE = 3 V, Z S = Z Sopt , Z L = ZLopt , f = 3 GHz Transducer gain I C = 40 mA, VCE = 3 V, Z S = Z L = 50 , f = 1.8 GHz I C = 40 mA, VCE = 3 V, Z S = Z L = 50 , f = 3 GHz Third order intercept point at output 2) VCE = 3 V, IC = 40 mA, f = 1.8 GHz, Z S = ZL = 50 1dB Compression point at output I C = 40 mA, VCE = 3 V, Z S = Z L = 50 , f = 1.8 GHz
1G 1/2 ma = |S21e / S12e | (k-(k-1) ) 2IP3 value depends on termination of all intermodulation frequency components. Termination used for this measurement is 50 from 0.1 MHz to 6 GHz
Unit max. dB GHz pF
typ. 14 0.5 0.2 1.1
-
Ccb Cce Ceb Fmin
Gma |S21e|2 IP3 -
1.3 1.9
-
12 8
dB
10 6.5 27
dBm
P-1dB
-
11.5
-
3
Jun-11-2003


▲Up To Search▲   

 
Price & Availability of BFS380L6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X