Part Number Hot Search : 
MC56F IRFP25 2725T P1011 S30T200C STC12C KT782 SH682K
Product Description
Full Text Search
 

To Download BFR181T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFR181T
NPN Silicon RF Transistor Preliminary data For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12 mA fT = 8 GHz F = 1.45 dB at 900 MHz
3
Junction temperature Ambient temperature Storage temperature
Thermal Resistance Junction - soldering point 2) RthJS
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA

2 1
VPS05996
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type BFR181T
Maximum Ratings Parameter
Marking RFs
1=B
Pin Configuration 2=E 3=C
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
Package SC75
Value 12 20 20 2 20 2 175 150 mW C mA Unit V
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation TS 79C 1)
-65 ... 150 -65 ... 150
405
K/W
1
Aug-09-2001
BFR181T
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-emitter cutoff current VCE = 20 V, VBE = 0 Collector-base cutoff current VCB = 10 V, IE = 0 Emitter-base cutoff current VEB = 1 V, IC = 0 DC current gain IC = 5 mA, VCE = 8 V hFE 50 100 200 IEBO 1 A ICBO 100 nA ICES 100 A V(BR)CEO 12 V Symbol min. Values typ. max. Unit
2
Aug-09-2001
BFR181T
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. AC characteristics (verified by random sampling) Transition frequency IC = 10 mA, VCE = 8 V, f = 500 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Collector-emitter capacitance VCE = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 2 mA, VCE = 8 V, ZS = ZSopt , f = 900 MHz f = 1.8 GHz Power gain, maximum stable 1) IC = 5 mA, VCE = 8 V, ZS = ZSopt , ZL = ZLopt , f = 900 MHz Power gain, maximum available 2) IC = 5 mA, VCE = 8 V, ZS = ZSopt , ZL = ZLopt , f = 1.8 GHz Transducer gain IC = 5 mA, VCE = 8 V, ZS = ZL = 50 , f = 900 MHz f = 1.8 GHz
1G ms 2G ma
Unit max. 0.4 dB GHz pF
typ. 8 0.26 0.17 0.3
fT Ccb Cce Ceb F
6 -
Gms -
1.45 1.8 19.5
-
Gma
-
13.5
-
|S21e|2 15.5 10.5 -
= |S21 / S12 | = |S21 / S12 | (k-(k2-1)1/2)
3
Aug-09-2001
BFR181T
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) : Transistor Chip Data IS = VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI = 0.0010519 fA 22.403 1.7631 5.1127 1.6528 6.6315 1.8168 17.028 1.0549 1.1633 2.7449 0 3 V V fF ps mA V ns BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = XTB = FC = 96.461 0.12146 16.504 0.24951 9.9037 2.1372 0.73155 0.33814 0 0.30013 0 0 0.99768 A A NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM 0.90617 12.603 0.87757 0.01195 0.69278 2.2171 0.43619 0.12571 319.69 0.082903 0.75 1.11 300 fA fA mA -
V -
V fF V eV K
deg fF -
All parameters are ready to use, no scalling is necessary. Extracted on behalf of Infineon Technologies AG by: Institut fur Mobil-und Satellitentechnik (IMST)
Package Equivalent Circuit:
L1 =
C4 C1 L2 B L3 C
0.762 0.706 0.382 62 84 180 7 40 48
L2 = L3 = C1 =
C'
B'
Transistor Chip E'
C2 = C3 = C4 = C5 = C6 =
C6
C2
L1
C3
C5
fF fF
E
EHA07524
Valid up to 6GHz
For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet: http://www.infineon.com/silicondiscretes
4
Aug-09-2001
nH nH nH fF fF fF

BFR181T
Total power dissipation Ptot = f (TS )
200
mW
160 140
P tot
120 100 80 60 40 20 0 0 120 C
20
40
60
80
100
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load Ptotmax/P totDC = f (tp)
10 3
10 2
Ptotmax / PtotDC
RthJS
10 2
10 1
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
5
Aug-09-2001
BFR181T
Collector-base capacitance Ccb = f (VCB ) f = 1MHz
Transition frequency f T = f (I C)
V CE = Parameter
0.4
pF GHz
9
10V 8V
0.3
7
5V
Ccb
6
fT
5
0.25
3V
0.2 4
2V
0.15 3 0.1 2 1 0 0
1V 0.7V
0.05
0 0
5
10
15
V
25
5
10
mA
20
VCB
IC
Power Gain Gma , Gms = f(IC )
f = 0.9GHz VCE = Parameter
22
10V dB 5V
Power Gain Gma, Gms = f(I C)
f = 1.8GHz VCE = Parameter
15
10V 5V dB 3V 3V
G ma
2V
G
16
2V
9
13
6
1V 1V
10
0.7V
3
0.7
7 0
4
8
12
mA
20
0 0
4
8
12
mA
20
IC
IC
6
Aug-09-2001
BFR181T
Power Gain Gma , Gms = f(VCE):_____
|S21|2 = f(VCE):--------f = Parameter
22
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50) VCE = Parameter, f = 900MHz
22
8V
IC=5mA
dB 0.9GHz dBm
5V
18
3V
G
16
0.9GHz 1.8GHz
IP 3
14
2V
14
10
12 6
1.8GHz
1V
10 2 8
6 0
3
6
V
12
-2 0
5
10
mA
20
VCE
IC
Power Gain Gma , Gms = f(f)
VCE = Parameter
45
dB
Power Gain |S21|2= f(f)
V CE = Parameter
25
IC=5mA
dBm
IC =5mA
35 30 15
G
25 10 20 15 10 5 0 0 5
10V
10V 5V 1V
S21
5V
0
1V
1
2
3
4
5
GHz
7
-5 0
1
2
3
4
5
GHz
7
f
f
7
Aug-09-2001


▲Up To Search▲   

 
Price & Availability of BFR181T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X