Part Number Hot Search : 
1SS352 FMMT4 18F258 2PG002 P2F00 D1556 IRFU3706 C9851BY
Product Description
Full Text Search
 

To Download BFR181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFR181
NPN Silicon RF Transistor For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12 mA fT = 8 GHz F = 1.45 dB at 900 MHz
3
Junction temperature Ambient temperature Storage temperature Thermal Resistance
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R please refer to Application Note Thermal Resistance
thJA
1
Junction - soldering point2)

2 1
VPS05161
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type BFR181
Maximum Ratings Parameter
Marking RFs 1=B
Pin Configuration 2=E
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
Package SOT23
Value 12 20 20 2 20 2 175 150 -65 ... 150 -65 ... 150 mW C mA Unit V
3=C
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation TS 91 C 1)
RthJS
335
K/W
Jul-30-2001
BFR181
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-emitter cutoff current VCE = 20 V, VBE = 0 Collector-base cutoff current VCB = 10 V, IE = 0 Emitter-base cutoff current VEB = 1 V, IC = 0 DC current gain IC = 5 mA, VCE = 8 V hFE 50 100 200 IEBO 1 A ICBO 100 nA ICES 100 A V(BR)CEO 12 V Symbol min. Values typ. max. Unit
2
Jul-30-2001
BFR181
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter AC characteristics (verified by random sampling) Transition frequency IC = 10 mA, VCE = 8 V, f = 500 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Collector-emitter capacitance VCE = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 2 mA, VCE = 8 V, ZS = ZSopt , f = 900 MHz f = 1.8 GHz Power gain, maximum stable 1) IC = 5 mA, VCE = 8 V, ZS = ZSopt , ZL = ZLopt , f = 900 MHz Power gain, maximum available 2) IC = 5 mA, VCE = 8 V, ZS = ZSopt , ZL = ZLopt , f = 1.8 GHz Transducer gain IC = 5 mA, VCE = 8 V, ZS = ZL = 50 , f = 900 MHz f = 1.8 GHz
1G ms 2G ma
Symbol min. fT Ccb Cce Ceb F Gms 6 -
Values typ. 8 0.26 0.18 0.3 max. 0.45 -
Unit
GHz pF
dB 1.45 1.8 18 -
Gma
-
11.5
-
|S21e|2 14 9 -
= |S21 / S12 | = |S21 / S12 | (k-(k2-1)1/2)
3
Jul-30-2001
BFR181
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) : Transistor Chip Data
IS = VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI =
0.0010519 fA 22.403 1.7631 5.1127 1.6528 6.6315 1.8168 17.028 1.0549 1.1633 2.7449 0 3 V V fF ps mA V ns -
BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = XTB = FC =
96.461 0.12146 16.504 0.24951 9.9037 2.1372 0.73155 0.33814 0 0.30013 0 0 0.99768
A A
NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM
0.90617 12.603 0.87757 0.01195 0.69278 2.2171 0.43619 0.12571 319.69 0.082903 0.75 1.11 300
fA fA mA -
V deg fF -
V fF V eV K
All parameters are ready to use, no scalling is necessary. Extracted on behalf of Infineon Technologies AG by: Institut fur Mobil-und Satellitentechnik (IMST)
Package Equivalent Circuit:
L BI = L BO = L EI = L EO = L CI = L CO = C BE = C CB = C CE =
0.85 0.51 0.69 0.61 0 0.49 73 84 165
fF fF
Valid up to 6GHz
For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet: http://www.infineon.com/silicondiscretes
4
Jul-30-2001
nH nH nH nH nH nH fF
BFR181
Total power dissipation Ptot = f (TS )
200
mW
160 140
P tot
TS
120 100 80 60 40 20 0 0 120 C
20
40
60
80
100
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax/P totDC = f (tp)
10 3 10 2
K/W
Ptotmax / PtotDC
-
10 2
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
5
Jul-30-2001
BFR181
Collector-base capacitance Ccb = f (VCB )
Transition frequency f T = f (I C)
V CE = Parameter
f = 1MHz
10
GHz 10V 8V 5V
0.45
pF
0.35
8 7
Ccb
0.30
fT
0.25
6
3V
5 0.20 4 0.15 3
1V 2V
0.10 0.05 0.00 0
2 1 0 0
0.7V
4
8
12
16
V
22
2
4
6
8
10
12
14 mA
17
VCB
IC
Power Gain Gma , Gms = f(IC )
f = 0.9GHz VCE = Parameter
20
Power Gain Gma, Gms = f(I C)
f = 1.8GHz VCE = Parameter
14
dB
dB 10V 5V
10V 3V
10 16
3V 2V
G
G
2V
8
14 6
1V
12 4
1V 0.7V
10
2
0.7V
8 0
2
4
6
8
10
12
14 mA
18
0 0
2
4
6
8
10
12
14 mA
18
IC
IC
6
Jul-30-2001
BFR181
Power Gain Gma , Gms = f(VCE):_____
|S21|2 = f(VCE):--------f = Parameter
20
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50) VCE = Parameter, f = 900MHz
24
dBm
IC=5mA
dB 0.9GHz
8V
20 18
5V
16
16
IP 3
3V
G
0.9GHz
14 12
2V
14 10 8
1V
12
1.8GHz
10
1.8GHz
6 4 2 0
8
6 0
2
4
6
8
V
12
-2 0
2
4
6
8
10
12
14
16
V
20
VCE
IC
Power Gain Gma , Gms = f(f)
VCE = Parameter
30
dB
Power Gain |S21|2= f(f)
V CE = Parameter
25
IC=5mA
dB
IC =5mA
26 24
G
20 18 16 14 12 10 8 6 4 0.0 0.5 1.0 1.5 2.0 2.5
10V 1V 0.7V GHz
S21
22
15
10
5
10V 1V 0.7V
3.5
0 0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
f
7
Jul-30-2001


▲Up To Search▲   

 
Price & Availability of BFR181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X