Part Number Hot Search : 
TA1814A BZX84B27 R05005 EPC1010 100307 XC4006E T141471J L78L15
Product Description
Full Text Search
 

To Download BF554 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF 554 NPN
High Frequency Transistors Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert NPN
250 mW SOT-23 (TO-236) 0.01 g
Dimensions / Mae in mm 1=B 2=E 3=C
Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCE0 VCB0 VEB0 Ptot IC ICM Tj TS
Grenzwerte (TA = 25/C) BF 554 20 V 30 V 5V 250 mW 1) 30 mA 30 mA 150/C - 65...+ 150/C
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 20 V IE = 0, VCB = 20 V, Tj = 100/C VCE = 10 V, IC = 1 mA ICB0 ICB0 hFE - - 60
Kennwerte (Tj = 25/C) Typ. - - - Max. 100 nA 10 :A 250
DC current gain - Kollektor-Basis-Stromverhaltnis 2)
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 2 01.11.2003
1
High Frequency Transistors Characteristics (Tj = 25/C) Min. Base-Emitter voltage - Basis-Emitter-Spannung 1) VCE = 10 V, IC = 1 mA Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz VCB = 10 V, IE = ie = 0, f = 1 MHz f = 200 kHz f = 1 MHz f = 100 MHz Output admittance - Ausgangs-Leitwert VCE = 10 V, IC = 1 mA, f = 0.5...10 MHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft hoe - RthA 4 :S fT CCB0 F F F - - - - - 250 MHz 0.6 pF 1.5 dB 1.2 dB 3 dB VBEon - 700 mV
BF 554 Kennwerte (Tj = 25/C) Typ. Max. - - - - - -
Collector-Base Capacitance - Kollektor-Basis-Kapazitat Noise figure - Rauschzahl at / bei VCE = 10 V, IC = 1 mA
420 K/W 2)
Marking - Stempelung
BF 554 = CC
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
3


▲Up To Search▲   

 
Price & Availability of BF554

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X