Part Number Hot Search : 
KBU4J SYABN AN7190NK 90KS200C T8208 EMK12G T8208 EMK12G
Product Description
Full Text Search
 

To Download BF1109WR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BF1109; BF1109R; BF1109WR N-channel dual-gate MOS-FETs
Product specification Supersedes data of 1997 Sep 03 File under Discrete Semiconductors, SC07 1997 Dec 08
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
FEATURES * Short channel transistor with high forward transfer admittance to input capacitance ratio * Low noise gain controlled amplifier up to 1 GHz * Internal self-biasing circuit to ensure good cross-modulation performance during AGC and good DC stabilization. APPLICATIONS * VHF and UHF applications with 9 V supply voltage, such as television tuners and professional communications equipment.
4 3
BF1109; BF1109R; BF1109WR
PINNING PIN 1 2 3 4 DESCRIPTION source drain gate 2 gate 1
Top view
MSB035
handbook, 2 columns 3
4
2
1
BF1109R marking code: NBp.
Fig.2
Simplified outline (SOT143R).
fpage
3
4
DESCRIPTION Enhancement type N-channel field-effect transistor with source and substrate interconnected. Integrated diodes between gates and source protect against excessive input voltage surges. The BF1109, BF1109R and BF1109WR are encapsulated in the SOT143B, SOT143R and SOT343R plastic packages respectively. QUICK REFERENCE DATA SYMBOL VDS ID Ptot yfs Cig1-ss Crss F Xmod Tj PARAMETER drain-source voltage drain current (DC) total power dissipation forward transfer admittance input capacitance at gate 1 reverse transfer capacitance noise figure cross-modulation operating junction temperature CAUTION This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B. f = 1 MHz f = 800 MHz Tamb 80 C CONDITIONS MIN. - - - - - - - - TYP. - - - 30 2.2 25 1.5 - - MAX. 11 30 200 - 2.7 40 2.5 - 150 UNIT V mA mW mS pF fF dB dBV C
1 Top view
2
MSB014
2 Top view
1
MSB842
BF1109 marking code: NFp.
BF1109WR marking code: NB.
Fig.1
Simplified outline (SOT143B).
Fig.3
Simplified outline (SOT343R).
input level for k = 1% at 40 dB AGC 100
1997 Dec 08
2
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDS ID IG1 IG2 Ptot Tstg Tj Note 1. Device mounted on a printed-circuit board. PARAMETER drain-source voltage drain current (DC) gate 1 current gate 2 current total power dissipation storage temperature operating junction temperature Tamb 80 C; note 1
BF1109; BF1109R; BF1109WR
CONDITIONS - - - - -
MIN.
MAX. 11 30 10 10 200 +150 +150 V
UNIT mA mA mA mW C C
-65 -
MGM243
handbook, halfpage
250
Ptot (mW)
200
150
100
50
0 0 40 80 120 160 Tamb (C)
Fig.4 Power derating curve.
1997 Dec 08
3
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
THERMAL CHARACTERISTICS SYMBOL Rth j-a Rth j-s Note 1. Device mounted on a printed-circuit board. STATIC CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)DSS PARAMETER drain-source breakdown voltage PARAMETER thermal resistance from junction to ambient in free air thermal resistance from junction to soldering point
BF1109; BF1109R; BF1109WR
CONDITIONS note 1
VALUE 350 200
UNIT K/W K/W
CONDITIONS VG1-S = VG2-S = 0; ID = 10 A VG2-S = 0; IG1-S = 10 A; ID = 0 VG1-S = VDS = 0; IG2-S = 10 A VG1-S = 9 V; VDS = 9 V; ID = 20 A VG2-S = 4 V; VDS = 9 V VG1-S = 9 V; VG2-S = 0; ID = 0 VG1-S = VDS = 0; VG2-S = 9 V
MIN. 11 11 11 0.3 8 - -
MAX. - - - 1.2 16 20 20
UNIT V V V V mA nA nA
V(BR)G1-SS gate 1-source breakdown voltage V(BR)G2-SS gate 2-source breakdown voltage VG2-S (th) IDSX IG1-SS IG2-SS gate 2-source threshold voltage self-biasing drain current gate 1 cut-off current gate 2 cut-off current
DYNAMIC CHARACTERISTICS Common source; Tamb = 25 C; VG2-S = 4 V; VDS = 9 V; self-biasing current; unless otherwise specified. SYMBOL yfs Cig1-ss Cig2-ss Coss Crss F Gp PARAMETER forward transfer admittance input capacitance at gate 1 input capacitance at gate 2 output capacitance noise figure power gain f = 1 MHz f = 1 MHz f = 1 MHz f = 800 MHz; YS = YS opt GS = 2 mS; BS = BS opt; GL = 0.5 mS; BL = BL opt; f = 200 MHz; see Fig.16 GS = 3.3 mS; BS = BS opt; GL = 1 mS; BL = BL opt; f = 800 MHz; see Fig.17 Xmod cross-modulation input level for k = 1% at 0 dB AGC; fw = 50 MHz; funw = 60 MHz; see Fig.18 input level for k = 1% at 40 dB AGC; fw = 50 MHz; funw = 60 MHz; see Fig.18 CONDITIONS pulsed; Tj = 25 C MIN. 24 - - - - - - - 85 100 TYP. 30 2.2 1.5 1.3 25 1.5 38 20 - - MAX. - 2.7 - - 40 2.5 - - - - UNIT mS pF pF pF fF dB dB dB dBV dBV
reverse transfer capacitance f = 1 MHz
1997 Dec 08
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
handbook, halfpage
25
MDA613
handbook, halfpage
40
MDA614
ID (mA)
ID (mA) VG1 = 1.6 V 1.5 V 30 VG2-S = 4 V 3.5 V 3V 2.5 V
20
15 1.4 V 10 1.3 V 1.2 V 5 1.1 V 1V 0 0 2 4 6 8 10 VDS (V) 0 0 0.5 1 1.5 2 20
2V 10 1.5 V 1V 2.5 VG1 (V)
VG2-S = 4 V. Tj = 25 C.
VDS = 9 V. Tj = 25 C.
Fig.5 Output characteristics; typical values.
Fig.6 Transfer characteristics; typical values.
MDA615
handbook, halfpage
40
handbook, halfpage
16
MDA616
yfs (mS) 30
VG2-S = 4 V 3.5 V
ID (mA) 12
(1) (2) (3)
3V 20 8
(4)
10
4
2V 0 0 10 20
2.5 V 0 ID (mA) 30 0 1 2 3 4 5 VG2-S (V)
VDS = 9 V. Tj = 25 C.
(1) VDS = 9 V. (2) VDS = 7 V.
(3) VDS = 5 V. (4) VDS = 3 V.
Fig.7
Forward transfer admittance as a function of drain current; typical values.
Fig.8
Drain current as a function of gate 2 voltage; typical values.
1997 Dec 08
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
handbook, halfpage
16
MDA617
MDA618
handbook, halfpage
16
ID (mA) 12
ID (mA) 12
8
8
4
4
0 0 2 4 6 8 10 VDS (V)
0
-8
-6
-4
-2
IG1 (A)
0
VG2-S = 4 V. Tj = 25 C.
VDS = 9 V; VG2-S = 4 V; Tj = 25 C.
Fig.9
Drain current as a function of drain-source voltage; typical values.
Fig.10 Drain current as a function of gate 1 current; typical values.
handbook, halfpage
120
MDA619
Vunw (dBV) 110
100
90
80 0 20 40 60 gain reduction (dB)
VDS = 9 V; VG2nom = 4 V; IDnom = 12 mA; fw = 50 MHz; funw = 60 MHz; Tamb = 25 C.
Fig.11 Unwanted voltage for 1% cross-modulation as a function of gain reduction; typical values (see Fig.18).
1997 Dec 08
6
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
102 handbook, halfpage yis (mS) 10
MDA620
103 handbook, halfpage |yrs| (mS) 102 |yrs|
MDA621
-103 rs (deg) -102
bis 1 rs 10-1 gis 10 -10
10-2 10
102
f (MHz)
103
1 10
102
-1 103 f (MHz)
VDS = 9 V; VG2-S = 4 V. ID = 12 mA; Tamb = 25 C.
VDS = 9 V; VG2-S = 4 V. ID = 12 mA; Tamb = 25 C.
Fig.12 Input admittance as a function of frequency; typical values.
Fig.13 Reverse transfer admittance and phase as a function of frequency; typical values.
102 handbook, halfpage |yfs| (mS)
MDA622
-102 fs (deg)
MDA623
handbook, halfpage
10
|yfs|
yos (mS) 1 bos
10
fs
-10 10-1 gos
1 10
102
f (MHz)
-1 103
10-2 10
102
f (MHz)
103
VDS = 9 V; VG2-S = 4 V. ID = 12 mA; Tamb = 25 C.
VDS = 9 V; VG2-S = 4 V. ID = 12 mA; Tamb = 25 C.
Fig.14 Forward transfer admittance and phase as a function of frequency; typical values.
Fig.15 Output admittance as a function of frequency; typical values.
1997 Dec 08
7
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
handbook, full pagewidth
VAGC 1 nF
VDS
1 nF
2 H 1 nF 1 nF 47 k L2 D BF1109 BF1109R BF1109WR S 10 pF output 50
1 nF 5.5 pF input 50
G2 G1
C1 L1 1 nF
15 pF BB405 330 k 1 nF Vtun input
BB405
330 k 1 nF
Vtun output
MDA624
VDS = 9 V, GS = 2 mS, GL = 0.5 mS, f = 200 MHz. L1 = 45 nH, 4 turns, internal diameter = 4 mm, 0.8 mm copper wire. L2 = 160 nH, 3 turns, internal diameter = 8 mm, 0.8 mm copper wire; tapped at approximately half a turn from the cold side, to set GL = 0.5 mS. C1 adjusted for GS = 2 mS.
Fig.16 Gain test circuit.
handbook, full pagewidth
VAGC 1 nF
VDS 1 nF
47 k
input 50
1 nF
,,,
1 nF L1 2 to 18 pF
G2 G1 BF1109 BF1109R BF1109WR
D S
0.5 to 3.5 pF
,,,, ,,,,
L3 L2 0.5 to 3.5 pF
1 nF
output 50
4 to 40 pF
MDA625
VDS = 9 V, GS = 3.3 mS, GL = 1 mS, f = 800 MHz. L1 = 2 cm, silvered 0.8 mm copper wire 4 mm above ground plane. L2 = 2 cm, silvered 0.8 mm copper wire 4 mm above ground plane. L3 = 11 turns 0.5 mm copper wire without spacing, internal diameter = 3 mm, L = approx. 200 nH.
Fig.17 Gain test circuit.
1997 Dec 08
8
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
handbook, full pagewidth
VG2
VDS 4.7 nF
10 k 4.7 nF 10 nF Rgen 50 Vi 50
47 H D S 10 nF
G2 BF1109 BF1109R G1 BF1109WR
R1 = 50
MDA626
Fig.18 Cross-modulation test set-up.
Table 1 f (MHz) 50 100 200 300 400 500 600 700 800 900 1000 Table 2
Scattering parameters: VDS = 9 V; VG2-S = 4 V; ID = 12 mA S11 MAGNITUDE (ratio) 0.995 0.992 0.984 0.973 0.961 0.944 0.926 0.906 0.887 0.868 0.852 ANGLE (deg) -3.71 -7.29 -14.3 -21.2 -27.9 -34.4 -40.8 -46.9 -52.9 -58.8 -64.3 S21 MAGNITUDE (ratio) 3.013 3.002 2.967 2.922 2.869 2.793 2.730 2.660 2.605 2.527 2.457 ANGLE (deg) 175.0 170.2 160.7 151.3 142.0 132.9 124.1 1115.3 106.5 97.8 89.6 S12 MAGNITUDE (ratio) 0.000 0.001 0.002 0.002 0.003 0.003 0.003 0.003 0.004 0.004 0.004 ANGLE (deg) 88.2 83.7 86.2 83.2 84.1 85.7 88.4 94.6 107.2 114.9 129.7 S22 MAGNITUDE (ratio) 0.998 0.997 0.995 0.992 0.990 0.987 0.985 0.983 0.981 0.977 0.9377 ANGLE (deg) -1.8 -3.5 -7.0 -10.5 -13.9 -17.2 -20.5 -23.7 -26.8 -30.0 -33.1
Noise data: VDS = 9 V; VG2-S = 4 V; ID = 12 mA f (MHz) 800 Fmin (dB) 1.5 opt (ratio) 0.684 9 (deg) 40.94 Rn () 40.4
1997 Dec 08
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
PACKAGE OUTLINES Plastic surface mounted package; 4 leads
BF1109; BF1109R; BF1109WR
SOT143B
D
B
E
A
X
y vMA HE
e bp wM B
4
3
Q
A
A1 c
1
b1 e1
2
Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max 0.1 bp 0.48 0.38 b1 0.88 0.78 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 1.7 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT143B
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
1997 Dec 08
10
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
Plastic surface mounted package; reverse pinning; 4 leads
SOT143R
D
B
E
A
X
y vMA HE
e bp wM B
3
4
Q
A
A1 c
2
b1 e1
1
Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max 0.1 bp 0.48 0.38 b1 0.88 0.78 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 1.7 HE 2.5 2.1 Lp 0.55 0.25 Q 0.45 0.25 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT143R
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-03-10
1997 Dec 08
11
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
Plastic surface mounted package; reverse pinning; 4 leads
SOT343R
D
B
E
A
X
y
HE e
vMA
3
4
Q
A A1 c
2
wM B bp e1 b1
1
Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.4 0.3 b1 0.7 0.5 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 1.15 HE 2.2 2.0 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT343R
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-05-21
1997 Dec 08
12
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BF1109; BF1109R; BF1109WR
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Dec 08
13
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
NOTES
BF1109; BF1109R; BF1109WR
1997 Dec 08
14
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
NOTES
BF1109; BF1109R; BF1109WR
1997 Dec 08
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA55
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
117067/00/02/pp16
Date of release: 1997 Dec 08
Document order number:
9397 750 02954


▲Up To Search▲   

 
Price & Availability of BF1109WR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X