Part Number Hot Search : 
BM29F 7401B4B2 RWA220M5 TC554161 C8621 DTA124EK C8621 LTC5527
Product Description
Full Text Search
 

To Download BD30A8X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD25A-AC Series
BD25A-AC SERIES BRUSHLESS SERVO AMPLIFIERS Model: BD25A20AC 120 VAC, 50-60 Hz, Single Supply Operation
FEATURES: * * * * * * * Surface-mount technology Small size, low cost, ease of use Input signal isolation Hall sensor input isolation Four quadrant regenerative operation Hall sensor commutation Agency Approvals:
BLOCK DIAGRAM:
ADVANCED MOTION CONTROLS 3805 Calle Tecate, Camarillo, CA 93012 Tel: (805) 389-1935, Fax: (805) 389-1165 B-25
BDC30A Series
DESCRIPTION: The BD25A20AC Series PWM servo amplifiers are designed to drive brushless DC motors at a high switching frequency. They are fully protected against over-voltage, over-current, over-heating and short-circuits. All models interface with digital controllers that have a digital PWM output. PWM IN determines the output duty cycle. DIR IN determines the direction of rotation. They require a single AC power supply. A single red/green LED indicates operating status. The current limit can be set by DIP switches. SPECIFICATIONS: All BD25A20AC specifications are identical to the BD25A20 specifications (see BD30A Series) except for:
MODEL POWER STAGE SPECIFICATIONS AC SUPPLY VOLTAGE SHUNT RESISTOR SHUNT SWITCH ON VOLTAGE BUS CAPACITANCE SHUNT FUSE (d = .25 inches, L = 1.25 inches) BUS FUSE (5x20 mm) BD25A20AC 30 - 125 VAC, 50 - 60 Hz 10 @ 50 W 185 VDC 3600 F 3 A Motor Delay rated @ 250 VAC 16 A slow-blow rated @ 250 VAC
MECHANICAL SPECIFICATIONS POWER CONNECTOR SIGNAL CONNECTOR SIZE Screw terminals Molex connector
7.35 x 4.23 x 2.45 inches
186.7 x 107.4 x 62.2 mm
WEIGHT
2.5 lb.
1.14 kg
These amplifiers contain a rectifier bridge and filter capacitors to generate the DC bus internally from the AC input power. The DC bus voltage is 1.4 times AC voltage (RMS), e.g. 170 VDC from 120 VAC. During braking much of the stored mechanical energy is fed back into the power supply and charges the output capacitor to a higher voltage. If the charge reaches the amplifier's over-voltage shutdown point, output current and braking will cease. To ensure smooth braking of large inertial loads, a built-in "shunt regulator" is provided in the BD25A20AC. The shunt regulator will switch-on the internal power resistor when the bus voltage reaches 185 VDC. This resistor then dissipates the extra energy of the DC bus. APPLICATION NOTE: Contact factory for information regarding the use of the current monitor pin (P1-15). OPTICAL INPUT SIGNAL ISOLATION: PWM, DIR, INH, FAULT inputs are always isolated from the power section. On the BD25A20AC series the Hall sensor inputs (P1-10 through 14) are also isolated. ORDERING INFORMATION: Models: BD25A20ACX X indicates the current revision letter. TYPICAL SYSTEM WIRING: See section "G". MOUNTING DIMENSIONS: See page F-11.
B-26
BD30A Series
BD30A SERIES BRUSHLESS SERVO AMPLIFIERS Models: BD30A8, BD25A20
FEATURES: * * * * * * Surface-mount technology Small size, low cost, ease of use Input signal isolation Four quadrant regenerative operation Hall sensor commutation Agency Approvals:
BLOCK DIAGRAM:
ADVANCED MOTION CONTROLS 3805 Calle Tecate, Camarillo, CA 93012 Tel: (805) 389-1935, Fax: (805) 389-1165
B-17
BD30A Series DESCRIPTION: The BD30A Series PWM servo amplifiers are designed to drive brushless DC motors at a high switching frequency. They are fully protected against over-voltage, over-current, over-heating and short-circuits. All models interface with digital controllers that have a digital PWM output. PWM IN determines the output duty cycle. DIR IN determines the direction of rotation. A single red/green LED indicates operating status. The current limit can be set by DIP switches. SPECIFICATIONS: MODELS POWER STAGE SPECIFICATIONS DC SUPPLY VOLTAGE PEAK CURRENT (2 sec. max., internally limited) MAX. CONTINUOUS CURRENT (internally limited) MINIMUM LOAD INDUCTANCE* SWITCHING FREQUENCY HEATSINK (BASE) TEMPERATURE RANGE POWER DISSIPATION AT CONT. CURRENT OVER-VOLTAGE SHUT-DOWN (self reset) BD30A8 20 - 80 V 30 A 15 A 200 H 5 - 20 kHz 15% 0o to +65o C, disables if > 65o C 60 W 86 V 125 W 195 V BD25A20 40 - 190 V 25 A 12.5 A 250 H
MECHANICAL SPECIFICATIONS POWER CONNECTOR SIGNAL CONNECTOR SIZE Screw terminals Molex connector 7.35 x 4.40 x 1.00 inches 186.7 x 111.7 x 25.4 mm 1.5 lb. 0.68 kg
WEIGHT
* Low inductance motors require external inductors.
B-18
BD30A Series PIN FUNCTIONS: CONNECTOR PIN 1 2 3 4 5 6 7 8 P1 9 10 11 12 13 14 15 16 1 2 P2 3 4 5 NAME PWM+ PWMDIR+ DIRINH+ INH+FAULT -FAULT +5 IN +V HALL OUT GND HALL 1 HALL 2 HALL 3 CURRENT MONITOR OUT Reserved MOTOR A MOTOR B MOTOR C POWER GND HIGH VOLTAGE Motor phase A connection Motor phase B connection Motor phase C connection Power ground DC power input O O O GND I DESCRIPTION / NOTES Same as pin 9 Pulse width modulated digital input Same as pin 9 Direction input Same as pin 9 Pull low to enable Output transistor turns on and becomes high during output short circuit, over-voltage, over temperature, inhibit, and during power-up reset. Fault condition indicated by red LED. +5 V @ 150 mA in to drive opto coupler inputs. Power for HALL sensors, Short circuit protected, + 6 V @ 30 mA. See optical signal isolation option below. HALL sensor inputs, logic levels, internal 5 K pullup. Maximum low level input is 1.5 V, Minimum high level input is 3.5 V. See optical signal isolation option below. Current monitor. This signal is proportional to the actual current in the motor leads. See current limit adjustments section below for scaling. I/O I I I I I I
O I O GND
I
O
B-19
BD30A Series SET-UP: See section "G" for engineering and installation notes. CURRENT LIMIT ADJUSTMENTS: These amplifiers feature peak and continuous current limit adjustments. DIP switches reduce both peak and continuous current limit. The ratio of peak/continuous current limit is fixed (50%). The switches also adjust the scaling of CURRMONITOR output. Peak current (% of max.) 100 % 50 % 25 % 12.5 % Continuous current (% of max. cont.) 100 % 50 % 25 % 12.5 %
SW1 ON ON ON OFF
SW2 ON ON OFF OFF
SW3 ON OFF OFF OFF
Current Monitor Scaling 4 A/V 2 A/V 1 A/V 0.5 A/V
The actual current can be monitored at pin P1-15 and is referenced to POWER GND P2-4. OPTICAL INPUT SIGNAL ISOLATION: PWM, DIR, INH, FAULT inputs are always isolated from the power section. If the isolation option is selected the Hall sensor inputs (P1-10 through 14) are also isolated. If the isolated version is not ordered, an isolated power supply should be used with this series of amplifiers. ORDERING INFORMATION: Models: BD30A8X, BD25A20X With isolation: Models: BD30A8IX, BD25A20IX X indicates the current revision letter. MOUNTING DIMENSIONS: See page F-9.
B-20
Mounting Dimensions
F-11


▲Up To Search▲   

 
Price & Availability of BD30A8X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X