Part Number Hot Search : 
JMB381 TBB1004 1KSMBJ27 100E1 MAX501 UPC1891A SC114 A330MC
Product Description
Full Text Search
 

To Download BD241C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD241, BD241A, BD241B, BD241C NPN SILICON POWER TRANSISTORS

Designed for Complementary Use with the BD242 Series 40 W at 25C Case Temperature 3 A Continuous Collector Current 5 A Peak Collector Current Customer-Specified Selections Available
B C E
TO-220 PACKAGE (TOP VIEW)
1 2 3
Pin 2 is in electrical contact with the mounting base.
MDTRACA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING BD241 Collector-emitter voltage (RBE = 100 ) BD241A BD241B BD241C BD241 Collector-emitter voltage (IC = 30 mA) BD241A BD241B BD241C Emitter-base voltage Continuous collector current Peak collector current (see Note 1) Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Unclamped inductive load energy (see Note 4) Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTES: 1. 2. 3. 4. VEBO IC ICM IB Ptot Ptot 1/2LIC2 Tj Tstg TL V CEO VCER SYMBOL VALUE 55 70 90 115 45 60 80 100 5 3 5 1 40 2 32 -65 to +150 -65 to +150 250 V A A A W W mJ C C C V V UNIT
This value applies for tp 0.3 ms, duty cycle 10%. Derate linearly to 150C case temperature at the rate of 0.32 W/C. Derate linearly to 150C free air temperature at the rate of 16 mW/C. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 , VBE(off) = 0, RS = 0.1 , VCC = 20 V.
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
1
BD241, BD241A, BD241B, BD241C NPN SILICON POWER TRANSISTORS
electrical characteristics at 25C case temperature
PARAMETER Collector-emitter breakdown voltage TEST CONDITIONS BD241 V(BR)CEO IC = 30 mA (see Note 5) VCE = 55 V ICES Collector-emitter cut-off current Collector cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter voltage Small signal forward current transfer ratio Small signal forward current transfer ratio VCE = 70 V VCE = 90 V VCE = 115 V ICEO IEBO hFE V CE(sat) VBE hfe VCE = 30 V VCE = 60 V VEB = VCE = VCE = IB = VCE = 5V 4V 4V 0.6 A 4V VBE = 0 VBE = 0 VBE = 0 VBE = 0 IB = 0 IB = 0 IC = 0 IC = IC = IC = IC = 1A 3A 3A 3A (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) f = 1 kHz f = 1 MHz 20 3 25 10 1.2 1.8 V V IB = 0 BD241A BD241B BD241C BD241 BD241A BD241B BD241C BD241/241A BD241B/241C MIN 45 60 80 100 0.2 0.2 0.2 0.2 0.3 0.3 1 mA mA mA V TYP MAX UNIT
VCE = 10 V VCE = 10 V
IC = 0.5 A IC = 0.5 A
|hfe |
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 3.125 62.5 UNIT C/W C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton toff
TEST CONDITIONS IC = 1 A VBE(off) = -3.7 V IB(on) = 0.1 A RL = 20
MIN IB(off) = -0.1 A tp = 20 s, dc 2%
TYP 0.3 1
MAX
UNIT s s
Turn-on time Turn-off time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
2
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BD241, BD241A, BD241B, BD241C NPN SILICON POWER TRANSISTORS
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
1000 VCE = 4 V tp = 300 s, duty cycle < 2%
TCS631AH
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 10
TCS631AB
TC = 25C TC = 80C
hFE - DC Current Gain
1*0
100
0*1 IC = IC = IC = IC = 0*01 0*1 100 mA 300 mA 1A 3A 1*0 10 100 1000
10 0*01
0*1
1*0
10
IC - Collector Current - A
IB - Base Current - mA
Figure 1.
Figure 2.
BASE-EMITTER VOLTAGE vs COLLECTOR CURRENT
1*0 VCE = 4 V TC = 25C VBE - Base-Emitter Voltage - V 0*9
TCS631AC
0*8
0*7
0*6
0*5 0*01
0*1
1*0
10
IC - Collector Current - A
Figure 3.
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
3
BD241, BD241A, BD241B, BD241C NPN SILICON POWER TRANSISTORS
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
100
SAS631AG
IC - Collector Current - A
10
tp = 300 s, d = 0.1 = 10% tp = 1 ms, d = 0.1 = 10% tp = 10 ms, d = 0.1 = 10% DC Operation
1*0
0*1
BD241 BD241A BD241B BD241C 10 100 1000
0*01 1*0
VCE - Collector-Emitter Voltage - V
Figure 4.
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
50 Ptot - Maximum Power Dissipation - W
TIS631AA
40
30
20
10
0 0 25 50 75 100 125 150 TC - Case Temperature - C
Figure 5.
4
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
BD241, BD241A, BD241B, BD241C NPN SILICON POWER TRANSISTORS
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE
JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice.
NOITAMROFNI
TCUDORP
5


▲Up To Search▲   

 
Price & Availability of BD241C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X