Part Number Hot Search : 
5N2004 IM802 33201 B3300 13003F OPI125 DS4404N HF33F
Product Description
Full Text Search
 

To Download BD238 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BD235 BD236 BD237 BD238
COMPLEMENTARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED SALESTYPES
DESCRIPTION The BD235 and BD237 are silicon epitaxial-base NPN power transistors in Jedec SOT-32 plastic package inteded for use in medium power linear and switching applications. The complementary PNP types are BD236 and BD238 respectively. SOT-32
3
2
1
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter NPN PNP V CBO V CER V CEO V EBO IC I CM P tot T stg Tj Collector-Base Voltage (I E = 0) Collector-Base Voltage (R BE = 1K) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p < 5 ms) Total Dissipation at T c = 25 C Storage Temperature Max. Operating Junction Temperature
o
Value BD235 BD236 60 60 60 5 2 6 25 -65 to 150 150 BD237 BD238 100 100 80
Unit
V V V V A A W
o o
C C
For PNP types voltage and current values are negative.
February 2003
1/5
BD235 BD236 BD237 BD238
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 5
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I EBO Parameter Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = rated V CEO V CE = rated V CEO V EB = 5 V I C = 100 mA for BD235 / BD236 for BD237 / BD238 IC = 1 A IC = 1 A I C = 150 mA IC = 1 A I C = 250 mA I C = 150 mA I B = 0.1 A V CE = 2 V V CE = 2 V V CE = 2 V V CE = 10 V V CE = 2 V 40 25 3 1.6 MHz T c = 150 o C Min. Typ. Max. 0.1 2 1 Unit mA mA mA
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) V BE h FE fT Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current Gain Transition frequency
60 80 0.6 1.3
V V V V
h FE1 /h FE2 Matched Pairs
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area
Derating Curve
2/5
BD235 BD236 BD237 BD238
DC Current Gain (NPN type) DC Current Gain (PNP type)
Collector-Emitter Saturation Voltage (NPN type)
Collector-Emitter Saturation Voltage (PNP type)
Base-Emitter Saturation Voltage (NPN type)
Collector-Base Capacitance (PNP type)
3/5
BD235 BD236 BD237 BD238
SOT-32 (TO-126) MECHANICAL DATA
mm MIN. A B b b1 C c1 D e e3 F G H H2 I O V 2.15 1.27 0.3 10
o
DIM. 7.4 10.5 0.7 0.40 2.4 1.0 15.4
inch MAX. 7.8 10.8 0.9 0.65 2.7 1.3 16.0 MIN. 0.291 0.413 0.028 0.015 0.094 0.039 0.606 0.087 0.173 0.150 3.2 2.54 0.084 0.05 0.011 10o 0.118 0.126 0.100 TYP. MAX. 0.307 0.425 0.035 0.025 0.106 0.051 0.630
TYP.
2.2 4.4 3.8 3
1: Base 2: Collector 3: Emitter
0016114/B
4/5
BD235 BD236 BD237 BD238
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of BD238

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X